Electronic Components Datasheet Search
  English  ▼

X  

LTC2686 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC2686
Description  8-Channel, 12-/16-Bit Voltage Output SoftSpan DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2686 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC2686 Datasheet HTML 35Page - Analog Devices LTC2686 Datasheet HTML 36Page - Analog Devices LTC2686 Datasheet HTML 37Page - Analog Devices LTC2686 Datasheet HTML 38Page - Analog Devices LTC2686 Datasheet HTML 39Page - Analog Devices LTC2686 Datasheet HTML 40Page - Analog Devices LTC2686 Datasheet HTML 41Page - Analog Devices LTC2686 Datasheet HTML 42Page - Analog Devices LTC2686 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Data Sheet
LTC2686
THEORY OF OPERATION
analog.com
Rev. A | 39 of 45
when sourcing or sinking up to 55 mA with supply headroom as low
as 2.0 V.
DC output impedance is equivalent to load regulation, and can be
derived from it by simply calculating a change in units from µV/mA
to Ω. The dc output impedance of the amplifier is typically 0.01 Ω
when driving a load with at least 2.0 V of headroom.
When drawing a load current from either rail, the output voltage
headroom with respect to that rail is limited by the typical channel
resistance of the output devices—20 Ω for the high-side output
device and 10 Ω for the low-side output device. Worst case chan-
nel resistances for the high-side and low-side output devices are
estimated to be 36 Ω and 26 Ω, respectively. For example, when
sourcing 1 mA, the maximum output voltage (below Vx+) is 20 Ω
× 1 mA = 20 mV. See Figure 10 and Figure 11 in the Typical
Performance Characteristics section. The amplifiers are stable,
driving capacitive loads of up to 1 nF. If higher capacitive loads are
needed, the compensation pins can be used to stabilize the DAC
output amplifiers (see the Compensation Pins section).
THERMAL OVERLOAD PROTECTION
The LTC2686 protects itself from damage if the die temperature
exceeds 160°C. Each of the eight DAC channels has an independ-
ent temperature sensor. If a particular channel overheats, it shuts
itself down and triggers a TSF fault. That is, the TSF flag in the
fault register is set (see Table 38), and the open-drain FAULT pin
(Pin 38) pulls low. Moreover, the bit corresponding to the channel
in thermal shutdown is set in both the power-down register (see
Table 37) and the thermal shutdown status register (see Table 42).
These registers can be read using Command 25 and Command
31, respectively. All other channels that did not overheat continue
to operate normally. However, if all 16 channels trigger thermal
shutdown, the entire chip powers down, including reference and
bias circuitry. When triggered, all thermally shut down channels
remain in shutdown mode, even if the temperature has fallen. To
exit thermal shutdown mode, the temperature must first decrease
to below about 150°C on all channels. The user can then power up
the shutdown channels in one of four different ways:
►
Reset the FAULT register (Command 13), and reset the power-
down register (Command 8).
►
Issue a software reset using Command 7.
►
Power cycle the device.
►
Issue a reset on the CLR pin (Pin 21). A CS/LD rising edge
releases the pin regardless of die temperature.
Table 42 shows the structure of the thermal shutdown status regis-
ter, which can be read with Command 31. TSDx represents the
thermal shutdown status of Channel x. Because the total load
current of the device can easily exceed 100 mA, carefully evaluate
the die heating potential of the system design. Grounded loads
as low as 1 kΩ can be used without resulting in excessive heat.
Disable thermal protection by using the SPI Command 7 to set the
TSD_DIS bit in the configuration register.
Table 42. Read Thermal Shutdown Status Register, Command 31
Command
Code
Byte 1
Byte 2
Byte 3
1111 0111
X
TSD
7
X
TSD
6
X
TSD
5
X
TSD
4
X
TSD
3
X
TSD
2
X
TSD
1
X
TSD
0
X
X
C/X C/X C/X C/X C/X C/X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com