Electronic Components Datasheet Search
  English  ▼

X  

LTC2686 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC2686
Description  8-Channel, 12-/16-Bit Voltage Output SoftSpan DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2686 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC2686 Datasheet HTML 17Page - Analog Devices LTC2686 Datasheet HTML 18Page - Analog Devices LTC2686 Datasheet HTML 19Page - Analog Devices LTC2686 Datasheet HTML 20Page - Analog Devices LTC2686 Datasheet HTML 21Page - Analog Devices LTC2686 Datasheet HTML 22Page - Analog Devices LTC2686 Datasheet HTML 23Page - Analog Devices LTC2686 Datasheet HTML 24Page - Analog Devices LTC2686 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Data Sheet
LTC2686
THEORY OF OPERATION
analog.com
Rev. A | 21 of 45
To ensure data integrity, the device also monitors the number of
bits clocked into the chip and issues a fault condition for an invalid
number of clock cycles. See the Fault Detection section for details.
Figure 48 and Figure 49 show timing waveforms of a typical
32‑bit SPI transaction. The CS/LD pin must be low while bits are
clocked in. The following rising edge of CS/LD completes the SPI
transaction and executes the command. Figure 48 shows a typical
32-bit write command sequence with echo readback. For all write
commands, the command word reappears on the SDO pin with a
latency of one command cycle (echo readback). This latency allows
the user to read back the command from the device and verify
the integrity of the data transfer. Figure 49 shows a typical 32-bit
read command sequence. In this example, the user reads the fault
register. Both the read command and the requested data appear
with a latency of one command cycle during the transmission of the
next command word.
Figure 50 shows a typical 24-bit read command sequence. A 24‑bit
read command differs from a 32-bit read command in that only
the requested data appears with a latency of one command cycle
during the transmission of the next command word. The first eight
bits do not show the read command that was executed. Instead,
ignore those bits. Note that echo readback is not available when
24-bit command words are used.
For the detailed structure of command words, refer to the Writing
Codes to DACs section and the Read Commands section.
Figure 48. Typical Write Command Sequence for 32-Bit Words, with Echo Readback
Figure 49. Typical Read Command Sequence for 32-Bit Words, X = Don’t Care
Figure 50. Typical Read Command Sequence for 24-Bit Words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com