Electronic Components Datasheet Search
  English  ▼

X  

LTC2686 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC2686
Description  8-Channel, 12-/16-Bit Voltage Output SoftSpan DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2686 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC2686 Datasheet HTML 37Page - Analog Devices LTC2686 Datasheet HTML 38Page - Analog Devices LTC2686 Datasheet HTML 39Page - Analog Devices LTC2686 Datasheet HTML 40Page - Analog Devices LTC2686 Datasheet HTML 41Page - Analog Devices LTC2686 Datasheet HTML 42Page - Analog Devices LTC2686 Datasheet HTML 43Page - Analog Devices LTC2686 Datasheet HTML 44Page - Analog Devices LTC2686 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
Data Sheet
LTC2686
COMMAND ADDRESSES
analog.com
Rev. A | 42 of 45
The syntax of the read commands is identical to the corresponding
write commands. For instance, Command 24 (read configuration
register bits) has the same syntax as the write configuration regis-
ter, Command 7. The bit structure of Command 16 and Command
17 is the same as Command 1. Blank cells in Table 43 mean not
applicable.
Table 43. Write Commands
Command No. Instruction
Command
Address
Bit(s)
Bit Name
Description
Reset
Value
R/W
0
Write code to DAC
Channel x
0x0 A[3:0]
[23:8]
D15 to D0
16-bit DAC code of Channel A[3:0] for LTC2686-16.
All 0
W
[23:12]
D11 to D0
12-bit DAC code of Channel A[3:0] for LTC2686-12.
1
Write channel settings to
DAC Channel x (A[3:0])
0x1 A[3:0]
19
Mode
Toggle mode register. When the mode bit is set, the
device is in toggle mode. When the mode bit is reset, the
device is in dither mode.
0
R/W
[18:17]
DIT_PH1,
DIT_PH0
Dither phase, sets the phase of the sinusoidal dither
signal (see Table 35).
00
R/W
[16:14]
DIT_PER2,
DIT_PER1,
DIT_PER0
Dither Period N, sets the Period N of sinusoidal dither
signal (see Table 34).
000
R/W
[13:12]
TD_SEL1,
TD_SEL0
Controls the toggle select mux that chooses between the
three toggle pins and the software pin (see Table 36).
00
R/W
[11:8]
S3 to S0
Span settings (see Table 14 and Table 15).
0x0
R/W
2
Write offset adjust to
DAC Channel x
0x2 A[3:0]
[23:10]
O13 to O0
DAC offset adjust value of Channel A[3:0].
All 0
W
3
Write gain adjust to DAC
Channel x
0x3 A[3:0]
[23:8]
G15 to G0
DAC gain adjust value of Channel A[3:0] for LTC2686-16. All 0
W
[23:12]
G11 to G0
DAC gain adjust value of Channel A[3:0] for LTC2686-12.
4
Write code to DAC
Channel n, update DAC
Channel x
0x4 A[3:0]
[23:8]
D15 to D0
16-bit DAC code of Channel A[3:0] for LTC2686-16.
All 0
W
[23:12]
D11 to D0
12-bit DAC code of Channel A[3:0] for LTC2686-12.
5
Write code to DAC
Channel x, update all
DAC channels
0x5 A[3:0]
[23:8]
D15 to D0
16-bit DAC code of Channel A[3:0] for LTC2686-16.
All 0
W
[23:12]
D11 to D0
12-bit DAC code of Channel A[3:0] for LTC2686-12.
6
Update DAC Channel x
0x06 A[3:0]
[5:0]
Updates the DAC register for Channel x.
7
Write Configuration
Register
0x70
23
RST
Software reset. Writing a 1 to RST performs a software
reset.
0
W
10
TSD_DIS
Thermal shutdown disable. When TSD_DIS = 1, thermal
shutdown is disabled for all DAC channels.
0
R/W
9
EXT_REF
External reference mode. Setting EXT_REF = 1 sets the
external reference mode and disables the REFCOMP
charging current.
0
R/W
8
SPI_CRC
SPI cyclic redundancy check. Setting SPI_CRC = 1
enables the CRC.
0
R/W
8
Write power-down
register
0x71
[23:8]
P7 to P0
Power-down register controlling the power-down status of
all DAC channels. P[7:0] controls DAC Channel x. P[7:0]
= 1 powers down the DAC Channel x, P[7:0] = 0 powers
up the DAC Channel x.
All 0
R/W
9
Write A/B select register
0x72
[23:8]
AB7 to AB0
A/B select register controlling access to DAC Input
Register A and Input Register B for each DAC channel.
ABx controls DAC Channel x. Reset ABx to write to Input
Register A, set ABx to write to Input Register B.
All 0
R/W
10
Write software toggle bit
register
0x73
[23:8]
TB7 to TB0
Software toggle bit register acting as a software
controlled toggle bit for each DAC channel. TBx controls
DAC Channel x. When TBx changes from 1 to 0, DAC
Channel x updates to Register A. When TBx changes
from 0 to 1, DAC Channel x updates to Register B.
All 0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com