Electronic Components Datasheet Search
  English  ▼

X  

LTC2686 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC2686
Description  8-Channel, 12-/16-Bit Voltage Output SoftSpan DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2686 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC2686 Datasheet HTML 20Page - Analog Devices LTC2686 Datasheet HTML 21Page - Analog Devices LTC2686 Datasheet HTML 22Page - Analog Devices LTC2686 Datasheet HTML 23Page - Analog Devices LTC2686 Datasheet HTML 24Page - Analog Devices LTC2686 Datasheet HTML 25Page - Analog Devices LTC2686 Datasheet HTML 26Page - Analog Devices LTC2686 Datasheet HTML 27Page - Analog Devices LTC2686 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Data Sheet
LTC2686
THEORY OF OPERATION
analog.com
Rev. A | 24 of 45
SPAN SELECTION AND CHANNEL SETTINGS
Figure 51. DAC Transfer Functions for LTC2686-16, All Voltage Spans and Bit
Resolutions, Internal Reference Mode
Figure 52. DAC Transfer Functions for LTC2686-12, All Voltage Spans and Bit
Resolutions, Internal Reference Mode
The LTC2686 allows individual programming of the voltage span
(output voltage range) for each DAC channel (SoftSpan). The
device also supports 5% overrange spans. The span selection bits,
S[3:0], encode span settings as summarized in Table 14 and Table
15, and the corresponding DAC transfer functions are depicted in
Figure 51.
Table 14. Span Selection Bits S[3:0] Settings
S3
S2
S1
S0
Output Range
Internal Reference External Reference
0
0
0
0
0 V to 5 V
0 V to 5 × (VREF/4.096)
0
0
0
1
0 V to 10 V
0 V to 10 × (VREF/4.096)
0
0
1
0
±5 V
±5 × (VREF/4.096)
0
0
1
1
±10 V
±10 × (VREF/4.096)
0
1
0
0
±15 V
±15 × (VREF/4.096)
Table 15. Span Selection Bits S[3:0] Settings, 5% Overrange
S3
S2
S1
S0
Output Range
Internal Reference External Reference
1
0
0
0
0 V to 5.25 V
0 V to 5 × (VREF/4.096)
1
0
0
1
0 V to 10.5 V
0 V to 10 × (VREF/4.096)
1
0
1
0
±5.25 V
±5 × (VREF/4.096)
1
0
1
1
±10.5 V
±10 × (VREF/4.096)
1
1
0
0
±15.75 V
±15 × (VREF/4.096)
Use Command 1, detailed in Table 13, to program DAC channel
settings and span ranges. Span settings are contained in Bits S[3:0]
and the default value is 0x0. Note that X represents the don’t care
bits and C represents the CRC code bits. If CRC error checking is
not used, the third data byte can be omitted (24-bit word length).
See the Toggle and Dither Operation section for a detailed descrip-
tion of related registers and functions.
Command 1 writes the settings of DAC Channel x, with DAC
Channel Address x encoded in A[3:0]. Command 16 writes settings
to all DAC channels, whereas Command 17 also updates all DAC
channels.
READ COMMANDS
Read operations are initiated with read commands as shown in
Table 16. The command byte is followed by X (don’t care bits),
and an optional CRC code. For example, when reading the config-
uration register, the user must send Command 24 (see Table 16)
to the device. The requested data appears at the SDO pin in the
next command cycle (see Table 17) and mirrors the syntax of the
corresponding write command. Note that the device outputs trailing
zeros for the third byte. For a list of supported read commands,
refer to Table 9.
Table 16. Command Word for Reading Configuration Register, Command 24
Command Code
Byte 1
Byte 2
Byte 3
1111 0000
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
C/X
C/X
C/X
C/X
C/X
C/X
Table 17. SDO Pin Data-Words After the Read Configuration Register Command
Command Code
Byte 1
Byte 2
Byte 3
1111 0000
RST
0
0
0
0
0
0
0
0
0
0
0
0
TSD_
DIS
EXT_
REF
SPI_
CRC
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com