Electronic Components Datasheet Search
  English  ▼

X  

LTC2686 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC2686
Description  8-Channel, 12-/16-Bit Voltage Output SoftSpan DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2686 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC2686 Datasheet HTML 16Page - Analog Devices LTC2686 Datasheet HTML 17Page - Analog Devices LTC2686 Datasheet HTML 18Page - Analog Devices LTC2686 Datasheet HTML 19Page - Analog Devices LTC2686 Datasheet HTML 20Page - Analog Devices LTC2686 Datasheet HTML 21Page - Analog Devices LTC2686 Datasheet HTML 22Page - Analog Devices LTC2686 Datasheet HTML 23Page - Analog Devices LTC2686 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Data Sheet
LTC2686
THEORY OF OPERATION
analog.com
Rev. A | 20 of 45
Figure 47. Block Diagram
The LTC2686 is an 8-channel, ±15 V DAC with selectable output
ranges and an integrated precision reference. The DAC operates
on a positive 5 V VCC supply, and the outputs are driven by bipolar
supply rails (V1+, V2+, and V−). V1+ and V2+ can operate as low
as VCC, and the negative V− supply can operate at ground, making
the devices compatible with single-supply systems. V1+ and V2+
can operate as high as +21 V (V1+ must be greater than or equal
to V2+). V− can operate as low as −21 V, making the LTC2686
robust in industrial environments where high voltage fault protection
is critical.
The output amplifiers offer true rail-to-rail operation and can source
or sink up to 55 mA per DAC channel. The V1+ and V2+ pins can
operate at independent voltages to optimize power efficiency. When
drawing a load current from the V1+, V2+, or V− rails, the output
voltage headroom with respect to that rail is limited by the typical
channel resistance of the output devices.
POWER-ON RESET
The outputs reset when power is first applied, making system
initialization consistent and repeatable. Furthermore, on power-up,
the device resets all internal registers to their default values. The
default output range for all DAC channel outputs is 0 V to 5 V, and
the default DAC code is zero scale.
POWER SUPPLY SEQUENCING
To minimize channel output overshoot and any excess current
during power-up, power up the supplies as follows. If VCC and Vx+
have the same values, tie Vx+ to VCC and power them up first,
and then power up V−. If VCC and Vx+ have different values, power
up Vx+, then VCC, and finally V−. IOVCC does not have a supply se-
quence requirement. For both scenarios, it is recommended to keep
the supply ramp times 10 µs or slower. If an external reference is
used, maintain the voltage at REF within the range of −0.3 V ≤ VREF
≤ VCC + 0.3 V during power-up (see the Absolute Maximum Ratings
section) and tie the REFCOMP pin to ground (see the Reference
Modes section). Take particular care to observe these limits during
power supply turn on and turn off sequences when the voltage at
VCC is in transition. On power-up, immediately perform a software
reset.
Supply bypassing is critical to achieving optimal performance. For
optimal performance, establish at least 1 µF to ground on the VCC,
V+, and V− supplies, and establish at least 0.1 µF of low, 100 mΩ,
effective series resistance (ESR) capacitance for each supply, as
close to the device as possible. The larger capacitor can be omitted
for IOVCC.
SERIAL INTERFACE
When the CS/LD pin is taken low, the data on the SDI pin is
loaded into the shift register on the rising edges of the clock (SCK).
Data can only be transferred to the LTC2686 when the CS/LD
signal is low. The rising edge of CS/LD ends the data transfer
and causes the device to carry out the action specified. For the
LTC2686, the total word length can be 24 bits (3 bytes) or 32 bits
(4 bytes). The leading command/address byte is followed by two
data bytes and an optional third that contains an optional 6-bit cyclic
redundancy check (CRC) code. See the SPI Cyclic Redundant
Check Enable/Disable section for details.
CRC checking is only supported for a word length of 32 bits (4
bytes). In daisy-chain mode, internal register length requires the
clock count to be multiples of 32. See the Daisy-Chain Mode
section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com