Electronic Components Datasheet Search
  English  ▼

X  

LTC2686 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2686
Description  8-Channel, 12-/16-Bit Voltage Output SoftSpan DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2686 Datasheet(HTML) 4 Page - Analog Devices

  LTC2686 Datasheet HTML 1Page - Analog Devices LTC2686 Datasheet HTML 2Page - Analog Devices LTC2686 Datasheet HTML 3Page - Analog Devices LTC2686 Datasheet HTML 4Page - Analog Devices LTC2686 Datasheet HTML 5Page - Analog Devices LTC2686 Datasheet HTML 6Page - Analog Devices LTC2686 Datasheet HTML 7Page - Analog Devices LTC2686 Datasheet HTML 8Page - Analog Devices LTC2686 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Data Sheet
LTC2686
SPECIFICATIONS
analog.com
Rev. A | 4 of 45
All specifications apply over the full operating temperature range, unless otherwise noted. Typical values are at TA = 25°C. VCC = 5 V, IOVCC =
5 V, V1+ = V2+ = 15 V, V− = −15 V, VREF = 4.096 V, VOUT unloaded, unless otherwise specified. For ±15 V range, V1+ = V2+ = 18 V, V− = −18 V.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DC PERFORMANCE
LTC2686-16
Resolution
16
Bits
Monotonicity
All ranges1
16
Bits
Differential Nonlinearity
DNL
All ranges1
±1
LSB
Integral Nonlinearity
INL
All ranges1
±3
LSB
LTC2686-12
Resolution
12
Bits
Monotonicity
All ranges1
12
Bits
Differential Nonlinearity
DNL
All ranges1
±0.25
LSB
Integral Nonlinearity
INL
All ranges1
±0.75
LSB
Unipolar Offset Error
VOS
0 V to 5 V range
±0.5
±2
mV
0 V to 10 V range
±1
±4
mV
VOS Temperature Coefficient
All unipolar ranges
1
ppm/°C
Single-Supply Zero-Scale Error
ZSE
All unipolar ranges, V− = GND
2
4
mV
Bipolar Zero Error
BZE
All bipolar ranges
±0.04
% FSR2
BZE Temperature Coefficient
All bipolar ranges
2
ppm/°C
Gain Error
GE
All ranges, external reference
±0.08
% FSR2
Gain Temperature Coefficient
2
ppm/°C
Output Voltage Swing
VOUT
To V− (unloaded)
V− + 0.004
V
To Vx+ (unloaded)
Vx+ − 0.004
V
To V− (−55 mA ≤ output current (IOUT) ≤
+55 mA), ±15 V range
V− + 2.0
V
To Vx+ (−55 mA ≤ IOUT ≤ +55 mA), ±15 V
range
Vx+ − 2.0
V
Power Supply Rejection
PSR
VCC = 5 V ± 5%
−90
dB
Vx+/V− = 15 V ± 5%
−110
dB
Load Regulation
−55 mA ≤ IOUT ≤ +55 mA, Vx+ = +17.2 V, V− =
−17.2 V, ±15 V range
10
50
μV/mA
DC Crosstalk3, 0 V to 5 V Range
Due to full-scale output change
±2
μV
Due to load current change
±1
μV/mA
Due to powering down (per channel)
±4
μV
Vx+/V− Short-Circuit Output Current4, ±15 V
Output Range
ISC
Negative full scale, forcing output to GND
−115
mA
Positive full scale, forcing output to GND
115
mA
REFERENCE
Reference Output Voltage5
4.094
4.096
4.098
V
TA = TMIN to TMAX
4.092
4.096
4.100
V
Reference Temperature Coefficient6
LFCSP
±2
±10
ppm/°C
WLCSP
±5
ppm/°C
Line Regulation
VCC ± 5%
−100
dB
Short-Circuit Current
Forcing output to GND
0.1
mA
REFCOMP Pin Short-Circuit Current
Forcing output to GND
10
μA
Load Regulation
IOUT = 1 μA
320
mV/mA
Output Voltage Noise Density
REFCOMP, capacitor (CREFCOMP) = REF
capacitor (CREF) = 0.1 μF, at f = 10 kHz
32
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com