Electronic Components Datasheet Search
  English  ▼

X  

LTC2686 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC2686
Description  8-Channel, 12-/16-Bit Voltage Output SoftSpan DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2686 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC2686 Datasheet HTML 18Page - Analog Devices LTC2686 Datasheet HTML 19Page - Analog Devices LTC2686 Datasheet HTML 20Page - Analog Devices LTC2686 Datasheet HTML 21Page - Analog Devices LTC2686 Datasheet HTML 22Page - Analog Devices LTC2686 Datasheet HTML 23Page - Analog Devices LTC2686 Datasheet HTML 24Page - Analog Devices LTC2686 Datasheet HTML 25Page - Analog Devices LTC2686 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Data Sheet
LTC2686
THEORY OF OPERATION
analog.com
Rev. A | 22 of 45
SPI Command Table
The LTC2686 supports the write and read commands summarized
in Table 8 and Table 9. Commands are encoded with the first
byte containing the command code. For commands that refer to
a specific DAC channel, the chip interprets the last four bits of
the command byte as the binary encoded DAC Channel Address
A[3:0], see Table 10. The optional CRC error checking is available
for all commands, except for the write/read configuration register
(Command 7 and Command 24), and the write/read fault register
(Command 13 and Command 30). For these commands, CRC
error checking is skipped even if the CRC error checking feature is
enabled.
Table 8. Write Operation SPI Commands
Command No.
Write Operations
Command Code Data
CRC (Optional)
0
Write code to DAC Channel x
0000 A[3:0]
Data
CRC
1
Write channel settings to DAC Channel x
0001 A[3:0]
Data
CRC
2
Write offset adjust to DAC Channel x
0010 A[3:0]
Data
CRC
3
Write gain adjust to DAC Channel x
0011 A[3:0]
Data
CRC
4
Write code to and update DAC Channel x
0100 A[3:0]
Data
CRC
5
Write code to DAC Channel x, update all DAC channels
0101 A[3:0]
Data
CRC
6
Update DAC Channel x
0110 A[3:0]
Don't care
CRC
7
Write configuration register
0111 0000
Data
Don't care
8
Write power-down register
0111 0001
Data
CRC
9
Write A/B select register
0111 0010
Data
CRC
10
Write software toggle bit register
0111 0011
Data
CRC
11
Write toggle/dither enable register
0111 0100
Data
CRC
12
Write mux control register
0111 0101
Data
CRC
13
Write fault register
0111 0110
Data
Don't care
14
Write code to all DAC channels
0111 1000
Data
CRC
15
Write code and update all DAC channels
0111 1001
Data
CRC
16
Write channel settings to all DAC channels
0111 1010
Data
CRC
17
Write channel settings and update all DAC channels
0111 1011
Data
CRC
18
Update all DAC channels
0111 1100
Don't care
CRC
Table 9. Read Operation SPI Commands
Command No.
Read Operations
Command Code Data
CRC (Optional)
20
Read offset and gain adjusted code of DAC Channel x
1000 A[3:0]
Don't care
CRC
21
Read channel settings of DAC Channel x
1001 A[3:0]
Don't care
CRC
22
Read offset adjust of DAC Channel x
1010 A[3:0]
Don't care
CRC
23
Read gain adjust of DAC Channel x
1011 A[3:0]
Don't care
CRC
24
Read configuration register
1111 0000
Don't care
Don't care
25
Read power-down status
1111 0001
Don't care
CRC
26
Read A/B select register
1111 0010
Don't care
CRC
27
Read software toggle bit register
1111 0011
Don't care
CRC
28
Read toggle/dither enable register
1111 0100
Don't care
CRC
29
Read mux control register
1111 0101
Don't care
CRC
30
Read fault register
1111 0110
Don't care
Don't care
31
Read thermal shutdown status register
1111 0111
Don't care
CRC
32
No operation
1111 1111
Don't care
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com