Electronic Components Datasheet Search
  English  ▼

X  

C366 Datasheet(PDF) 37 Page - Coilcraft lnc.

Part # C366
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C366 Datasheet(HTML) 37 Page - Coilcraft lnc.

Back Button C366 Datasheet HTML 33Page - Coilcraft lnc. C366 Datasheet HTML 34Page - Coilcraft lnc. C366 Datasheet HTML 35Page - Coilcraft lnc. C366 Datasheet HTML 36Page - Coilcraft lnc. C366 Datasheet HTML 37Page - Coilcraft lnc. C366 Datasheet HTML 38Page - Coilcraft lnc. C366 Datasheet HTML 39Page - Coilcraft lnc. C366 Datasheet HTML 40Page - Coilcraft lnc. C366 Datasheet HTML 41Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
37
Dimensions (inches mm)
Series
Amax
Bmax
Cmax
D cen
E cen
AGP4233
1.45 36,8
1.57 40,3
1.10 28,0
0.728 18,5
0.826 –0.886 21.0–22,5
B
A
E
D
C
AGP4233
High Current
I
sat(A)
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp 10% 20% 30% 20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
drop drop drop rise
rise
AGP4233-332ME
3.3
0.67
0.75
27.7
92.0
95.0
98.0
34
44
AGP4233-562ME
5.6
0.67
0.75
22.8
63.0
65.0
67.0
34
44
AGP4233-682ME
6.8
2.80
2.95
21.7
92.0
97.8
101.8 24
34
AGP4233-103ME
10
2.80
2.95
18.8
56.0
60.0
63.0
24
34
AGP4233-153ME
15
2.80
2.95
15.2
45.0
47.0
49.0
24
34
AGP4233-223ME
22
2.80
2.95
12.0
32.8
35.4
36.6
24
34
AGP4233-333ME
33
2.80
2.95
10.0
22.5
24.7
25.8
24
34
AGP4233-473ME
47
2.80
2.95
8.5
16.0
17.6
18.6
24
34
AGP4233-683ME
68
2.80
2.95
6.4
10.6
12.2
13.0
24
34
AGP4233-104ME
100
2.80
2.95
5.2
6.88
7.80
8.36
24
34
AGP4233-154ME
150
2.80
2.95
4.2
4.18
4.96
5.40
24
34
AGP4233-224ME
220
10.5
11.5
5.0
6.40
7.20
7.60
12.4
17.5
AGP4233-334ME
330
10.5
11.5
4.1
4.20
4.70
5.00
12.4
17.5
AGP4233-474ME
470
10.5
11.5
3.6
2.60
3.20
3.40
12.4
17.5
Dimensions (inches mm)
Series
A max
B max
C max
D cen
E cen
AGM2222
0.905 23,0
0.905 23,0
1.07 27,3
0.562–0.602, 14,3–15,3
0.551 14,0
C
D
A
B
Dimensions (inches mm)
Series
A max
B max
Cmax
D cen
AGP2923
0.668 16,97
1.08 27,43
0.935 23,75
0.65 16,51
AGP2923
High Current
I
sat(A)
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp 10% 20% 30% 20°C
40°C
Partnumber
±10%(µH)
nom
max
(MHz)
drop drop drop rise
rise
AGP2923-332KL
3.3
2.3
2.6
40
95.0
104
108
19
26
AGP2923-472KL
4.7
2.3
2.6
30
63.0
72.0
76.0
19
26
AGP2923-682KL
6.8
2.3
2.6
25
48.0
53.0
56.0
19
26
AGP2923-103KL
10
2.3
2.6
20
30.0
34.0
37.0
19
26
AGP2923-153KL
15
2.3
2.6
16
20.5
23.0
24.5
19
26
AGP2923-223KL
22
2.3
2.6
13
12.2
14.7
16.4
19
26
AGP2923-333KL
33
2.3
2.6
10
7.5
9.2
10.3
19
26
C
D
A
B
Dimensions (inches mm)
Series
Amax
B max
Cmax
D cen
VER2923
0.668 16,97
1.08 27,43
0.895 22,74
0.65 16,51
VER2923
High Current
I
sat(A)
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp 10% 20% 30% 20°C
40°C
Partnumber
±10%(µH)
nom
max
(MHz)
drop drop drop rise
rise
VER2923-332KL
3.3
2.3
2.6
40
95.0
104
108
19
26
VER2923-472KL
4.7
2.3
2.6
30
63.0
72.0
76.0
19
26
VER2923-682KL
6.8
2.3
2.6
25
48.0
53.0
56.0
19
26
VER2923-103KL
10
2.3
2.6
20
30.0
34.0
37.0
19
26
VER2923-153KL
15
2.3
2.6
16
20.5
23.0
24.5
19
26
VER2923-223KL
22
2.3
2.6
13
12.2
14.7
16.4
19
26
VER2923-333KL
33
2.3
2.6
10
7.5
9.2
10.3
19
26
AGM2222
High Current
I
sat(A)
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp 10% 20% 30% 20°C
40°C
Partnumber
±20%(µH)
typ
max
(MHz)
drop drop drop rise
rise
AGM2222-192ME
1.9
0.62
0.80
65.0
49.0
81.5
110.0 37.0
54.0
AGM2222-222ME
2.2
0.62
0.80
62.0
35.0
60.0
84.0
37.0
54.0
AGM2222-282ME
2.8
0.74
0.85
46.0
41.0
66.5
93.5
33.0
47.0
AGM2222-322ME
3.2
0.74
0.85
45.8
29.0
50.0
71.0
33.0
47.0
AGM2222-392ME
3.9
0.77
0.90
34.0
35.0
57.5
80.0
32.0
45.0
AGM2222-432ME
4.3
0.77
0.90
35.0
23.0
40.0
57.0
32.0
45.0
AGM2222-512ME
5.1
1.10
1.40
33.0
31.0
50.0
71.0
28.0
40.0
AGM2222-562ME
5.6
1.10
1.40
29.5
22.0
38.0
55.0
28.0
40.0
AGM2222-652ME
6.5
1.47
1.80
29.0
27.5
44.0
62.0
25.0
35.0
AGM2222-712ME
7.1
1.47
1.80
29.0
18.0
32.0
46.0
25.0
35.0
AGM2222-802ME
8.0
1.70
2.00
24.5
24.5
40.0
56.0
22.0
32.0
AGM2222-882ME
8.8
1.70
2.00
24.5
17.0
29.0
42.0
22.0
32.0
AGM2222-103ME
10.0
2.08
2.50
23.0
15.0
26.0
37.0
21.0
30.0
NEW!
B
A
D
C
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com