Electronic Components Datasheet Search
  English  ▼

X  

C366 Datasheet(PDF) 58 Page - Coilcraft lnc.

Part # C366
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C366 Datasheet(HTML) 58 Page - Coilcraft lnc.

Back Button C366 Datasheet HTML 52Page - Coilcraft lnc. C366 Datasheet HTML 53Page - Coilcraft lnc. C366 Datasheet HTML 54Page - Coilcraft lnc. C366 Datasheet HTML 55Page - Coilcraft lnc. C366 Datasheet HTML 56Page - Coilcraft lnc. C366 Datasheet HTML 57Page - Coilcraft lnc. C366 Datasheet HTML 58Page - Coilcraft lnc. C366 Datasheet HTML 59Page - Coilcraft lnc. C366 Datasheet HTML 60Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
58
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
0805RB Series Ferrite Chip Inductors
Figure 1: Coilcraft 0402DF Inductance vs Frequency
Figure 2: Coilcraft 0402DF Q vs Frequency
The Ultimate Kit for Antenna Matching
Why do so many users love our 0402DC Series Ceramic Chip
Inductor Designer’s Kit? To start, the 0402DC Series provides the
industry’s highest Q factors in its size to achieve super low loss in
high frequency circuits.
The 0402DC is also offered in 112 inductance values from 0.8 to
120 nH –
including 0.1 nH increments between 2.8 and 10 nH!
And, with 20 samples of every value, the C472-2 Kit is the perfect
resource when you’re designing impedance matching circuits
for antennas in both lowband (700 – 960 MHz) and highband
(1710 – 2700 MHz) applications.
Other features of the 0402DC include:
• Wirewound construction for extremely high SRF – up to 16 GHz
• DCR as low as 25 mOhm, significantly lower than other 0402-sized
chip inductors
Order your C472-2 Designer’s Kit
directly on coilcraft.com!
Coilcraft 0805RB Series wirewound beads are
an excellent choice to isolate AC noise from
DC bias or DC power injection lines in baseband
RF amplifier circuits. They provide superior perfor-
mance compared to traditional thick-film ferrite
beads, including optimized impedance over a wide
frequency range. They also offer high Self Resonant
Frequency, and their low DCR makes them an
excellent choice for high current applications.
• Superior performance to traditional thick-film
chip ferrite beads
• Optimized high impedance over a wide
frequency range
• High SRF and low DCR combination for
high-frequency and high-current applications
without core saturation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com