Electronic Components Datasheet Search
  English  ▼

X  

C366 Datasheet(PDF) 9 Page - Coilcraft lnc.

Part # C366
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C366 Datasheet(HTML) 9 Page - Coilcraft lnc.

Back Button C366 Datasheet HTML 5Page - Coilcraft lnc. C366 Datasheet HTML 6Page - Coilcraft lnc. C366 Datasheet HTML 7Page - Coilcraft lnc. C366 Datasheet HTML 8Page - Coilcraft lnc. C366 Datasheet HTML 9Page - Coilcraft lnc. C366 Datasheet HTML 10Page - Coilcraft lnc. C366 Datasheet HTML 11Page - Coilcraft lnc. C366 Datasheet HTML 12Page - Coilcraft lnc. C366 Datasheet HTML 13Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
9
0604HQ High Q
Inductance
SRF min
DCR max
I
rms
1.7 GHz
Part number
±5% (nH)
Q min
(GHz)
(Ohms)
(A)
L typ Q typ
0604HQ-1N1XJRC
1.15 @ 500 MHz
25
12.3
0.021
3.0
1.2
136
0604HQ-2N6XJRC
2.6 @ 500 MHz
45
9.30
0.026
2.0
2.6
163
0604HQ-4N5XJRC
4.5 @ 500 MHz
50
5.80
0.032
1.8
4.7
155
0604HQ-5N0XJRC
5.0 @ 500 MHz
60
5.30
0.032
1.6
5.2
178
0604HQ-6N8XJRC
6.8 @ 500 MHz
60
4.70
0.035
1.8
7.4
172
0604HQ-7N6XJRC
7.6 @ 500 MHz
60
4.40
0.035
1.5
7.9
137
0604HQ-10NXJRC
10.4 @ 500 MHz
60
4.10
0.037
1.5
11.5
160
Dimensions (inches mm)
Series
A max
B max
C max
D ref
E
F
G
0603DC
0.067 1,70
0.039 0,99
0.035 0,89
0.028 0,71
0.013 0,33
0.041 1.04
0603HC
0.071 1,80
0.044 1,12
0.040 1,02
0.015 0,38 0.030 0,76
0.013 0,33
0.034 0,86
0603HL
0.071 1,80
0.047 1,19
0.037 0,94
0.030 0,76
0.011 0,28
0.038 0,97
0603HP
0.069 1,75
0.043 1,09
0.037 0,94
0.015 0,38 0.029 0,74
0.011 0,28
0.048 1,22
0603LS
0.071 1,80
0.050 1,27
0.044 1,12
0.015 0,38 0.030 0,76
0.013 0,33
0.034 0,86
0604HQ
0.073 1,85
0.054 1,37
0.047 1,19
0.025 0,64 0.040 1,02
0.013 0,33
0.034 0,86
0805AF
0.090 2,29
0.068 1,73
0.060 1,52
0.020 0,51 0.050 1,27
0.016 0,41
0.040 1,02
0805CS
0.090 2,29
0.068 1,73
0.060 1,52
0.020 0,51 0.050 1,27
0.017 0,43
0.046 1,17
0805HP
0.087 2,21
0.068 1,73
0.061 1,55
0.061 1,55
0.012 0,30
0.063 1,61
0603HC, 0603HP, 0603LS, 0604HQ,
0805AF, 0805CS
0603DC, 0603HL, 0805HP
0603HL
Inductance
SRF typ
DCR max
I
rms
Part number
±5% (nH)
Q typ
(GHz)
(Ohms)
(mA)
0603HL-331XJRC
330 @ 25 MHz
13 @ 25 MHz
0.420
0.970
330
0603HL-391XJRC
390 @ 25 MHz
13 @ 25 MHz
0.400
1.05
330
0603HL-471XJRC
470 @ 25 MHz
12 @ 25 MHz
0.200
1.15
300
0603HL-511XJRC
510 @ 25 MHz
12 @ 25 MHz
0.340
1.20
300
0603HL-561XJRC
560 @ 25 MHz
12 @ 25 MHz
0.330
1.35
300
0603HL-681XJRC
680 @ 25 MHz
12 @ 25 MHz
0.310
1.80
260
0603HL-821XJRC
820 @ 25 MHz
14 @ 25 MHz
0.290
2.45
190
0603HL-102XJRC
1000 @ 25 MHz
14 @ 25 MHz
0.250
2.80
190
0603HL-122XJRC
1200 @ 25 MHz
14 @ 25 MHz
0.230
3.20
180
0603HL-152XJRC
1500 @ 25 MHz
15 @ 25 MHz
0.190
4.10
150
0603HL-182XJRC
1800 @ 25 MHz
16 @ 25 MHz
0.180
5.30
140
0603HL-222XJRC
2200 @ 25 MHz
16 @ 25 MHz
0.165
5.90
130
0603HL-272XJRC
2700 @ 25 MHz
16 @ 25 MHz
0.150
7.00
120
0603HL-332XJRC
3300 @ 25 MHz
18 @ 25 MHz
0.135
9.10
110
0805AF Ferrite
Inductance
Impedance typ
SRF typ DCR max Irms
Part number
±5% (µH)
Q typ
(Ohms)
(MHz)
(Ohms)
(mA)
0805AF-111XJRC
0.11 @ 7.9 MHz
18 @ 7.9 MHz
370 @ 500MHz
1260
0.05
940
0805AF-681XJRC
0.68 @ 7.9 MHz
19 @ 7.9 MHz
430 @ 100 MHz
425
0.30
660
0805AF-102XJRC
1.0 @ 7.9 MHz
17 @ 7.9 MHz
670 @ 100 MHz
355
0.39
650
0805AF-122XJRC
1.2 @ 7.9 MHz
19 @ 7.9 MHz
860 @ 100 MHz
375
0.64
440
0805AF-152XJRC
1.5 @ 7.9 MHz
20 @ 7.9 MHz
1000 @ 100 MHz
285
0.74
390
0805AF-182XJRC
1.8 @ 7.9 MHz
20 @ 7.9 MHz
1360 @ 100 MHz
300
0.98
370
0805AF-222XJRC
2.2 @ 7.9 MHz
19 @ 7.9 MHz
840 @ 50 MHz
105
0.98
350
0805AF-272XJRC
2.7 @ 7.9 MHz
19 @ 7.9 MHz
1050 @ 50MHz
100
1.16
320
0805AF-332XJRC
3.3 @ 7.9 MHz
19 @ 7.9 MHz
1670 @ 50 MHz
85
1.20
330
0805AF-472XJRC
4.7 @ 7.9 MHz
18 @ 7.9 MHz
950 @ 25 MHz
55
1.50
280
0805AF-682XJRC
6.8 @ 7.9 MHz
18 @ 7.9 MHz
450 @ 10MHz
37
1.90
240
0805AF-103XJRC
10 @ 2.5 MHz
18 @ 2.5 MHz
740 @ 10 MHz
26
2.20
230
0805AF-153XJRC
15 @ 2.5 MHz
17 @ 2.5 MHz
1300 @ 10MHz
20
4.25
150
0805AF-223XJRC
22 @ 2.5 MHz
17 @ 2.5 MHz
1620 @ 10 MHz
21
6.70
120
0805HP High Q
Inductance
Percent
SRF typ DCR max Irms
Part number
(nH)
tolerance* Q typ
(MHz)
(Ohms)
(A)
0805HP-2N6XJRC
2.6 @ 250 MHz
5
100 @ 1500 MHz
9500
0.015
2.0
0805HP-6N2XJRC
6.2 @ 250 MHz
5
104 @ 1000 MHz
7200
0.027
1.5
0805HP-6N8XJRC
6.8 @ 250 MHz
5
90 @ 1000 MHz
6000
0.066
1.3
0805HP-11NX_RC
11 @ 250 MHz
5,2
93 @ 500 MHz
4750
0.039
1.6
0805HP-12NX_RC
12 @ 250 MHz
5,2
91 @ 500 MHz
4425
0.039
1.4
0805HP-13NX_RC
13 @ 250 MHz
5,2
91 @ 500 MHz
4100
0.039
1.4
0805HP-18NX_RC
18 @ 250 MHz
5,2
95 @ 500 MHz
3650
0.050
1.2
0805HP-33NX_RC
33 @ 250 MHz
5,2
100 @ 500 MHz
2410
0.087
1.1
0805HP-47NX_RC
47 @ 200 MHz
5,2
105 @ 500 MHz
2170
0.093
1.0
0805HP-56NX_RC
56 @ 200 MHz
5,2
100 @ 500 MHz
1815
0.122
0.95
0805HP-82NX_RC
82 @ 150 MHz
5,2
103 @ 500 MHz
1525
0.168
0.82
0805HP-101X_RC
100 @ 150 MHz 5,2
100 @ 500 MHz
1400
0.220
0.72
0805HP-121X_RC
120 @ 150 MHz 5,2
80 @ 250 MHz
1265
0.293
0.62
0805HP-151X_RC
150 @ 100 MHz 5,2
80 @ 250 MHz
1150
0.288
0.60
0805HP-181X_RC
180 @ 100 MHz 5,2
77 @ 250 MHz
1025
0.374
0.54
0805HP-221X_RC
220 @ 100 MHz 5,2
75 @ 250 MHz
930
0.426
0.50
0805HP-271X_RC
270 @ 100 MHz 5,2
75 @ 100 MHz
830
0.754
0.42
0805HP-331X_RC
330 @ 100 MHz 5,2
54 @ 100 MHz
770
1.004
0.36
0805HP-391X_RC
390 @ 100 MHz 5,2
52 @ 100 MHz
700
1.110
0.33
0805HP-471X_RC
470 @ 50 MHz
5,2
52 @ 100 MHz
640
1.559
0.28
0805HP-561X_RC
560 @ 25 MHz
5,2
46 @ 100 MHz
550
2.067
0.24
0805HP-681X_RC
680 @ 25 MHz
5,2
46 @ 100 MHz
535
2.355
0.21
0805HP-821X_RC
820 @ 25 MHz
5,2
50 @ 100 MHz
485
3.945
0.18
0805CS
Inductance
Percent
SRF typ
DCR max Irms
Part number
(nH)
tolerance* Q min
(MHz)
(Ohms)
(mA)
0805CS-020XJEC
2.8 @ 250 MHz 5
80 @ 1500 MHz
12200
0.06
800
0805CS-3N0XJEC
3.0 @ 250 MHz 5
65 @ 1500 MHz
12200
0.06
800
0805CS-030XJEC
3.3 @ 250 MHz 5
50 @ 1500 MHz
12200
0.08
600
0805CS-050XJEC
5.6 @ 250 MHz 5
65 @ 1000 MHz
5900
0.08
600
0805CS-060XJEC
6.8 @ 250 MHz 5
50 @ 1000 MHz
5600
0.11
600
0805CS-070XJEC
7.5 @ 250 MHz 5
50 @ 1000 MHz
4800
0.14
600
0805CS-080X_EC
8.2 @ 250 MHz 5,2
50 @ 1000 MHz
4400
0.12
600
0805CS-100X_EC
10 @ 250 MHz
5,2
60 @ 500 MHz
4300
0.10
600
0805CS-120X_EC
12 @ 250 MHz
5,2
50 @ 500 MHz
4000
0.15
600
0805CS-150X_EC
15 @ 250 MHz
5,2
50 @ 500 MHz
3200
0.17
600
0805CS-180X_EC
18 @ 250 MHz
5,2
50 @ 500 MHz
3100
0.20
600
0805CS-220X_EC
22 @ 250 MHz
5,2
55 @ 500 MHz
2600
0.22
500
0805CS-240X_EC
24 @ 250 MHz
5,2
50 @ 500 MHz
2400
0.22
500
0805CS-270X_EC
27 @ 250 MHz
5,2
55 @ 500 MHz
2580
0.25
500
0805CS-330X_EC
33 @ 250 MHz
5,2,1
60 @ 500 MHz
2150
0.27
500
0805CS-360X_EC
36 @ 250 MHz
5,2,1
55 @ 500 MHz
1900
0.27
500
0805CS-390X_EC
39 @ 250 MHz
5,2,1
60 @ 500 MHz
2000
0.29
500
0805CS-430X_EC
43 @ 200 MHz
5,2,1
60 @ 500 MHz
1800
0.34
500
0805CS-470X_EC
47 @ 200 MHz
5,2,1
60 @ 500 MHz
1700
0.31
500
0805CS-560X_EC
56 @ 200 MHz
5,2,1
60 @ 500 MHz
1600
0.34
500
0805CS-680X_EC
68 @ 200 MHz
5,2,1
60 @ 500 MHz
1500
0.38
500
0805CS-820X_EC
82 @ 150 MHz
5,2,1
65 @ 500 MHz
1330
0.42
400
0805CS-910X_EC
91 @150 MHz
5,2,1
65 @ 500 MHz
1330
0.48
400
0805CS-101X_EC
100 @150 MHz 5,2,1
65 @ 500 MHz
1250
0.46
400
0805CS-111X_EC
110 @150 MHz 5,2
50 @ 250 MHz
1100
0.48
400
0805CS-121X_EC
120 @ 150 MHz 5,2,1
50 @ 250 MHz
1100
0.51
400
0805CS-151X_EC
150 @ 100 MHz 5,2,1
50 @ 250 MHz
920
0.56
400
0805CS-181X_EC
180 @ 100 MHz 5,2,1
50 @ 250 MHz
920
0.64
400
0805CS-221X_EC
220 @ 100 MHz 5,2
50 @ 250 MHz
820
0.70
400
0805CS-241X_EC
240 @ 100 MHz 5,2
44 @ 250 MHz
770
1.00
350
0805CS-271X_EC
270 @ 100 MHz 5,2
48 @ 250 MHz
730
1.00
350
0805CS-331X_EC
330 @ 100 MHz 5,2
48 @ 250 MHz
650
1.40
310
0805CS-391X_EC
390 @ 100 MHz 5,2
48 @ 250 MHz
600
1.50
290
0805CS-471X_EC
470 @ 50 MHz
5,2
33 @ 100 MHz
375
1.76
250
0805CS-561X_EC
560 @ 25 MHz
5,2
23 @ 50 MHz
330
1.90
230
0805CS-681X_EC
680 @ 25 MHz
5,2
23 @ 50 MHz
310
2.20
190
0805CS-821X_EC
820 @ 25 MHz
5,2
23 @ 50 MHz
310
2.35
180
0805CS-102X_EC
1000 @ 25 MHz 5,2
20 @ 50 MHz
180
3.20
175
0805CS-122X_EC
1200 @ 25 MHz 5,2
22 @ 50 MHz
224
3.50
156
0805CS-152X_EC
1500 @ 25 MHz 5,2
10 @ 25 MHz
82
1.90
200
0805CS-182X_EC
1800 @ 25 MHz 5,2
15 @ 25 MHz
69
2.42
250
0805CS-222X_EC
2200 @ 25 MHz 5,2
16 @ 25 MHz
105
4.00
140
0805CS-272X_EC
2700 @ 25 MHz 5,2
18 @ 50 MHz
130
4.50
175
0805CS-332X_EC
3300 @ 25 MHz 5,2
22 @ 25 MHz
110
7.50
80
0805CS-472X_EC
4700 @ 25 MHz 5,2
14 @ 25 MHz
75
6.20
80
0805CS-562X_EC
5600 @ 7.9 MHz 5,2
20 @ 10 MHz
75
7.00
100
0805CS-682X_EC
6800 @ 7.9 MHz 5,2
20 @ 10 MHz
65
9.80
80
0805CS-822X_EC
8200 @ 7.9 MHz 5,2
20 @ 10 MHz
65
11
75
0805CS-103X_EC
10000 @ 7.9 MHz 5,2
20 @ 10 MHz
60
12
70
Which chip inductor family should you use?
Ceramic (SUFFIX, BODY SIZE)
Ferrite (SUFFIX, BODY SIZE)
Highest Q
DC
0402-0603
HP
0402-0805
HQ
0403-1008
CS
0402-1812
LS
0603-1812
Lowest DCR
DC
0402-0603
HP
0402-0805
DS
0201
DF
0402
AF
0201-1008
LS
0603-1812
Highest current HP
0402-0805
PA
0402
HC
0603
DF
0402
AF
0201-1008
LS
0603-1812
Highest L
HL
0201-0603
DF
0402
LS
0603-1812
Lowest Profile CT
1005-2520
FL
1005
* Bold numbers indicate tolerances carried in stock. When ordering, please replace underscore in part number with
the proper tolerance code: F = 1%, G = 2%, J = 5%. (e.g. 0805CS-103XGEC for a 2% tolerance part.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com