Electronic Components Datasheet Search
  English  ▼

X  

C366 Datasheet(PDF) 5 Page - Coilcraft lnc.

Part # C366
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C366 Datasheet(HTML) 5 Page - Coilcraft lnc.

  C366 Datasheet HTML 1Page - Coilcraft lnc. C366 Datasheet HTML 2Page - Coilcraft lnc. C366 Datasheet HTML 3Page - Coilcraft lnc. C366 Datasheet HTML 4Page - Coilcraft lnc. C366 Datasheet HTML 5Page - Coilcraft lnc. C366 Datasheet HTML 6Page - Coilcraft lnc. C366 Datasheet HTML 7Page - Coilcraft lnc. C366 Datasheet HTML 8Page - Coilcraft lnc. C366 Datasheet HTML 9Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
5
0402CT Low Profile
Inductance
Percent
SRF typ
DCR max
I
rms
1.7 GHz
Part number
(nH)
tolerance*
(GHz)
(mOhms)
(mA)
Q typ
0402CT-1N2X_RW
1.2 @ 250 MHz
5
27.5
35
2300
47
0402CT-2N0X_RW
2 @ 250 MHz
5,3,2
21.5
40
2200
56
0402CT-3N0X_RW
3 @ 250 MHz
5,3,2
17.5
50
1900
60
0402CT-3N9X_RW
3.9 @ 250 MHz
5,3,2
13.5
70
1600
66
0402CT-4N7X_RW
4.7 @ 250 MHz
5,3,2
12.5
60
1700
59
0402CT-5N6X_RW
5.6 @ 250 MHz
5,3,2
11
80
1400
68
0402CT-6N8X_RW
6.8 @ 250 MHz
5,3,2
9.5
70
1600
68
0402CT-7N5X_RW
7.5 @ 250 MHz
5,3,2
10.5
80
1500
66
0402CT-8N2X_RW
8.2 @ 250 MHz
5,3,2
9.5
80
1500
68
0402CT-9N0X_RW
9 @ 250 MHz
5,3,2
8.35
100
1300
68
0402CT-9N5X_RW
9.5 @ 250 MHz
5,3,2
7.8
100
1300
64
0402CT-10NX_RW
10 @ 250 MHz
5,3,2
7.25
110
1200
61
0402CT-12NX_RW
12 @ 250 MHz
5,3,2
6.75
135
1100
60
0402CT-15NX_RW
15 @ 250 MHz
5,3,2
6.5
150
1100
63
0402CT-16NX_RW
16 @ 250 MHz
5,3,2
6.35
165
1000
58
0402CT-18NX_RW
18 @ 250 MHz
5,3,2
5.9
240
1000
59
0402CT-20NX_RW
20 @ 250 MHz
5,3,2
5.7
300
900
57
0402CT-22NX_RW
22 @ 250 MHz
5,3,2
5.25
260
810
56
0402CT-27NX_RW
27 @ 250 MHz
5,3,2
4.85
360
660
55
0402CT-33NX_RW
33 @ 250 MHz
5,3,2
4.6
400
610
56
0402CT-39NX_RW
39 @ 250 MHz
5,3,2
4.25
825
430
58
0402CT-47NX_RW
47 @ 250 MHz
5,3,2
3.9
900
400
49
0402CT-56NX_RW
56 @ 250 MHz
5,3,2
3.7
1250
340
53
Dimensions (inches mm)
Series
A max
B max
C max
D ref
E
F
G
026011C
0.030 0,76
0.013 – 0.015 0.022 0,55
0.011 0,28 0.004 0,10
0.022 0,55
0.330 – 0.38
026011F
0.030 0,76
0.013 – 0.015 0.022 0,55
0.011 0,28 0.005 0,13
0.020 0,50
0.330 – 0.38
0302CS
0.034 0,86
0.021 0,53
0.018 0,45
0.006 0,16 0.015 0,38
0.006 0,15
0.0185 0,46
0402AF
0.044 1,12
0.026 0,66
0.026 0,66
0.020 0,51
0.009 0,23
0402CS
0.047 1,19
0.024 0,61
0.026 0,66
0.010 0,25 0.020 0,51
0.009 0,23
0.022 0,56
0402CT
0.044 1,11
0.024 0,61
0.018 0,45
0.020 0,51
0.006 0,15
0402DC
0.044 1,11
0.026 0,66
0.026 0,65
0.018 0,47
0.006 0,15
0402CS
026011C, 026011F, 0302CS, 0402AF,
0402CT, 0402DC
* Bold numbers indicate tolerances carried in stock. When ordering, please replace underscore in part number with the
proper tolerance code: G = 2%, H = 3%, J = 5%. (e.g. 0402CT-56NXGRW for a 2% tolerance part.)
Which chip inductor family should you use?
Ceramic (SUFFIX, BODY SIZE)
Ferrite (SUFFIX, BODY SIZE)
Highest Q
DC
0402-0603
HP
0402-0805
HQ
0403-1008
CS
0402-1812
LS
0603-1812
Lowest DCR
DC
0402-0603
HP
0402-0805
DS
0201
DF
0402
AF
0201-1008
LS
0603-1812
Highest current HP
0402-0805
PA
0402
HC
0603
DF
0402
AF
0201-1008
LS
0603-1812
Highest L
HL
0201-0603
DF
0402
LS
0603-1812
Lowest Profile CT
1005-2520
FL
1005
0402DC High Q
Inductance
Percent
SRF typ
DCR max
I
rms
1.7 GHz
Part number
(nH)
tolerance*
(GHz)
(mOhms)
(mA)
Q typ
0402DC-N80X_RW
0.8 @ 250 MHz
5
28.8
25
2800
62
0402DC-N90X_RW
0.9 @ 250 MHz
5
27.0
30
2300
65
0402DC-1N0X_RW
1 @ 250 MHz
5
26.2
45
1700
66
0402DC-1N2X_RW
1.2 @ 250 MHz
5
25.2
125
980
40
0402DC-1N7X_RW
1.7 @ 250 MHz
5
18.0
35
2100
82
0402DC-1N8X_RW
1.8 @ 250 MHz
5
17.0
35
2100
81
0402DC-1N9X_RW
1.9 @ 250 MHz
5,3
16.8
35
2000
103
0402DC-2N0X_RW
2 @ 250 MHz
5,3
15.6
35
2000
93
0402DC-2N1X_RW
2.1 @ 250 MHz
5,3
15.8
48
1700
72
0402DC-2N2X_RW
2.2 @ 250 MHz
5,3
16.0
90
1200
65
0402DC-2N3X_RW
2.3 @ 250 MHz
5,3
15.8
110
1000
64
0402DC-2N4X_RW
2.4 @ 250 MHz
5,3
16.1
170
850
60
0402DC-2N5X_RW
2.5 @ 250 MHz
5,3
16.0
210
750
45
0402DC-2N8X_RW
2.8 @ 250 MHz
5,3
16.8
37
2100
86
0402DC-2N9X_RW
2.9 @ 250 MHz
5,3
16.29
37
2100
89
0402DC-3N0X_RW
3.0 @ 250 MHz
5,3,2
15.78
37
2100
92
0402DC-3N1X_RW
3.1 @ 250 MHz
5,3,2
15.26
37
2100
100
0402DC-3N2X_RW
3.2 @ 250 MHz
5,3,2
14.75
37
2100
108
0402DC-3N3X_RW
3.3 @ 250 MHz
5,3,2
14.24
37
2100
116
0402DC-3N4X_RW
3.4 @ 250 MHz
5,3,2
13.73
46
2050
108
0402DC-3N5X_RW
3.5 @ 250 MHz
5,3,2
13.71
46
2050
110
0402DC-3N6X_RW
3.6 @ 250 MHz
5,3,2
13.45
46
2050
112
0402DC-3N7X_RW
3.7 @ 250 MHz
5,3,2
13.18
46
2050
112
0402DC-3N8X_RW
3.8 @ 250 MHz
5,3,2
12.92
46
2050
113
0402DC-3N9X_RW
3.9 @ 250 MHz
5,3,2
12.65
46
2050
114
0402DC-4N0X_RW
4.0 @ 250 MHz
5,3,2
12.39
46
2050
114
0402DC-4N1X_RW
4.1 @ 250 MHz
5,3,2
12.13
46
2050
115
0402DC-4N2X_RW
4.2 @ 250 MHz
5,3,2
11.87
46
2050
116
0402DC-4N3X_RW
4.3 @ 250 MHz
5,3,2
13.8
48
1850
100
0402DC-4N4X_RW
4.4 @ 250 MHz
5,3,2
13.55
48
1850
102
0402DC-4N5X_RW
4.5 @ 250 MHz
5,3,2
13.28
48
1850
104
0402DC-4N6X_RW
4.6 @ 250 MHz
5,3,2
13.0
48
1850
106
0402DC-4N7X_RW
4.7 @ 250 MHz
5,3,2
12.7
48
1850
108
0402DC-4N8X_RW
4.8 @ 250 MHz
5,3,2
12.45
48
1850
109
0402DC-4N9X_RW
4.9 @ 250 MHz
5,3,2
12.3
48
1850
110
0402DC-5N0X_RW
5 @ 250 MHz
5,3,2
12.15
48
1850
111
0402DC-5N1X_RW
5.1 @ 250 MHz
5,3,2
12.0
48
1850
111
0402DC-5N2X_RW
5.2 @ 250 MHz
5,3,2
11.9
48
1850
112
0402DC-5N3X_RW
5.3 @ 250 MHz
5,3,2
11.9
57
1800
110
0402DC-5N4X_RW
5.4 @ 250 MHz
5,3,2
11.6
57
1800
111
0402DC-5N5X_RW
5.5 @ 250 MHz
5,3,2
11.3
57
1800
111
0402DC-5N6X_RW
5.6 @ 250 MHz
5,3,2
11.0
57
1800
112
0402DC-5N7X_RW
5.7 @ 250 MHz
5,3,2
12.7
57
1800
112
0402DC-5N8X_RW
5.8 @ 250 MHz
5,3,2
12.4
57
1800
112
0402DC-5N9X_RW
5.9 @ 250 MHz
5,3,2
12.1
57
1800
112
0402DC-6N0X_RW
6 @ 250 MHz
5,3,2
9.8
57
1800
112
0402DC-6N1X_RW
6.1 @ 250 MHz
5,3,2
9.5
57
1800
112
0402DC-6N2X_RW
6.2 @ 250 MHz
5,3,2
9.2
57
1800
112
0402DC-6N3X_RW
6.3 @ 250 MHz
5,3,2
8.9
57
1800
113
0402DC-6N4X_RW
6.4 @ 250 MHz
5,3,2
8.6
57
1800
113
0402DC-6N5X_RW
6.5 @ 250 MHz
5,3,2
8.3
57
1800
114
0402DC-6N6X_RW
6.6 @ 250 MHz
5,3,2
10.65
63
1650
109
0402DC-6N7X_RW
6.7 @ 250 MHz
5,3,2
10.4
63
1650
109
0402DC-6N8X_RW
6.8 @ 250 MHz
5,3,2
10.15
63
1650
110
0402DC-6N9X_RW
6.9 @ 250 MHz
5,3,2
9.9
63
1650
110
0402DC-7N0X_RW
7 @ 250 MHz
5,3,2
9.65
63
1650
110
0402DC-7N1X_RW
7.1 @ 250 MHz
5,3,2
9.4
63
1650
110
0402DC-7N2X_RW
7.2 @ 250 MHz
5,3,2
9.15
63
1650
111
0402DC-7N3X_RW
7.3 @ 250 MHz
5,3,2
8.9
63
1650
111
0402DC-7N4X_RW
7.4 @ 250 MHz
5,3,2
8.65
63
1650
111
0402DC-7N5X_RW
7.5 @ 250 MHz
5,3,2
8.4
63
1650
112
0402DC-7N6X_RW
7.6 @ 250 MHz
5,3,2
8.15
63
1650
113
0402DC-7N7X_RW
7.7 @ 250 MHz
5,3,2
9.0
70
1600
109
0402DC-7N8X_RW
7.8 @ 250 MHz
5,3,2
8.87
70
1600
110
0402DC-7N9X_RW
7.9 @ 250 MHz
5,3,2
8.74
70
1600
110
0402DC-8N0X_RW
8 @ 250 MHz
5,3,2
8.6
70
1600
111
0402DC-8N1X_RW
8.1 @ 250 MHz
5,3,2
8.47
70
1600
112
0402DC-8N2X_RW
8.2 @ 250 MHz
5,3,2
8.33
70
1600
113
0402DC-8N3X_RW
8.3 @ 250 MHz
5,3,2
8.21
70
1600
113
0402DC-8N4X_RW
8.4 @ 250 MHz
5,3,2
8.07
70
1600
114
0402DC-8N5X_RW
8.5 @ 250 MHz
5,3,2
7.94
70
1600
115
0402DC-8N6X_RW
8.6 @ 250 MHz
5,3,2
7.81
70
1600
115
0402DC-8N7X_RW
8.7 @ 250 MHz
5,3,2
7.68
70
1600
116
0402DC-8N8X_RW
8.8 @ 250 MHz
5,3,2
7.54
70
1600
116
0402DC-8N9X_RW
8.9 @ 250 MHz
5,3,2
7.41
70
1600
117
0402DC-9N0X_RW
9.0 @ 250 MHz
5,3,2
7.28
70
1600
117
0402DC-9N1X_RW
9.1 @ 250 MHz
5,3,2
7.15
70
1600
118
0402DC-9N2X_RW
9.2 @ 250 MHz
5,3,2
7.01
70
1600
118
0402DC-9N3X_RW
9.3 @ 250 MHz
5,3,2
8.24
73
1500
105
0402DC-9N4X_RW
9.4 @ 250 MHz
5,3,2
8.12
73
1400
106
0402DC-9N5X_RW
9.5 @ 250 MHz
5,3,2
8.0
73
1400
108
0402DC-9N6X_RW
9.6 @ 250 MHz
5,3,2
7.88
73
1400
109
0402DC-9N7X_RW
9.7 @ 250 MHz
5,3,2
7.75
73
1400
110
0402DC-9N8X_RW
9.8 @ 250 MHz
5,3,2
7.63
73
1400
112
0402DC-9N9X_RW
9.9 @ 250 MHz
5,3,2
7.51
73
1400
113
0402DC-10NX_RW
10 @ 250 MHz
5,3,2
7.39
73
1500
113
0402DC-11NX_RW
11 @ 250 MHz
5,3,2
5.28
78.2
1450
100
0402DC-12NX_RW
12 @ 250 MHz
5,3,2
6.59
81.3
1450
98
0402DC-15NX_RW
15 @ 250 MHz
5,3,2
6.2
115
1200
100
0402DC-16NX_RW
16 @ 250 MHz
5,3,2
5.95
120
1200
97
additional values in next column
0402DC (continued)
Inductance
Percent
SRF typ
DCR max
I
rms
1.7 GHz
Part number
(nH)
tolerance*
(GHz)
(mOhms)
(mA)
Q typ
0402DC-18NX_RW
18 @ 250 MHz
5,3,2
5.59
137.9
1100
95
0402DC-20NX_RW
20 @ 250 MHz
5,3,2
5.11
162.7
1000
90
0402DC-22NX_RW
22 @ 250 MHz
5,3,2
4.95
190
970
88
0402DC-23NX_RW
23 @ 250 MHz
5,3,2
4.98
176.5
970
89
0402DC-24NX_RW
24 @ 250 MHz
5,3,2
4.82
185
960
85
0402DC-27NX_RW
27 @ 250 MHz
5,3,2
4.52
192.9
920
83
0402DC-30NX_RW
30 @ 250 MHz
5,3,2
4.15
245
810
76
0402DC-33NX_RW
33 @ 250 MHz
5,3,2
4.18
288
780
76
0402DC-36NX_RW
36 @ 250 MHz
5,3,2
4.02
320
700
72
0402DC-39NX_RW
39 @ 250 MHz
5,3,2
3.86
375
670
68
0402DC-43NX_RW
43 @ 250 MHz
5,3,2
3.82
430
640
54
0402DC-47NX_RW
47 @ 250 MHz
5,3,2
3.36
427
640
54
0402DC-51NX_RW
51 @ 250 MHz
5,3,2
3.35
432
620
54
0402DC-56NX_RW
56 @ 250 MHz
5,3,2
3.21
690
460
—
0402DC-62NX_RW
62 @ 250 MHz
5,3,2
3.0
756
440
—
0402DC-68NX_RW
68 @ 250 MHz
5,3,2
2.8
943
400
—
0402DC-72NX_RW
72 @ 250 MHz
5,3,2
2.83
787
430
—
0402DC-75NX_RW
75 @ 250 MHz
5,3,2
2.75
882
410
—
0402DC-82NX_RW
82 @ 250 MHz
5,3,2
2.86
1057
370
—
0402DC-91NX_RW
91 @ 250 MHz
5,3,2
2.82
1119
360
—
0402DC-R10X_RW
100 @ 250 MHz
5,3,2
2.38
1507
310
—
0402DC-R12X_RW
120 @ 250 MHz
5,3,2
2.2
1600
300
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com