Electronic Components Datasheet Search
  English  ▼

X  

C366 Datasheet(PDF) 14 Page - Coilcraft lnc.

Part # C366
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C366 Datasheet(HTML) 14 Page - Coilcraft lnc.

Back Button C366 Datasheet HTML 10Page - Coilcraft lnc. C366 Datasheet HTML 11Page - Coilcraft lnc. C366 Datasheet HTML 12Page - Coilcraft lnc. C366 Datasheet HTML 13Page - Coilcraft lnc. C366 Datasheet HTML 14Page - Coilcraft lnc. C366 Datasheet HTML 15Page - Coilcraft lnc. C366 Datasheet HTML 16Page - Coilcraft lnc. C366 Datasheet HTML 17Page - Coilcraft lnc. C366 Datasheet HTML 18Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
14
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
Dimensions (inches mm)
Series
A max
B
C max
D
E max
0906
0.095 2,41
0.055 ±0.010 1,40 ±0,25
0.060 1,52
0.072 ±0.010 1,83 ±0,25
0.135 3,43
1508
0.155 3,94
0.135 3,43
0.079 2,01
0.115 ±0.010 2,92 ±0,25
0.165 4,19
1606
0.165 4,19
0.055 ±0.010 1,40 ±0,25
0.062 1,58
0.144 ±0.012 3,66 ±0,30
0.135 3,43
1812
0.195 4,95
0.140 ±0.010 3,56 ±0,25
0.165 4,20
0.170 ±0.015 4,32 ±0,39
0.250 6,35
2508
0.270 6,86
0.135 3,43
0.079 2,01
0.230 ±0.015 5,84 ±0,25
0.165 4,19
A0xT
0.155 3,94
0.110 ±0.010 2,80 ±0,25
0.124 3,15
0.115 ±0.010 2,92 ±0,25
0.175 4,45
BxxT
0.270 6,86
0.110 ±0.010 2,80 ±0,25
0.124 3,15
0.230 ±0.015 5,84 ±0,25
0.175 4,45
Midi
Percent
Test freq SRF min DCR max Irms
Part number
L (nH)
tolerance* Q typ Q min (MHz)
(GHz)
(mOhms) (A)
1812SMS-22N_LC
22
5,2
135
100
150
3.2
4.2
3.0
1812SMS-27N_LC
27
5,2
135
100
150
2.7
4.0
3.5
1812SMS-33N_LC
33
5,2
130
100
150
2.5
4.8
3.0
1812SMS-39N_LC
39
5,2
135
100
150
2.1
4.4
3.0
1812SMS-47N_LC
47
5,2
135
100
150
2.1
5.6
3.0
1812SMS-56N_LC
56
5,2
125
100
150
1.5
6.2
3.0
1812SMS-68N_LC
68
5,2
120
100
150
1.5
8.2
2.5
1812SMS-82N_LC
82
5,2
120
100
150
1.3
9.4
2.5
1812SMS-R10_LC
100
5,2
115
100
150
1.2
12.3
1.7
1812SMS-R12_LC
120
5,2
125
100
150
1.1
17.3
1.5
1812SMS-R15_LC
150
5,2
145
100
150
0.75
33.0
1.2
Mini A0xT, B06T
Percent
Test freq SRF min DCR max Irms
Part number Turns L (nH)
tolerance* Q min
(MHz)
(GHz)
(mOhms) (A)
A01TKLC
1
2.5
10
145
150
12.5
1.1
4.0
A02T_LC
2
5.0
5,2,1
140
150
6.5
1.8
4.0
A03T_LC
3
8.0
5,2,1
140
150
5.0
2.6
4.0
A04T_LC
4
12.5
5,2,1
137
150
3.3
3.4
4.0
A05T_LC
5
18.5
5,2,1
132
150
2.5
3.9
4.0
B06T_LC
6
17.5
5,2,1
100
150
2.2
4.5
4.0
B07T_LC
7
22.0
5,2,1
102
150
2.1
5.2
4.0
B08T_LC
8
28.0
5,2,1
105
150
1.8
6.0
4.0
B09T_LC
9
35.5
5,2,1
112
150
1.5
6.8
4.0
B10T_LC
10
43.0
5,2,1
106
150
1.2
7.9
4.0
Micro
Percent
Test freq SRF min DCR max
I
rms
Part number Turns L (nH)
tolerance* Q min
(MHz)
(GHz)
(mOhms)
(A)
0906-2_LC
2
1.65
10,5,2
100
800
10.0
4.0
1.6
0906-3_LC
3
2.55
5,2,1
100
800
8.2
5.0
1.6
0906-4_LC
4
3.85
5,2,1
100
800
7.5
6.0
1.6
0906-5_LC
5
5.40
5,2,1
100
800
7.0
8.0
1.6
1606-6_LC
6
5.60
5,2,1
100
800
6.5
9.0
1.6
1606-7_LC
7
7.15
5,2,1
100
800
6.0
10
1.6
1606-8_LC
8
8.80
5,2,1
100
800
6.0
12
1.6
1606-9_LC
9
9.85
5,2,1
100
800
5.2
13
1.6
1606-10_LC
10
12.55
5,2,1
100
800
4.6
14
1.6
Low Profile Mini
Percent
Test freq SRF min DCR max
I
rms
Part number
Turns L (nH)
tolerance* Q min
(MHz)
(GHz)
(mOhms)
(A)
1508-5N5_LC
3
5.5
5,2
115
250
5.0
2.6
4.0
1508-9N0_LC
4
9.0
5,2
120
250
4.0
3.4
4.0
1508-13N_LC
5
13.0
5,2
100
250
3.0
3.9
4.0
2508-16N_LC
7
16.0
5,2
110
250
3.0
5.2
4.0
2508-18N_LC
8
18.0
5,2
110
250
2.9
6.0
4.0
2508-23N_LC
9
23.0
5,2
110
250
2.6
6.8
4.0
2508-27N_LC
10
27.0
5,2
110
250
2.3
7.9
4.0
* When ordering, please replace underscore in part number with the proper tolerance code: F = 1%, G = 2%, J = 5%, K = 10%.
(e.g. B10TGLC for a 2% tolerance part.)
Air Core Inductors
S-parameters
&
T-Line models
Available on
our web site



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com