Electronic Components Datasheet Search
  English  ▼

X  

C366 Datasheet(PDF) 39 Page - Coilcraft lnc.

Part # C366
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C366 Datasheet(HTML) 39 Page - Coilcraft lnc.

Back Button C366 Datasheet HTML 35Page - Coilcraft lnc. C366 Datasheet HTML 36Page - Coilcraft lnc. C366 Datasheet HTML 37Page - Coilcraft lnc. C366 Datasheet HTML 38Page - Coilcraft lnc. C366 Datasheet HTML 39Page - Coilcraft lnc. C366 Datasheet HTML 40Page - Coilcraft lnc. C366 Datasheet HTML 41Page - Coilcraft lnc. C366 Datasheet HTML 42Page - Coilcraft lnc. C366 Datasheet HTML 43Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
39
Dimensions (inches mm)
Series
Amax
Bmax
Cmax
D
E
F
SLC1049
0.271 6,88
0.401 10,20
0.203 5,16
0.105 2,67
0.100 2,54
SLC1175
0.301 7,65
0.433 11,00
0.283 7,20
0.083 2,11
0.095 2,4
SLC1480
0.510 12,95
0.530 13,46
0.315 8,00
0.200 5,08
0.140 3,56
SLC7530D
0.264 6,70
0.295 7,50
0.118 3,00
0.129 3,27
0.067 1,7
0.050 1,27
SLC7530S
0.264 6,70
0.295 7,50
0.118 3,00
0.118 3,00
0.067 1,7
SLC7649
0.274 7,95
0.300 7,62
0.195 4,96
0.105 2,67
0.085 2,16
SLR1050
0.276 7,0
0.402 10,2
0.195 4,95
0.099 2,5
0.060 1,52
SLR1065
0.315 8,0
0.409 10,4
0.260 6,6
0.088 2,24
0.10 2,54
SLR1070
0.315 8,0
0.409 10,4
0.276 7,0
0.088 2,24
0.10 2,54
SLR1075
0.315 8,0
0.409 10,4
0.291 7,4
0.079 2,0
0.10 2,54
SLR1190
0.406 10,3
0.441 11,2
0.354 9,0
0.079 2,0
0.098 2,50
SLR7010
0.276 7,o
0.394 10,0
0.394 10,0
0.110 2,8
0.102 2,6
Single conductor
Dualconductor
SLC7530S,SLC7649, SLC1049,
SLC7530D
SLR1050,SLR1065, SLR1070,
SLR1075,SLR7010, SLC1175,
SLR1190,SLC1480
SLC1175 High Current
I
sat(A)
I
rms(A)
Inductance
DCR±5%
SRFtyp
10%
20% 30%
20°C 40°C
Partnumber
±20%(µH)
(mOhms)
(MHz)
drop
drop drop
rise
rise
SLC1175-700MEC 0.070
0.224
179
83
100
>100
58
76
SLC1175-121MEC 0.120
0.224
144
80
84
88
58
76
SLC1175-151MEC 0.150
0.224
95
64
70
76
58
76
SLC1175-171MEC 0.170
0.224
73
54
60
63
58
76
SLC1175-201MEC 0.200
0.224
64
48
53
55
58
76
SLC1175-231MEC 0.230
0.224
61
41
46
49
58
76
SLC1175-271MEC 0.270
0.224
52
32
37
40
58
76
SLC1175-301MEC 0.300
0.224
48
27
31
34
58
76
SLR1065 High Current
I
rms(A)
Inductance DCR±8%
SRFtyp
I
sat(A) 20%drop
20°C
40°C
Partnumber
±10%(nH)
(mOhms)
(MHz)
at25°C at100°C at125°C rise
rise
SLR1065-121KEC
120
0.48
95
86
74
68
38.5
49.0
SLR1065-141KEC
140
0.48
75
75
63
58
38.5
49.0
SLR1065-171KEC
170
0.48
65
64
52
49
38.5
49.0
SLR1065-221KEC
215
0.48
50
51
41
38
38.5
49.0
SLR1065-301KEC
300
0.48
40
32
27
25
38.5
49.0
SLR1050 High Current
I
rms(A)
Inductance DCR
SRFtyp
I
sat(A) 20%drop
20°C 40°C
Partnumber
±10%(nH)
(mOhms)
(MHz)
at25°C at100°C at125°C rise
rise
Lowest DCR
SLR1050A-850KEC
85
0.39±7.7% 210
86
68.0
60.5
56.7
77.1
SLR1050A-101KEC
100
0.39±7.7% 200
78
61.5
55.0
56.7
77.1
SLR1050A-121KEC
120
0.39±7.7% 180
65
51.0
48.0
56.7
77.1
SLR1050A-151KEC
150
0.39±7.7% 90
51
38.0
36.0
56.7
77.1
SLR1050A-221KEC
220
0.39±7.7% 65
35
25.5
23.5
56.7
77.1
Balanced DCR/tolerance
SLR1050B-850KEC
85
0.47±6.7% 210
86
68.0
60.5
48.8
67.2
SLR1050B-101KEC
100
0.47±6.7% 200
78
61.5
55.0
48.8
67.2
SLR1050B-121KEC
120
0.47±6.7% 180
65
51.0
48.0
48.8
67.2
SLR1050B-151KEC
150
0.47±6.7% 90
51
38.0
36.0
48.8
67.2
SLR1050B-221KEC
220
0.47±6.7% 65
35
25.5
23.5
48.8
67.2
Tightest DCR tolerance
SLR1050C-850KEC
85
0.55±5.4% 210
86
68.0
60.5
46.7
65.0
SLR1050C-101KEC
100
0.55±5.4% 200
78
61.5
55.0
46.7
65.0
SLR1050C-121KEC
120
0.55±5.4% 180
65
51.0
48.0
46.7
65.0
SLR1050C-151KEC
150
0.55±5.4% 90
51
38.0
36.0
46.7
65.0
SLR1050C-221KEC
220
0.55±5.4% 65
35
25.5
23.5
46.7
65.0
SLR1070 High Current
I
rms(A)
Inductance DCR±10% SRFtyp
I
sat(A) 20%drop
20°C
40°C
Partnumber
±10%(µH)
(mOhms)
(MHz)
at25°C at100°C at125°C rise
rise
SLR1070-121KEC
0.120
0.29
130
86
68.5
62.5
61
82
SLR1070-141KEC
0.140
0.29
110
78
60.5
55.0
61
82
SLR1070-171KEC
0.170
0.29
80
64
50.5
46.0
61
82
SLR1070-221KEC
0.215
0.29
68
51
38.0
34.0
61
82
SLR1070-251KEC
0.250
0.29
55
38
35.0
31.5
61
82
SLR1070-281KEC
0.280
0.29
48
33
27.5
25.5
61
82
SLR1070-301KEC
0.300
0.29
47
31
26.5
24.0
61
82
SLR1075 High Current
I
rms(A)
Inductance DCR±7%
SRFtyp
I
sat(A) 20%drop
20°C
40°C
Partnumber
±10%(µH)
(mOhms)
(MHz)
at25°C at100°C at125°C rise
rise
SLR1075-121KEC
0.120
0.29
59
93.0
78.5
72.0
50
67
SLR1075-151KEC
0.150
0.29
48
72.0
59.0
54.0
50
67
SLR1075-171KEC
0.170
0.29
44
65.0
51.5
48.0
50
67
SLR1075-221KEC
0.215
0.29
36
53.0
40.0
37.0
50
67
SLR1075-231KEC
0.230
0.29
35
49.0
36.5
33.5
50
67
SLR1075-271KEC
0.270
0.29
30
41.0
32.0
29.5
50
67
SLR1075-301KEC
0.300
0.29
27
36.0
26.5
24.0
50
67
SLR1190 High Current
I
rms(A)
Inductance DCR±10% SRFtyp
I
sat(A) 20% drop
20°C
40°C
Partnumber
±10%(µH)
(mOhms)
(MHz)
at25°C at100°C at125°C rise
rise
SLR1190-151KEC
0.150
0.43
95
100
87.5
82.5
58
79
SLR1190-201KEC
0.200
0.43
58
86
68.5
63.5
58
79
SLR1190-231KEC
0.230
0.43
51
72
62.0
56.5
58
79
SLR1190-251KEC
0.250
0.43
50
66
52.0
48.5
58
79
SLR1190-271KEC
0.270
0.43
49
58
50.0
45.5
58
79
SLR1190-311KEC
0.310
0.43
43
52
42.0
38.5
58
79
SLR1190-371KEC
0.370
0.43
35
41
32.5
30.5
58
79
SLC1480 High Current
I
sat(A)
I
rms(A)
Inductance
DCR±17%
SRFtyp 10% 20% 30%
20°C 40°C
Partnumber
±20%(µH)
(mOhms)
(MHz)
drop drop drop
rise
rise
SLC1480-111MLD 0.110
0.18
130
100
128
130
64
83
SLC1480-131MLD 0.130
0.18
110
97
110
112
64
83
SLC1480-151MLD 0.150
0.18
108
88
95
97
64
83
SLC1480-171MLD 0.170
0.18
75
80
87
90
64
83
SLC1480-201MLD 0.200
0.18
68
65
72
76
64
83
SLC1480-231MLD 0.230
0.18
59
57
64
67
64
83
SLC1480-261MLD 0.260
0.18
50
50
57
61
64
83
SLC1480-301MLD 0.300
0.18
46
42
49
52
64
83
SLC1480-321MLD 0.320
0.18
42
38
44
48
64
83
SLC1480-441MLD 0.440
0.18
35
28
32
35
64
83
SLR7010 Shielded
I
rms(A)
Inductance DCR±7%
SRFtyp
I
sat(A) 20%drop
20°C
40°C
Partnumber
±10%(µH)
(mOhms)
(MHz)
at25°C at100°C at125°C rise
rise
SLR7010-101KED
100±10%
0.17
222
113
100
90
72
92
SLR7010-121KED
120±10%
0.17
159
98
84
80
72
92
SLR7010-151KED
150±10%
0.17
150
75
65
60
72
92
SLR7010-201KED
200±10%
0.17
85
62
46
42
72
92
SLR7010-251KED
250±10%
0.17
88
44
36
32
72
92
SLR7010-331LED
330±15%
0.17
50
32
26
22
72
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com