Electronic Components Datasheet Search
  English  ▼

X  

C366 Datasheet(PDF) 17 Page - Coilcraft lnc.

Part # C366
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C366 Datasheet(HTML) 17 Page - Coilcraft lnc.

Back Button C366 Datasheet HTML 13Page - Coilcraft lnc. C366 Datasheet HTML 14Page - Coilcraft lnc. C366 Datasheet HTML 15Page - Coilcraft lnc. C366 Datasheet HTML 16Page - Coilcraft lnc. C366 Datasheet HTML 17Page - Coilcraft lnc. C366 Datasheet HTML 18Page - Coilcraft lnc. C366 Datasheet HTML 19Page - Coilcraft lnc. C366 Datasheet HTML 20Page - Coilcraft lnc. C366 Datasheet HTML 21Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
17
4308RV
Inductance
Read
Matching DCR
SRF
at125kHz Percent Q
distance
Sensitivity capacitor max
typ
Part number
(mH)
tol*
min (inches/cm) (mV/µT)
(pF)
(Ohms) (kHz)
4308RV-374X_LD
0.37
5,2
26
22/55.9
9.82
4380
6.5
1800
4308RV-404X_LD
0.40
5,2
26
23/58.4
10.38
4050
7.1
5000
4308RV-704X_LD
0.70
5,2
20
25/63.5
13.96
2320
19
6600
4308RV-904X_LD
0.90
5,2
22
26/66.0
16.06
1800
21
4800
4308RV-115X_LD
1.08
5,2
24
30/76.2
17.78
1500
24
4300
4308RV-205X_LD
1.97
5,2
28
34/86.4
24.90
823
31
1750
4308RV-245X_LD
2.38
5,2
30
37/94.0
28.21
681
34
1700
4308RV-295X_LD
2.89
5,2
30
37/94.0
32.12
561
42
1900
4308RV-335X_LD
3.30
5,2
30
38/96.5
34.96
491
48
1425
4308RV-415X_LD
4.15
5,2
27
39/99.1
41.35
391
70
1620
4308RV-495X_LD
4.90
5,2
26
38/96.5
47.17
331
93
1150
4308RV-685X_LD
6.80
5,2
28
41/104.1
61.71
238
110
1080
4308RV-715X_LD
7.10
5,2
27
42/106.7
65.60
228
114
1050
4308RV-725X_LD
7.20
5,2
28
40/101.6
66.67
225
114
965
4308RV-815X_LD
8.10
5,2
28
42/106.7
75.08
200
125
965
4308RV-905X_LD
9.00
5,2
30
40/101.6
84.64
180
125
725
These Coilcraft transponder coils are designed for RFID applications at 125 kHz.
The 4312RV and 5315TC were designed to withstand harsh mechanical shock
and are well suited for use in tire pressure monitoring systems.
4312RV Rugged
Inductance
Read
Matching DCR
SRF
at125kHz Percent Q
distance
Sensitivity capacitor max
typ
Part number
(mH)
tol
min (inches/cm) (mV/µT)
(pF)
(Ohms) (kHz)
4312RV-404XGLD 0.40
2
21
19.65/49,91 9.14
4050
11.5
6340
4312RV-105XGLD 1.00
2
21
24.25/61,60 15.26
1621
29
4150
4312RV-245XGLD 2.38
2
26
28.35/72,01 24.72
681
55
2470
4312RV-495XGLD 4.90
2
24
32.85/83,44 42.45
331
103
1270
4312RV-725XGLD 7.20
2
30
35.05/89,03 60.02
225
128
1465
4312RV-905XGLD 9.00
2
32
35.80/91,00 78.10
180
150
1200
4513TC High Sensitivity
Inductance
Read
Matching DCR
SRF
at125kHz Percent Q
distance
Sensitivity capacitor max
typ
Part number
(mH)
tol
min (inches/cm) (mV/µT)
(pF)
(Ohms) (kHz)
4513TC-404XGLD 0.40
2
29
23.90/60,71 11.76
4050
9.66
5890
4513TC-105XGLD 1.00
2
33
30.95/78,61 19.80
1621
20.6
3670
4513TC-245XGLD 2.38
2
40
36.75/93,35 32.80
681
39.0
2200
4513TC-495XGLD 4.90
2
44
38.55/97,92 54.76
331
55.8
1551
4513TC-725XGLD 7.20
2
51
44.10/112,01 76.97
225
91.0
1400
5315TC Rugged
Inductance
Read
Matching DCR
SRF
at125kHz Percent Q
distance
Sensitivity capacitor max
typ
Part number
(mH)
tol
min (inches/cm) (mV/µT)
(pF)
(Ohms) (kHz)
5315TC-374XGLD 0.37
2
8
16/40.6
8.32
4380
24
7100
5315TC-404XGLD 0.40
2
8
17/43.2
8.67
4050
25
7300
5315TC-704XGLD 0.70
2
12
21/53.3
11.43
2320
33
4500
5315TC-904XGLD 0.90
2
12
21/53.3
13.35
1800
38
3800
5315TC-105XGLD 1.00
2
12
23/58.4
14.07
1600
40
2500
5315TC-115XGLD 1.08
2
13
23/58.4
14.65
1500
40
2300
5315TC-205XGLD 1.97
2
14
25/63.5
21.28
820
70
2300
5315TC-245XGLD 2.38
2
12
26/66.0
23.97
680
80
2400
5315TC-335XGLD 3.30
2
14
27/68.6
29.70
490
95
1800
5315TC-415XGLD 4.15
2
15
29/73.7
34.95
390
103
1260
5315TC-495XGLD 4.90
2
15
28/71.1
40.00
330
150
1550
5315TC-685XGLD 6.80
2
13
30/76.2
53.87
240
180
1350
5315TC-715XGLD 7.10
2
14
30/76.2
55.41
220
176
890
5315TC-725XGLD 7.20
2
17
30/76.2
56.74
220
165
880
2208NF NFMI Antenna Coil
Inductance
Q typ
SRFtyp
DCRmax
Irms(mA)
Part number
±5%(µH)
@10.579MHz
(MHz)
(mOhms)
15°Crise
2208NF-372XJRC
3.7
80
200
710
410
2208NF-392XJRC
3.9
80
195
740
405
NEW!
SM RFID Transponder Coils
* When ordering, please replace underscore in part number with the proper tolerance code:
J = 5%, K = 10%. (e.g. 4308RV-905XGLD for a 2% tolerance part.)
A
B
overall
E
F
D
terminal
H
C
G
Terminal wraparound:
approx 0.007/0,18 both ends
Pick and
place
material
Recommended
Land Pattern
E
F
Dimensions (inches mm)
Series
A max
B max
C max
2208NF
0.234 5,95
0.098 2,48
0.087 2,20
2208NF
Dimensions (inches mm)
Series
A max
B max
C max
4308RV
0.450 11,43
0.108 2,74
0.083 2,10
4312RV
0.448 11,38
0.136 3,45
0.092 2,34
4513TC
0.461 11,70
0.138 3,50
0.102 2,60
5315TC
0.536 13,61
0.150 3,81
0.089 2,26
B
C
A
4308RV, 4312RV, 4513TC, 5315TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com