Electronic Components Datasheet Search
  English  ▼

X  

C366 Datasheet(PDF) 38 Page - Coilcraft lnc.

Part # C366
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C366 Datasheet(HTML) 38 Page - Coilcraft lnc.

Back Button C366 Datasheet HTML 34Page - Coilcraft lnc. C366 Datasheet HTML 35Page - Coilcraft lnc. C366 Datasheet HTML 36Page - Coilcraft lnc. C366 Datasheet HTML 37Page - Coilcraft lnc. C366 Datasheet HTML 38Page - Coilcraft lnc. C366 Datasheet HTML 39Page - Coilcraft lnc. C366 Datasheet HTML 40Page - Coilcraft lnc. C366 Datasheet HTML 41Page - Coilcraft lnc. C366 Datasheet HTML 42Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
38
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
MLC15xx High Current
I
sat (A)
I
rms (A)
Height
Inductance
DCR (mOhms)
SRF
10% 20% 20°C 40°C max
Part number
±20% (µH)
nom
max
(MHz) drop drop rise
rise
(mm)
MLC1565-451MLC
0.45
0.864
0.951
158
32.8
54.0
18.0
25.6
6.5
MLC1565-501MLC
0.50
0.864
0.951
132
21.3
38.1
18.6
26.9
6.5
MLC1555-551MLC
0.55
1.34
1.48
165
20.8
35.7
16.1
22.3
5.6
MLC1565-801MLC
0.80
1.20
1.32
93
27.4
47.4
17.4
24.6
6.5
MLC1560-901MLC
0.90
1.72
1.90
101
17.8
28.7
14.6
20.6
6.0
MLC1538-102MLC
1.0
3.46
3.81
81
13.6
21.2
11.5
16.7
3.9
MLC1550-102MLC
1.0
1.72
1.90
76
16.1
27.3
13.9
19.7
5.2
MLC1565-142MLC
1.4
2.20
2.42
77
18.9
30.1
13.7
19.9
6.5
MLC1538-152MLC
1.5
4.36
4.80
50
13.4
21.0
10.6
14.6
3.9
MLC1565-202MLC
2.0
3.56
3.82
64
15.2
24.2
11.6
16.3
6.5
MLC1538-222MLC
2.2
5.90
6.50
81
9.0
15.0
7.5
10.6
3.9
MLC1550-252MLC
2.5
3.43
3.74
45
10.9
17.7
11.5
15.8
5.2
MLC1565-282MLC
2.8
4.10
4.51
44
13.7
22.3
10.7
15.2
6.5
MLC1555-302MLC
3.0
4.06
4.47
42
11.1
18.1
10.9
15.6
5.6
MLC1538-332MLC
3.3
8.80
9.68
113
7.4
12.2
5.95
9.86
3.9
MLC1565-372MLC
3.7
3.10
3.40
47
8.13
13.63 12.17 16.58 6.5
MLC1550-452MLC
4.5
7.13
7.85
36
7.12
11.8
8.43
11.7
5.2
MLC1565-472MLC
4.7
4.00
4.40
39
6.23
10.57 10.98 15.57 6.5
MLC1565-602MLC
6.0
5.50
6.05
34
5.60
9.57
9.27
13.62 6.5
MLC1565-732MLC
7.3
7.20
7.92
29
5.10
8.60
8.60
12.01 6.5
MLC1565-922MLC
9.2
9.70
10.60
25
4.57
7.80
7.19
10.18 6.5
MLC1565-113MLC
11.3
10.60
11.60
21
4.07
7.03
6.87
9.46
6.5
MLC1565-133MLC
13.0
12.57
13.75
19
3.93
6.70
6.12
8.65
6.5
MLC1565-153MLC
15.4
16.40
18.00
17
3.43
5.77
5.63
7.75
6.5
Dimensions (inches mm)
Series
Amax
B max
Cmax
D
E
MLC12xx
0.449 11,4
0.413 10,5
See table
0.70 1,8
0.091 2,3
MLC15xx
0.551 14,0
0.520 13,2
See table
0.094 2,4
0.118 3,0
MLC1770
0.661 16,8
0.642 16,3
0.256 7,0
0.116 2,95
0.165 4,2
MLC7532
0.295 7,5
0.276 7,0
0.126 3,2
0.039 1,0
0.079 2,0
MLC7540
0.295 7,5
0.276 7,0
0.157 4,0
0.039 1,0
0.079 2,0
MLC7542
0.295 7,5
0.276 7,0
0.165 4,2
0.039 1,0
0.079 2,0
C
A
B
D
E
MLC1770 High Current
I
sat(A)
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp 10% 20% 30% 20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
drop drop drop rise
rise
MLC1770-801MED
0.80
1.15
1.30
76
28.40 49.92 64.88 20.36
28.92
MLC1770-142MED
1.40
1.80
2.00
60
20.52 35.64 51.44 16.10
24.06
MLC1770-202MED
2.00
2.70
3.00
46
14.20 24.80 37.00 12.98
19.12
MLC1770-282MED
2.80
3.60
4.00
41
13.00 22.80 33.80 11.56
15.80
SLC1049 High Current
Inductance
DCR ±7%
SRF typ
I
sat (A)
I
rms
Part number
±20% (µH)
(mOhms) (MHz)
20% drop
20% drop
(A)
SLC1049-750MLC
0.075
0.230
200
61.0
66
SLC1049-101MLC
0.100
0.230
145
50.0
66
SLC1049-121MLC
0.125
0.230
140
37.0
66
SLC1049-151MLC
0.150
0.230
133
30.0
66
SLC1049-231MLC
0.230
0.230
70
25.5
66
SLC7649 High Current
Inductance
DCR ±5%
SRF typ
I
sat (A)
I
rms
Part number
±10% (µH)
(mOhms)
(MHz)
20% drop
(A)
SLC7649S-360KLC
0.036
0.17
1150
100
74
SLC7649S-500KLC
0.050
0.17
900
84
74
SLC7649S-700KLC
0.070
0.17
750
65
74
SLC7649S-101KLC
0.100
0.17
110
42
74
SLC7649S-121KLC
0.120
0.17
78
33
74
SLC7649S-151KLC
0.150
0.17
67
27
74
SLC7530 High Current
Inductance
DCR ±5%
SRF typ
I
sat (A)
I
rms
Part number
±20% (µH)
(mOhms)
(MHz)
20% drop
(A)
Single conductor
SLC7530S-500MLC
0.050
0.123
3800
50
40
SLC7530S-640MLC
0.064
0.123
3650
32
40
SLC7530S-820MLC
0.082
0.123
3750
22
40
SLC7530S-101MLC
0.100
0.123
3750
20
40
Dual conductor in parallel
SLC7530D-500MLC
0.050
0.209
3750
50
38
SLC7530D-640MLC
0.064
0.209
3650
32
38
SLC7530D-820MLC
0.082
0.209
3750
22
38
SLC7530D-101MLC
0.100
0.209
3750
20
38
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
±20% (µH)
(mOhms)
(MHz)
20% drop
(A)
Dual conductor in series
SLC7530D-500MLC
0.188
1.00
1500
21
28
SLC7530D-640MLC
0.272
1.00
1300
14
28
SLC7530D-820MLC
0.350
1.00
1200
11
28
SLC7530D-101MLC
0.400
1.00
950
8
28
MLC12xx High Current
I
sat (A)
I
rms (A)
Height
Inductance
DCR (mOhms)
SRF
10% 20%
20°C 40°C max
Part number
±20% (µH)
nom
max
(MHz) drop drop
rise
rise
(mm)
MLC1265-361MLC
0.36
0.93
1.03
234
26.9
42.6
16.5
22.7
6.5
MLC1260-401MLC
0.40
0.93
1.03
228
21.0
35.2
16.3
21.9
6.1
MLC1255-421MLC
0.42
0.93
1.03
219
21.1
34.5
16.8
24.1
5.6
MLC1240-451MLC
0.45
1.73
1.91
198
16.5
24.9
12.8
19.8
4.1
MLC1265-701MLC
0.70
1.24
1.37
134
16.4
27.5
15.2
21.0
6.5
MLC1250-801MLC
0.80
2.35
2.59
151
13.3
21.7
12.4
17.3
5.1
MLC1240-901MLC
0.90
2.57
2.83
108
13.9
22.8
11.9
16.3
4.1
MLC1260-122MLC
1.20
2.38
2.62
93
14.0
23.3
12.3
17.6
6.1
MLC1255-122MLC
1.20
2.38
2.62
85
14.1
22.4
12.4
17.5
5.6
MLC1250-132MLC
1.30
2.38
2.62
76
10.8
17.7
11.7
16.5
5.3
MLC1245-152MLC
1.50
4.08
4.49
79
10.7
17.3
10.3
14.2
4.6
MLC1260-172MLC
1.75
2.84
3.13
72
12.1
19.2
10.9
15.3
6.1
MLC1260-222MLC
2.20
4.30
4.73
63
10.8
17.2
12.8
17.2
6.1
MLC1260-332MLC
3.30
5.10
5.60
52
8.80
14.4
12.6
16.7
6.1
MLC1245-402MLC
4.00
8.18
9.00
46
7.42
11.8
6.9
9.8
4.8
MLC1260-472MLC
4.70
8.97
9.67
38
8.20
13.4
8.8
12.2
6.1
MLC1260-682MLC
6.80
9.76
10.74
35
5.80
9.8
8.3
11.7
6.1
MLC1260-822MLC
8.20
10.68
11.75
28
5.20
9.0
7.9
10.8
6.1
MLC75xx Shielded
I
sat(A)
I
rms(A)
Inductance DCR(mOhms)
SRFtyp 10%
20% 30%
20°C 40°C
Partnumber
(µH)
nom
max
(MHz)
drop
drop drop
rise
rise
MLC7532-101NEC
0.10±30%
1.20
1.40
670
21.0
38.0
56.2
24.9
32.5
MLC7532-221MEC
0.22±20%
2.50
2.80
316
22.9
41.0
59.2
20.2
26.5
MLC7542-311MEC
0.31±20%
2.30
2.70
300
12.2
21.9
29.8
20.0
23.8
MLC7542-601MEC
0.60±20%
2.95
3.80
200
9.9
15.7
20.2
16.7
21.9
MLC7540-102MEC
1.00±20%
4.42
5.00
155
7.4
11.3
15.7
13.8
18.2
MLC7540-142MEC
1.40±20%
7.10
8.00
125
6.3
11.0
14.3
10.6
14.1
MLC7540-222MEC
2.17±20%
11.7
13.0
91
5.3
8.3
11.4
8.5
11.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com