Electronic Components Datasheet Search
  English  ▼

X  

C366 Datasheet(PDF) 53 Page - Coilcraft lnc.

Part # C366
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C366 Datasheet(HTML) 53 Page - Coilcraft lnc.

Back Button C366 Datasheet HTML 49Page - Coilcraft lnc. C366 Datasheet HTML 50Page - Coilcraft lnc. C366 Datasheet HTML 51Page - Coilcraft lnc. C366 Datasheet HTML 52Page - Coilcraft lnc. C366 Datasheet HTML 53Page - Coilcraft lnc. C366 Datasheet HTML 54Page - Coilcraft lnc. C366 Datasheet HTML 55Page - Coilcraft lnc. C366 Datasheet HTML 56Page - Coilcraft lnc. C366 Datasheet HTML 57Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
53
CM1394
Common mode
Cutoff
Common mode
impedance
frequency
attenuation typ (dB)
Inductance
DCR max
Isolation
I
rms
Part number
(kOhms)
(GHz)
100 MHz 400 MHz 500 MHz
min (nH)
(Ohms)
(Vrms)
(A)
CM1394LC
0.813 @ 660 MHz
1.2
11.1
21.1
22.7
220
0.105
50
1.5
RA6870
Common mode
Cutoff
Common mode
impedance
frequency
attenuation typ (dB)
Inductance
DCR max
Isolation
I
rms
Part number
(kOhms)
(GHz)
10 MHz 100 MHz 500 MHz
min (nH)
(Ohms)
(Vrms)
(mA)
RA6870-ALC
1.94 @ 700 MHz
0.59
12.7
26.2
30.8
700
0.69
250
300
High-Speed Data Line EMI Chokes
0805USB
Common mode
Cutoff
Common mode
impedance
frequency
attenuation typ (dB)
Inductance
DCR max
Isolation
I
rms
Part number
(kOhms)
(GHz)
10 MHz 100 MHz 500 MHz
min (nH)
(Ohms)
(Vrms)
(mA)
0805USB-421MLC
>0.22 @ >3.0 GHz
3.5
1.1
2.3
8.4
23
0.12
250
500
0805USB-901MLC
>0.29 @ >3.0 GHz
2.5
1.4
4.2
16.9
47
0.17
250
500
0805USB-172MLC
0.64 @ 1.8 GHz
1.8
2.3
6.7
22.0
84
0.25
250
500
0805USB-262MLC
0.82 @ 1.8 GHz
1.5
3.0
8.6
27.8
147
0.26
250
500
0805USB-372MLC
1.06 @ 1.4 GHz
0.82
4.5
11.9
34.3
189
0.32
250
500
0805USB-502MLC
1.42 @ 1.1 GHz
0.70
4.9
14.5
31.3
273
0.37
250
500
0805USB-672MLC
1.75 @ 0.93 GHz
0.46
8.4
16.6
30.0
322
0.45
250
500
0805USB-902MLC
2.06 @ 0.90 GHz
0.47
8.7
18.7
30.5
413
0.65
250
400
1206USB
Common mode
Cutoff
Common mode
impedance
frequency
attenuation typ (dB)
Inductance
DCR max
Isolation
I
rms
Part number
(kOhms)
(GHz)
10 MHz 100 MHz 500 MHz
min (nH)
(Ohms)
(Vrms)
(mA)
1206USB-371MLC
0.21 @ 3.0 GHz
2.7
1.2
4.8
8.1
31
0.10
250
1000
1206USB-102MLC
0.36 @ 1.9 GHz
2.2
3.8
9.0
13.3
66
0.14
250
850
1206USB-172MLC
0.55 @ 1.5 GHz
2.1
5.0
12.4
18.0
107
0.18
250
700
1206USB-262MLC
0.76 @ 1.1 GHz
2.0
6.1
15.3
21.0
161
0.22
250
600
1206USB-372MLC
1.11 @ 1.1 GHz
1.2
9.1
18.5
24.4
226
0.26
250
600
1206USB-532MLC
1.45 @ 0.93 GHz
0.78
10.9
21.4
26.3
319
0.30
250
600
1206USB-672MLC
1.69 @ 0.93 GHz
0.75
13.9
23.4
28.0
412
0.34
250
500
1206USB-872MLC
1.99 @ 0.72 GHz
0.53
16.3
25.3
29.4
510
0.39
250
500
1206USB-113MLC
2.24 @ 0.66 GHz
0.51
16.9
27.1
30.0
623
0.44
250
500
1206USB-223MLC
3.36 @ 0.34 GHz
0.22
22.4
33.1
32.3
1040
0.085
250
120
Dimensions (inches mm)
Series
A max
B max
C max
0603USB
0.063 1,60
0.033 0,84
0.046 1,17
0805USB
0.084 2,13
0.054 1,37
0.065 1,65
0805USBF
0.084 2,13
0.054 1,37
0.055 1,40
0805USBN
0.087 2,20
0.055 1,40
0.037 0,93
1206USB
0.130 3,30
0.067 1,70
0.076 1,93
CM1394
0.231 5,87
0.196 4,98
0.150 3,81
RA6870
0.084 2,13
0.054 1,37
0.065 1,65
A
C
B
0603USB
Common mode
Cutoff
Common mode
impedance
frequency
attenuation typ (dB)
Inductance
DCR max
Isolation
I
rms
Part number
(kOhms)
(GHz)
100 MHz 500 MHz 1 GHz
min (nH)
(Ohms)
(Vrms)
(mA)
0603USB-251MLC
>0.10 @ >3.0 GHz
3.8
1.31
3.16
8.45
18
0.077
250
500
0603USB-601MLC
>0.18 @ >3.0 GHz
3.4
3.00
6.88
13.27
37
0.109
250
500
0603USB-951MLC
0.30 @ 2.6 GHz
2.8
4.62
9.75
16.06
63
0.142
250
500
0603USB-142MLC
0.42 @ 1.9 GHz
1.9
6.85
12.80
18.16
98
0.174
250
500
0603USB-222MLC
0.71 @ 2.9 GHz
0.96
9.14
16.53
20.29
150
0.209
250
500
Coilcraft’s
RA6870, CM1394 and USB Families of high-speed data line common mode chokes effectively reduce
common mode noise in high-speed interfaces like USB 2.0, USB 3.1 Gen 1, HDBaseTTM, MOST® bus, etc. They
maintain excellent signal integrity for high-speed communications with the -3dB differential mode cutoff frequency
up to 6.5 GHz. Most provide greater than 30 dB common mode attenuation at 500 MHz and 25 dB in the GHz band.
0805USBN
Common mode
Cutoff
Common mode
impedance
frequency
attenuation typ (dB)
Inductance
DCR max
Isolation
I
rms
Part number
(kOhms)
(GHz)
10 MHz 100 MHz 500 MHz
min (nH)
(Ohms)
(Vrms)
(mA)
0805USBN-121MRC
0.14 @ 2.6 GHz
6.4
0.04
0.5
5.0
14
0.11
250
500
0805USBN-271MRC
0.30 @ 2.5 GHz
5.1
0.09
1.4
10.0
30
0.14
250
500
0805USBN-481MRC
0.60 @ 3.0 GHz
3.4
0.13
3.5
14.7
53
0.22
250
500
0805USBN-701MRC
0.79 @ 2.0 GHz
3.4
0.18
5.3
17.4
77
0.235
250
500
0805USBN-941MRC
1.28 @ 1.4 GHz
3.5
0.30
7.6
21.1
105
0.27
250
500
0805USBN-132MRC
1.61 @ 1.2 GHz
2.3
0.50
10.0
24.4
140
0.32
250
500
0805USBN-162MRC
2.00 @ 1.0 GHz
1.5
0.78
12.1
27.3
182
0.37
250
450
0805USBN-222MRC
2.47 @ 0.96 GHz
1.7
1.14
14.0
30.0
252
0.63
250
350
0805USBF
Common mode
Cutoff
Common mode
impedance
frequency
attenuation typ (dB)
Inductance
DCR max
Isolation
I
rms
Part number
(kOhms)
(GHz)
10 MHz 100 MHz 500 MHz
min (nH)
(Ohms)
(Vrms)
(mA)
0805USBF-421MRC
>0.14 @ >3.0 GHz
6.6
0.5
4.6
6.9
28
0.11
250
500
0805USBF-901MRC
>0.30 @ >3.0 GHz
5.8
2.1
9.1
11.8
60
0.14
250
500
0805USBF-172MRC
0.52 @ 2.5 GHz
3.3
4.0
12.8
15.7
101
0.22
250
500
0805USBF-262MRC
0.69 @ 2.0 GHz
2.4
5.7
15.4
18.5
165
0.235
250
500
0805USBF-372MRC
0.93 @ 1.8 GHz
1.4
5.8
18.1
22.3
241
0.27
250
500
0805USBF-502MRC
1.22 @ 1.5 GHz
0.93
11.2
21.6
25.2
315
0.32
250
500
0805USBF-672MRC
1.65 @ 1.2 GHz
0.69
11.3
23.3
27.7
434
0.37
250
450
0805USBF-902MRC
1.91@ 1.0 GHz
0.73
12.6
25.4
30.0
560
0.63
250
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com