Electronic Components Datasheet Search
  English  ▼

X  

C366 Datasheet(PDF) 11 Page - Coilcraft lnc.

Part # C366
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C366 Datasheet(HTML) 11 Page - Coilcraft lnc.

Back Button C366 Datasheet HTML 7Page - Coilcraft lnc. C366 Datasheet HTML 8Page - Coilcraft lnc. C366 Datasheet HTML 9Page - Coilcraft lnc. C366 Datasheet HTML 10Page - Coilcraft lnc. C366 Datasheet HTML 11Page - Coilcraft lnc. C366 Datasheet HTML 12Page - Coilcraft lnc. C366 Datasheet HTML 13Page - Coilcraft lnc. C366 Datasheet HTML 14Page - Coilcraft lnc. C366 Datasheet HTML 15Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
11
1008CT Low Profile
Inductance
Percent
SRF min
DCR max
I
rms
Part number
(nH)
tolerance* Q min
(MHz)
(Ohms)
(mA)
1008CT-040XJLC
4.7 @ 50 MHz
5
28 @ 500 MHz
7500
0.15
600
1008CT-080X_LC
8.2 @ 50 MHz
5,2
40 @ 500 MHz
5000
0.22
600
1008CT-100XJLC
10 @ 50 MHz
5
40 @ 500 MHz
3000
0.22
600
1008CT-150X_LC
15 @ 50 MHz
5,2
40 @ 500 MHz
3000
0.22
600
1008CT-200X_LC
20 @ 50 MHz
5,2
50 @ 500 MHz
2400
0.33
600
1008CT-300X_LC
30 @ 50 MHz
5,2
50 @ 500 MHz
2400
0.38
600
1008CT-400X_LC
40 @ 50 MHz
5,2
60 @ 500 MHz
2000
0.43
600
1008CT-500X_LC
50 @ 50 MHz
5,2
60 @ 500 MHz
1900
0.48
600
1008CT-600X_LC
60 @ 50 MHz
5,2,1
60 @ 500 MHz
1800
0.52
600
1008CT-700X_LC
70 @ 50 MHz
5,2,1
60 @ 500 MHz
1700
0.55
510
1008CT-800X_LC
80 @ 50 MHz
5,2,1
60 @ 500 MHz
1400
0.56
510
1008CT-900X_LC
90 @ 50 MHz
5,2
65 @ 500 MHz
1400
0.61
500
1008CT-101X_LC
100 @ 50 MHz
5,2
60 @ 500 MHz
1000
0.63
480
1008HQ High Q
Inductance
Percent
SRF min
DCR max Irms
Part number
(nH)
tolerance*
Q min
(GHz)
(Ohms)
(A)
1008HQ-3N0XJLC
3.0 @ 50 MHz
5
70
8.10
0.04
1.6
1008HQ-4N1XJLC
4.1 @ 50 MHz
5
75
6.20
0.05
1.6
1008HQ-7N8XJLC
7.8 @ 50 MHz
5
75
3.80
0.05
1.6
1008HQ-10NX_LC
10 @ 50 MHz
5,2
60
3.60
0.06
1.6
1008HQ-12NX_LC
12 @ 50 MHz
5,2
70
2.80
0.06
1.5
1008HQ-18NX_LC
18 @ 50 MHz
5,2,1
62
2.70
0.07
1.4
1008HQ-22NX_LC
22 @ 50 MHz
5,2
62
2.05
0.07
1.4
1008HQ-33NX_LC
33 @ 50 MHz
5,2
75
1.70
0.09
1.3
1008HQ-36NX_LC
36 @ 50 MHz
5,2
65
1.40
0.09
1.3
1008HQ-39NX_LC
39 @ 50 MHz
5,2
75
1.30
0.09
1.3
1008HQ-47NX_LC
47 @ 50 MHz
5,2,1
75
1.45
0.12
1.2
1008HQ-56NX_LC
56 @ 50 MHz
5,2,1
75
1.23
0.12
1.2
1008HQ-68NX_LC
68 @ 50 MHz
5,2,1
80
1.15
0.13
1.1
1008HQ-82NX_LC
82 @ 50 MHz
5,2
80
1.06
0.16
1.1
1008HQ-R10X_LC
100 @ 50 MHz
5,2
62
0.82
0.16
1.0
Dimensions (inches mm)
Series
A max
B max
C max
D ref
E
F
G
0805HQ
0.090 2,29
0.068 1,73
0.060 1,52
0.020 0,51 0.050 1,27
0.020 0,51
0.040 1,02
0805HT
0.085 2,16
0.060 1,52
0.035 0,89
0.050 1,27
0.017 0,43
0.045 1,14
0805LS
0.090 2,29
0.075 1,91
0.063 1,60
0.020 0,51 0.050 1,27
0.020 0,51
0.040 1,02
0805RB
0.090 2,29
0.068 1,73
0.606 1,52
0.020 0,51 0.050 1,27
0.014 0,36
0.054 1,37
1008AF
0.115 2,92
0.110 2,79
0.075 1,91
0.020 0,51 0.080 2,03
0.020 0,51
0.060 1,52
1008CS
0.115 2,92
0.110 2,79
0.080 2,03
0.020 0,51 0.080 2,03
0.020 0,51
0.060 1,52
1008CT
0.115 2,92
0.110 2,79
0.050 1,27
0.020 0,51 0.080 2,03
0.020 0,51
0.060 1,52
1008HQ
0.115 2,92
0.110 2,79
0.080 2,03
0.020 0,51 0.080 2,03
0.020 0,51
0.060 1,52
1008HT
0.105 2,67
0.095 2,41
0.045 1,14
0.080 2,03
0.020 0,51
0.060 1,52
1008LS
0.115 2,92
0.110 2,79
0.080 2,03
0.020 0,51
0.080 2,03
0.020 0,51 0.060 1,52
0805HQ, 0805LS, 0805RB, 1008AF,
1008CS, 1008CT, 1008HQ, 1008LS
0805HT, 1008HT
Which chip inductor family should you use?
Ceramic (SUFFIX, BODY SIZE)
Ferrite (SUFFIX, BODY SIZE)
Highest Q
DC
0402-0603
HP
0402-0805
HQ
0403-1008
CS
0402-1812
LS
0603-1812
Lowest DCR
DC
0402-0603
HP
0402-0805
DS
0201
DF
0402
AF
0201-1008
LS
0603-1812
Highest current HP
0402-0805
PA
0402
HC
0603
DF
0402
AF
0201-1008
LS
0603-1812
Highest L
HL
0201-0603
DF
0402
LS
0603-1812
Lowest Profile CT
1005-2520
FL
1005
* Bold numbers indicate tolerances carried in stock. When ordering, please replace underscore in part number with the
proper tolerance code: F = 1%, G = 2%, J = 5%. (e.g. 1008CT-800XGLC for a 2% tolerance part.)
1008LS
Inductance
SRF min
DCR max
I
rms Color
Part number
±5% (µH)
Q min
(MHz)
(Ohms)
(mA) code
1008LS-102XJEC
1.0 @ 7.9 MHz
48 @ 50 MHz
230
0.62
700
Black
1008LS-122XJEC
1.2 @ 7.9 MHz
37 @ 50 MHz
210
0.68
650
Red
1008LS-152XJEC
1.5 @ 7.9 MHz
37 @ 50 MHz
190
0.76
630
Green
1008LS-182XJEC
1.8 @ 7.9 MHz
37 @ 50 MHz
170
0.84
600
Gay
1008LS-222XJEC
2.2 @ 7.9 MHz
37 @ 50 MHz
150
1.10
520
Red
1008LS-272XJEC
2.7 @ 7.9 MHz
37 @ 50 MHz
135
1.28
490
Violet
1008LS-332XJEC
3.3 @ 7.9 MHz
37 @ 50 MHz
120
1.46
450
Orange
1008LS-392XJEC
3.9 @ 7.9 MHz
37 @ 7.9 MHz
105
1.56
420
White
1008LS-432XJEC
4.3 @ 7.9 MHz
30 @ 7.9 MHz
85
1.70
400
Orange
1008LS-472XJEC
4.7 @ 7.9 MHz
32 @ 7.9 MHz
90
1.68
400
Violet
1008LS-502XJEC
5.0 @ 7.9 MHz
25 @ 7.9 MHz
30
2.20
360
Black
1008LS-562XJEC
5.6 @ 7.9 MHz
37 @ 7.9 MHz
80
1.82
380
Blue
1008LS-622XJEC
6.2 @ 7.9 MHz
32 @ 7.9 MHz
75
2.50
330
Red
1008LS-682XJEC
6.8 @ 7.9 MHz
37 @ 7.9 MHz
70
2.00
360
Gray
1008LS-822XJEC
8.2 @ 7.9 MHz
37 @ 7.9 MHz
65
2.65
330
Red
1008LS-912XJEC
9.1 @ 7.9 MHz
37 @ 7.9 MHz
57
2.90
310
Brown
1008LS-103XJEC
10 @ 7.9 MHz
37 @ 7.9 MHz
60
2.95
300
Black
1008LS-123XJEC
12 @ 2.5 MHz
28 @ 2.5 MHz
38
3.30
290
Red
1008LS-153XJEC
15 @ 2.5 MHz
34 @ 2.5 MHz
30
3.70
280
Green
1008LS-183XJEC
18 @ 2.5 MHz
28 @ 2.5 MHz
26
4.00
160
Gray
1008LS-223XJEC
22 @ 2.5 MHz
20 @ 2.5 MHz
22
6.14
270
Red
1008LS-273XJEC
27 @ 2.5 MHz
24 @ 2.5 MHz
12
6.45
210
Violet
1008LS-333XJEC
33 @ 2.5 MHz
22 @ 2.5 MHz
19
7.00
200
Orange
1008LS-393XJEC
39 @ 2.5 MHz
33 @ 2.5 MHz
26
10.0
170
White
1008LS-473XJEC
47 @ 2.5 MHz
20 @ 2.5 MHz
12
10.7
160
Violet
1008LS-563XJEC
56 @ 2.5 MHz
20 @ 2.5 MHz
8.0
10.0
170
Blue
1008LS-683XJEC
68 @ 0.79 MHz
14 @ 0.79 MHz
5.7
13.5
145
Gray
1008LS-104XJEC
100 @ 0.79 MHz
13 @ 0.79 MHz
4.5
20.5
120
Black
1008HT Low Profile
Inductance
Percent
SRF min DCR max Irms
Part number
(nH)
tolerance* Q min
(MHz)
(Ohms)
(mA)
1008HT-3N3TJLC
3.3 @ 250 MHz
5
65 @ 1500 MHz
7900
0.025
1000
1008HT-6N8TJLC
6.8 @ 250 MHz
5
70 @ 1500 MHz
5500
0.05
1000
1008HT-7N2TJLC
7.2 @ 250 MHz
5
70 @ 1500 MHz
4800
0.05
1000
1008HT-12NTJLC
12 @ 250 MHz
5
55 @ 700 MHz
3800
0.065
1000
1008HT-15NTJLC
15 @ 250 MHz
5
55 @ 700 MHz
2800
0.08
1000
1008HT-18NTJLC
18 @ 250 MHz
5
55 @ 500 MHz
3000
0.09
1000
1008HT-22NTJLC
22 @ 250 MHz
5
55 @ 500 MHz
2600
0.11
950
1008HT-27NT_LC
27 @ 250 MHz
5,2
55 @ 500 MHz
2400
0.13
850
1008HT-33NT_LC
33 @ 200 MHz
5,2
55 @ 350 MHz
2000
0.135
760
1008HT-39NT_LC
39 @ 200 MHz
5,2
55 @ 350 MHz
1900
0.17
700
1008HT-47NT_LC
47 @ 200 MHz
5,2,1
55 @ 350 MHz
1500
0.18
660
1008HT-56NT_LC
56 @ 150 MHz
5,2,1
50 @ 300 MHz
1500
0.18
620
1008HT-68NT_LC
68 @ 150 MHz
5,2,1
50 @ 300 MHz
1500
0.23
550
1008HT-82NT_LC
82 @ 150 MHz
5,2,1
40 @ 250 MHz
1300
0.35
500
1008HT-R10T_LC
100 @ 100 MHz
5,2,1
40 @ 250 MHz
1200
0.64
420
1008HT-R12T_LC
120 @ 100 MHz
5,2,1
40 @ 200 MHz
1090
0.55
350
1008HT-R14T_LC
140 @ 100 MHz
5,2,1
40 @ 200 MHz
1100
0.70
320
1008HT-R15T_LC
150 @ 100 MHz
5,2,1
40 @ 200 MHz
960
0.75
300
1008HT-R18T_LC
180 @ 50 MHz
5,2,1
40 @ 200 MHz
920
1.02
250
1008HT-R22T_LC
220 @ 50 MHz
5,2,1
34 @ 100 MHz
750
1.15
250
1008HT-R24T_LC
240 @ 50 MHz
5,2
32 @ 100 MHz
800
1.15
250
1008HT-R27T_LC
270 @ 50 MHz
5,2
32 @ 100 MHz
770
1.25
250
1008HT-R33T_LC
330 @ 25 MHz
5,2
32 @ 100 MHz
635
1.35
250
1008HT-R39T_LC
390 @ 25 MHz
5,2
32 @ 100 MHz
555
1.45
250
1008HT-R47T_LC
470 @ 25 MHz
5,2
32 @ 100 MHz
530
1.65
240
1008HT-R56T_LC
560 @ 25 MHz
5,2
32 @ 100 MHz
485
1.90
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com