Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 34 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 34 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 30Page - Semtech Corporation LLCC68 Datasheet HTML 31Page - Semtech Corporation LLCC68 Datasheet HTML 32Page - Semtech Corporation LLCC68 Datasheet HTML 33Page - Semtech Corporation LLCC68 Datasheet HTML 34Page - Semtech Corporation LLCC68 Datasheet HTML 35Page - Semtech Corporation LLCC68 Datasheet HTML 36Page - Semtech Corporation LLCC68 Datasheet HTML 37Page - Semtech Corporation LLCC68 Datasheet HTML 38Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
34 of 106
Semtech
www.semtech.com
permissible occupied bandwidth. The LoRa® modem bandwidth always refers to the double side band (DSB). The range of
LoRa® signal bandwidths available is given in the table below:
For BW_L up to 250 kHz, the receiver performs a double conversion. A first down conversion to low- IF is performed inside
the RF chain, a second conversion to baseband is performed digitally inside the baseband modem. When the 500 kHz
bandwidth is used, a single down-conversion to zero-IF is performed in the RF part.
6.1.1.3 FEC Coding Rate
To further improve the robustness of the link the LoRa® modem employs cyclic error coding to perform forward error
detection and correction.
Forward Error Correction (FEC) is particularly efficient in improving the reliability of the link in the presence of interference.
So that the coding rate and robustness to interference can be changed in response to channel conditions. The coding rate
selected on the transmitter side is communicated to the receiver through the header (when present).
A higher coding rate provides better noise immunity at the expense of longer transmission time. In normal conditions a
factor of 4/5 provides the best trade-off; in the presence of strong interferers a higher coding rate may be used. Error
correction code does not have to be known in advance by the receiver since it is encoded in the header part of the packet.
6.1.1.4 Low Data Rate Optimization
For low data rates (typically for high SF or low BW) and very long payloads which may last several seconds in the air, the low
data rate optimization (LDRO) can be enabled. This reduces the number of bits per symbol to the given SF minus two (see
Section 6.1.4 "LoRa® Time-on-Air" on page 36) in order to allow the receiver to have a better tracking of the LoRa® signal.
Depending on the payload size, the low data rate optimization is usually recommended when a LoRa® symbol time is equal
or above 16.38 ms.
Table 6-2: Signal Bandwidth Setting in LoRa® Mode
Signal Bandwidth
7
8
9
BW_L [kHz] 0
1250
250 1
1. For RF frequencies below 400 MHz, there is a scaling
between the frequency and supported BW, some BW
may not be available below 400 MHz
500 1
Table 6-3: Coding Rate Overhead
Coding Rate
Cyclic Coding Rate CR
[in raw bits / total bits]
Overhead Ratio
1
4/5
1.25
24/6
1.5
3
4/7
1.75
44/8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com