Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 26 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 26 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 22Page - Semtech Corporation LLCC68 Datasheet HTML 23Page - Semtech Corporation LLCC68 Datasheet HTML 24Page - Semtech Corporation LLCC68 Datasheet HTML 25Page - Semtech Corporation LLCC68 Datasheet HTML 26Page - Semtech Corporation LLCC68 Datasheet HTML 27Page - Semtech Corporation LLCC68 Datasheet HTML 28Page - Semtech Corporation LLCC68 Datasheet HTML 29Page - Semtech Corporation LLCC68 Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
26 of 106
Semtech
www.semtech.com
Table 4-3: Intermediate Frequencies in LoRa® Mode
4.4 Transmitter
The transmit chain uses the modulated output from the modem bank which directly modulates the fractional-N PLL. An
optional pre-filtering of the bit stream can be enabled to reduce the power in the adjacent channels, also dependent on
the selected modulation type.
The default maximum RF output power of the transmitter is +22 dBm. The RF output power is programmable with 32 dB of
dynamic range, in 1 dB steps. The power amplifier ramping time is also programmable to meet regulatory requirements.
The power amplifier is supplied by the regulator VR_PA and the connection between VR_PA and RFO is done externally to
the chip. VR_PA, supplied through VDD_IN, is taken directly from the battery and in this case maximum output power is
limited by supply voltage at VDD_IN.
4.4.1 Power Amplifier Specifics
Caution!
All figures below are indicative and typical, and are not a specification. These figures only highlight behavior of the
PA over voltage and current.
Figures are given with DC-DC regulation enabled, which applies only to the circuit core.
The PA is optimized for maximum output power whilst maximizing the efficiency, which makes it mandatory to supply the
power amplifier with fairly high voltages to maintain an high output power. To summarize:
•
the current efficiency of the PA is optimal at the highest output power step
•
output power will be limited by the voltage supplied to VBAT
BW Setting
Bandwidth [kHz DSB]
Intermediate Frequency [kHz]
LORA_BW_500
500
0
LORA_BW_250
250
250
LORA_BW_125
125
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com