Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 62 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 62 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 58Page - Semtech Corporation LLCC68 Datasheet HTML 59Page - Semtech Corporation LLCC68 Datasheet HTML 60Page - Semtech Corporation LLCC68 Datasheet HTML 61Page - Semtech Corporation LLCC68 Datasheet HTML 62Page - Semtech Corporation LLCC68 Datasheet HTML 63Page - Semtech Corporation LLCC68 Datasheet HTML 64Page - Semtech Corporation LLCC68 Datasheet HTML 65Page - Semtech Corporation LLCC68 Datasheet HTML 66Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
62 of 106
Semtech
www.semtech.com
13. Commands Interface
13.1 Operational Modes Functions
13.1.1 SetSleep
The command SetSleep(...) is used to set the device in SLEEP mode with the lowest current consumption possible. This
command can be sent only while in STDBY mode (STDBY_RC or STDBY_XOSC). After the rising edge of NSS, all blocks are
switched OFF except the backup regulator if needed and the blocks specified in the parameter sleepConfig.
The sleepConfig argument is defined in Table 13-2.
When entering SLEEP mode, the BUSY line is asserted high and stays high for the duration of the SLEEP period.
Once in SLEEP mode, it is possible to wake the device up from the host processor with a falling edge on the NSS line. The
device can also wake up automatically based on a counter event driven by the RTC 64 kHz clock. If the RTC is used, a rising
edge of NSS will still wake up the chip (the host keeps control of the chip).
By default, when entering into SLEEP mode, the chip configuration is lost. However, being able to store chip configuration
to lower host interaction or during RxDutyCycle mode can be implemented using the register in retention mode during
SLEEP state. This is available when the SetSleep(...) command is sent with sleepConfig[2] set to 1. Once the chip leaves SLEEP
mode (by NSS or RTC event), the chip will first restore the registers with the value stored into the retention register.
Caution:
Once the command SetSleep(...) has been sent, the device will become unresponsive for around 500
s, time needed for the
configuration saving process and proper switch off of the various blocks. The user must thus make sure the device will not
be receiving SPI command during these 500
s to ensure proper operations of the device.
Table 13-1: SetSleep SPI Transaction
Byte
0
1
Data from host
Opcode = 0x84
sleepConfig
Table 13-2: Sleep Mode Definition
SleepConfig[7:3]
SleepConfig [2]
SleepConfig [1]
SleepConfig [0]
RESERVED
0: cold start
0: RFU
0: RTC timeout disable
RESERVED
1: warm start
(device configuration in
retention) 1
1. Note that only configuration for the activated modem before going to sleep is retained. Configuration of the other modems is lost and must be
re-configured.
0: RFU
1: wake-up on RTC timeout
(RC64k)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com