Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 51 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 51 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 47Page - Semtech Corporation LLCC68 Datasheet HTML 48Page - Semtech Corporation LLCC68 Datasheet HTML 49Page - Semtech Corporation LLCC68 Datasheet HTML 50Page - Semtech Corporation LLCC68 Datasheet HTML 51Page - Semtech Corporation LLCC68 Datasheet HTML 52Page - Semtech Corporation LLCC68 Datasheet HTML 53Page - Semtech Corporation LLCC68 Datasheet HTML 54Page - Semtech Corporation LLCC68 Datasheet HTML 55Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
51 of 106
Semtech
www.semtech.com
9. Operational Modes
The LLCC68 features six operating modes. The analog front-end and digital blocks that are enabled in each operating mode
are explained in the following table.
9.1 Startup
At power-up or after a reset, the chip goes into STARTUP state, the control of the chip being done by the sleep state
machine operating at the battery voltage. The BUSY pin is set to high indicating that the chip is busy and cannot accept a
command. When the digital voltage and RC clock become available, the chip can boot up and the CPU takes control. At this
stage the BUSY line goes down and the device is ready to accept commands.
9.2 Calibration
The calibration procedure is automatically called in case of POR or via the calibration command. Parameters can be added
to the calibrate command to identify which section of calibration should be repeated. The following blocks can be
calibrated:
•
RC64k using the 32 MHz crystal oscillator as reference
•
RC13M using the 32 MHz crystal oscillator as reference
•
PLL to select the proper VCO frequency and division ratio for any RF frequency
•
RX ADC
•
Image (RX mode with defined tone)
Once the calibration is finished, the chip enters STDBY_RC mode.
9.2.1 Image Calibration for Specific Frequency Bands
Image calibration is done through the command CalibrateImage(...) for a given range of frequencies defined by the
parameters freq1 and freq2. Once performed, the calibration is valid for all frequencies between the two extremes used as
parameters. Typically, the user can select the parameters freq1 and freq2 to cover any specific ISM band.
Table 9-1: LLCC68 Operating Modes
Mode
Enabled Blocks
SLEEP
Optional registers, backup regulator, RC64k oscillator, data RAM
STDBY_RC
Top regulator (LDO), RC13M oscillator
STDBY_XOSC
Top regulator (DC-DC or LDO), XOSC
FS
All of the above + Frequency synthesizer at Tx frequency
Tx
Frequency synthesizer and transmitter, Modem
Rx
Frequency synthesizer and receiver, Modem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com