Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 63 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 63 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 59Page - Semtech Corporation LLCC68 Datasheet HTML 60Page - Semtech Corporation LLCC68 Datasheet HTML 61Page - Semtech Corporation LLCC68 Datasheet HTML 62Page - Semtech Corporation LLCC68 Datasheet HTML 63Page - Semtech Corporation LLCC68 Datasheet HTML 64Page - Semtech Corporation LLCC68 Datasheet HTML 65Page - Semtech Corporation LLCC68 Datasheet HTML 66Page - Semtech Corporation LLCC68 Datasheet HTML 67Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
63 of 106
Semtech
www.semtech.com
13.1.2 SetStandby
The command SetStandby(...) is used to set the device in a configuration mode which is at an intermediate level of
consumption. In this mode, the chip is placed in halt mode waiting for instructions via SPI. This mode is dedicated to chip
configuration using high level commands such as SetPacketType(...).
By default, after battery insertion or reset operation (pin NRESET goes low), the chip will enter in STDBY_RC mode running
with a 13 MHz RC clock.
The StdbyConfig byte definition is as follows:
13.1.3 SetFs
The command SetFs() is used to set the device in the frequency synthesis mode where the PLL is locked to the carrier
frequency. This mode is used for test purposes of the PLL and can be considered as an intermediate mode. It is
automatically reached when going from STDBY_RC mode to TX mode or RX mode.
In FS mode, the PLL will be set to the frequency programmed by the function SetRfFrequency(...) which is the same used for
TX or RX operations.
13.1.4 SetTx
The command SetTx() sets the device in transmit mode.
Table 13-3: SetConfig SPI Transaction
Byte
0
1
Data from host
Opcode = 0x80
StdbyConfig
Table 13-4: STDBY Mode Configuration
StdbyConfig
Value
Description
STDBY_RC
0
Device running on RC13M, set STDBY_RC mode
STDBY_XOSC
1
Device running on XTAL 32MHz, set STDBY_XOSC mode
Table 13-5: SetFs SPI Transaction
Byte
0
Data from host
Opcode = 0xC1
Table 13-6: SetTx SPI Transaction
Byte
0
1-3
Data from host
Opcode = 0x83
timeout(23:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com