Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 19 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 15Page - Semtech Corporation LLCC68 Datasheet HTML 16Page - Semtech Corporation LLCC68 Datasheet HTML 17Page - Semtech Corporation LLCC68 Datasheet HTML 18Page - Semtech Corporation LLCC68 Datasheet HTML 19Page - Semtech Corporation LLCC68 Datasheet HTML 20Page - Semtech Corporation LLCC68 Datasheet HTML 21Page - Semtech Corporation LLCC68 Datasheet HTML 22Page - Semtech Corporation LLCC68 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
19 of 106
Semtech
www.semtech.com
3.5.3 Receive Mode Specifications
IDDTCXO
Current consumption of the
TCXO regulator
Quiescent current
Relative to load current
-
-
-
1
70
2
A
%
ATCXO
Amplitude voltage for
external TCXO
applied to XTA pin
provided through a 220
 resistor
in series with a 10 pF capacitance
See Section 4.1.4 "TCXO Control Block" on
page 24
0.4
0.6
1.2
Vpk-pk
1. Phase Noise specifications are given for the recommended PLL BW to be used for the specific modulation/BR, optimized settings may be used for
specific applications
2. Phase Noise is not constant over frequency, due to the topology of the PLL, for two frequencies close to each other, the phase noise could change
significantly
3. Wake-up time till crystal oscillator frequency is within +/- 10 ppm
4. OSC_TRIM is the available trimming range to compensate for crystal initial frequency error and to allow crystal temperature compensation
implementation; the total available trimming range is higher and allows the compensation for all IC process variations
5. Maximum bit rate is assumed to scale with the RF frequency; for example 300 kb/s in the 869/915 MHz frequency bands and only 50 kb/s at 150
MHz
6. For RF frequencies below 400 MHz, there is a scaling between the frequency and supported BW, some BW may not be available below 400 MHz
7. LoRa BW = 125 kHz
8. LoRa BW = 250 kHz
9. LoRa BW = 500 kHz
Table 3-8: Receive Mode Specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
RXS_2FB
Sensitivity 2-FSK,
RX Boosted gain, see Section 9.6
"Receive (RX) Mode" on page 53,
split RF paths for Rx and Tx, RF
switch insertion loss excluded
BR_F = 0.6 kb/s, FDA = 0.8 kHz, BW_F = 4 kHz
BR_F = 1.2 kb/s, FDA = 5 kHz, BW_F = 20 kHz
BR_F = 4.8 kb/s, FDA = 5 kHz, BW_F = 20 kHz
BR_F = 38.4 kb/s, FDA = 40 kHz, BW_F = 160 kHz
BR_F = 250 kb/s, FDA = 125 kHz, BW_F = 500 kHz
-
-
-
-
-
-125
-123
-118
-109
-104
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
RXS_LB
Sensitivity LoRa®,
Rx Boosted gain, see Section 9.6
"Receive (RX) Mode" on page 53,
split RF paths for Rx and Tx, RF
switch insertion loss excluded
BW_L = 125 kHz, SF = 7
BW_L = 125 kHz, SF = 9
BW_L = 250 kHz, SF = 7
BW_L = 250 kHz, SF = 10
BW_L = 500 kHz, SF = 7
BW_L = 500 kHz, SF = 11
-
-
-
-
-
-
-124
-129
-121
-129
-117
-127
-
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
dBm
RXS_2F
Sensitivity 2-FSK
Rx Power Saving gain
with direct tie connection
between Rx and Tx
BR_F = 4.8 kb/s, FDA = 5 kHz, BW_F = 20 kHz
-
-115
-
dBm
RXS_L
Sensitivity LoRa®
Rx Power Saving gain
with direct tie connection
between Rx and Tx
BW_L = 125 kHz, SF = 9
-
-125
-
dBm
Table 3-7: General Specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com