Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 88 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 88 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 84Page - Semtech Corporation LLCC68 Datasheet HTML 85Page - Semtech Corporation LLCC68 Datasheet HTML 86Page - Semtech Corporation LLCC68 Datasheet HTML 87Page - Semtech Corporation LLCC68 Datasheet HTML 88Page - Semtech Corporation LLCC68 Datasheet HTML 89Page - Semtech Corporation LLCC68 Datasheet HTML 90Page - Semtech Corporation LLCC68 Datasheet HTML 91Page - Semtech Corporation LLCC68 Datasheet HTML 92Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
88 of 106
Semtech
www.semtech.com
Parameters cadDetPeak and cadDetMin define the sensitivity of the LoRa modem when trying to correlate to actual LoRa
preamble symbols. These two settings depend on the LoRa spreading factor and Bandwidth, but also depend on the
number of symbols used to validate or not the detection.
Choosing the right value is not easy and the values selected must be carefully tested to ensure a good detection at
sensitivity level, and also to limit the number of false detections. Application note AN1200.48 provides guidance for the
selection of these parameters.
The parameter cadExitMode defines the action to be done after a CAD operation. This is optional.
The parameter cadTimeout is only used when the CAD is performed with cadExitMode = CAD_RX. Here, the cadTimeout
indicates the time the device will stay in Rx following a successful CAD.
Rx Timeout = cadTimeout * 15.625
13.4.8 SetBufferBaseAddress
This command sets the base addresses in the data buffer in all modes of operations for the packet handing operation in TX
and RX mode. The usage and definition of those parameters are described in the different packet type sections.
CAD_ON_8_SYMB
0x03
8
CAD_ON_16_SYMB
0x04
16
Table 13-73: CAD Exit Mode Definition
cadExitMode
Value
Operation
CAD_ONLY
0x00
The chip performs the CAD operation in
LoRa®. Once done and whatever the
activity on the channel, the chip goes back to STBY_RC mode.
CAD_RX
0x01
The chip performs a CAD operation and if an activity is detected, it stays in RX until
a packet is detected or the timer reaches the timeout defined by
cadTimeout * 15.625 us
Table 13-74: SetBufferBaseAddress SPI Transaction
Byte
0
1
2
Data from host
Opcode = 0x8F
TX base address
RX base address
Table 13-72: CAD Number of Symbol Definition
cadSymbolNum
Value
Number of Symbols used for CAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com