Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 53 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 53 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 49Page - Semtech Corporation LLCC68 Datasheet HTML 50Page - Semtech Corporation LLCC68 Datasheet HTML 51Page - Semtech Corporation LLCC68 Datasheet HTML 52Page - Semtech Corporation LLCC68 Datasheet HTML 53Page - Semtech Corporation LLCC68 Datasheet HTML 54Page - Semtech Corporation LLCC68 Datasheet HTML 55Page - Semtech Corporation LLCC68 Datasheet HTML 56Page - Semtech Corporation LLCC68 Datasheet HTML 57Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
53 of 106
Semtech
www.semtech.com
9.5 Frequency Synthesis (FS) Mode
In FS mode, PLL and related regulators are switched ON. The BUSY goes low as soon as the PLL is locked or timed out.
For debugging purposes the chip may be requested to remain in this mode by using the SetFs() command.
Since the LLCC68 uses low IF architecture, the RX and TX frequencies are different. The RX frequency is equal to TX one
minus the intermediate frequency (IF). In FS or TX modes, the RF frequency is directly programmed by the user.
9.6 Receive (RX) Mode
In RX mode, the RF front-end, RX ADC and the selected modem (LoRa® or FSK) are turned ON. In RX mode the circuit can
operate in different sub-modes:
•
Continuous mode: the device remains in RX mode and waits for incoming packet reception until the host requests a
different mode,
•
Single mode: the device returns automatically to STDBY_RC mode after packet reception,
•
Single mode with timeout: the device returns automatically to STDBY_RC mode after packet reception or after the
selected timeout,
•Listen mode: the device alternate between Sleep and Rx mode until an IRQ is triggered.
In RX mode, BUSY will go low as soon as the RX is enabled and ready to receive data.
The LLCC68 can operate in Rx Boosted gain setup or in Rx power saving gain setup. In the Rx power saving gain, the radio
will consume less power at a small cost in sensitivity. In Rx Boosted gain, the radio will consume more power to improve
the sensitivity.
The Rx Gain register is not part of the retention memory when waking-up from a warm-start mode. To include this register
in the retention memory, the following steps are required:
•
Set register 0x029F to 0x01
•
Set register 0x02A0 to 0x08
•
Set register 0x02A1 to 0xAC
This procedure is mandatory when using the SetRxDutyCycle method, to keep on using the Rx Boosted gain.
Note:
In LoRa® mode, the user can also use the command SetLoRaSymbNumTimeout(...) to perform a quick and immediate
assessment of the presence (or not) of LoRa preamble symbols. If the user defined parameter SymbNum is different from
0, the modem will wait for a total of SymbNum LoRa® symbol to validate, or not, the correct detection of a LoRa® packet. If
the various states of the demodulator are not lock at this moment, the radio will generate the RxTimeout IRQ. Otherwise,
the radio will stay in Rx for the full duration of the packet. For more information, please see Section 13.4.9
"SetLoRaSymbNumTimeout" on page 89.
Table 9-3: Rx Gain Configuration
Rx Gain
Register Address
Value
Rx Gain
0x08AC
Rx Power Saving gain: 0x94 (default)
Rx Boosted gain: 0x96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com