Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 104 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 104 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 98Page - Semtech Corporation LLCC68 Datasheet HTML 99Page - Semtech Corporation LLCC68 Datasheet HTML 100Page - Semtech Corporation LLCC68 Datasheet HTML 101Page - Semtech Corporation LLCC68 Datasheet HTML 102Page - Semtech Corporation LLCC68 Datasheet HTML 103Page - Semtech Corporation LLCC68 Datasheet HTML 104Page - Semtech Corporation LLCC68 Datasheet HTML 105Page - Semtech Corporation LLCC68 Datasheet HTML 106Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 104 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
104 of 106
Semtech
www.semtech.com
LDRO
Low Data Rate Optimization
LFSR
Linear-Feedback Shift Register
LNA
Low-Noise Amplifier
LO
Local Oscillator
LoRa®
Long Range Communication
the LoRa® Mark is a registered trademark of the Semtech Corporation
LSB
Least Significant Bit
MISO
Master Input Slave Output
MOSI
Master Output Slave Input
MSB
Most Significant Bit
MSK
Minimum-Shift Keying
NOP
No Operation (0x00)
NRZ
Non-Return-to-Zero
NSS
Slave Select active low
OCP
Over Current Protection
PA
Power Amplifier
PER
Packet Error Rate
PHY
Physical Layer
PID
Product Identification
PLL
Phase-Locked Loop
POR
Power On Reset
RC13M
13 MHz Resistance-Capacitance Oscillator
RC64k
64 kHz Resistance-Capacitance Oscillator
RFO
Radio Frequency Output
RFU
Reserved for Future Use
RTC
Real-Time Clock
SCK
Serial Clock
SF
Spreading Factor
SN
Sequence Number
SNR
Signal to Noise Ratio
SPI
Serial Peripheral Interface
SSB
Single Side Bandwidth
List of Acronyms and their Meaning
Acronym
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com