Electronic Components Datasheet Search
  English  ▼

X  

MPQ4436 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ4436
Description  45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4436 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ4436 Datasheet HTML 1Page - Monolithic Power Systems MPQ4436 Datasheet HTML 2Page - Monolithic Power Systems MPQ4436 Datasheet HTML 3Page - Monolithic Power Systems MPQ4436 Datasheet HTML 4Page - Monolithic Power Systems MPQ4436 Datasheet HTML 5Page - Monolithic Power Systems MPQ4436 Datasheet HTML 6Page - Monolithic Power Systems MPQ4436 Datasheet HTML 7Page - Monolithic Power Systems MPQ4436 Datasheet HTML 8Page - Monolithic Power Systems MPQ4436 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
MPQ4436/4436A
– 45V, 6A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4436/4436A Rev. 1.2
MonolithicPower.com
2
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATION
MPQ4436/
4436A
VIN
MODE
VIN
F REQ
FB
BST
VOUT
SW
VCC
PG
SS
3.3 to 45V
SYNCO
EN
GND
SYNCIN
ICS
Efficiency vs. Load Current
VOUT=3.3V, FSW=470kHz, L=3.3
μH, AAM
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
LOAD CURRENT (mA)
VIN=12V
VIN=24V
VIN=36V
VIN=45V
6000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com