Electronic Components Datasheet Search
  English  ▼

X  

MPQ4436 Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MPQ4436
Description  45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4436 Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MPQ4436 Datasheet HTML 28Page - Monolithic Power Systems MPQ4436 Datasheet HTML 29Page - Monolithic Power Systems MPQ4436 Datasheet HTML 30Page - Monolithic Power Systems MPQ4436 Datasheet HTML 31Page - Monolithic Power Systems MPQ4436 Datasheet HTML 32Page - Monolithic Power Systems MPQ4436 Datasheet HTML 33Page - Monolithic Power Systems MPQ4436 Datasheet HTML 34Page - Monolithic Power Systems MPQ4436 Datasheet HTML 35Page - Monolithic Power Systems MPQ4436 Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
MPQ4436/4436A
– 45V, 6A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4436/4436A Rev. 1.2
MonolithicPower.com
32
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor maintains the DC output
voltage. Use ceramic, tantalum, or low-ESR
electrolytic capacitors. For best results, use low-
ESR capacitors to keep the output voltage ripple
low. The output voltage ripple can be estimated
with Equation (8):
=
 −
+

OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
f
L
V
8f
C
(8)
Where L is the inductor value, and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency and causes the majority of the output
voltage ripple. For simplification, the output
voltage ripple can be estimated with Equation
(9):
=
 −
 
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 f
L C
V
(9)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be estimated with Equation (10):
=
 −
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
f
L
V
(10)
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MPQ4436/4436A can be optimized for a wide
range of capacitance and ESR values.
Selecting the Inductor
A 1µH to 10µH inductor with a DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For higher efficiency, choose an inductor with a
lower DC resistance. A larger-value inductor
results in less ripple current and a lower output
ripple voltage, but also has a larger physical size,
higher series resistance, and lower saturation
current. A good rule for determining the inductor
value is to allow the inductor ripple current to be
approximately 30%
of the maximum
load
current. The inductance value can be calculated
with Equation (11):
=
 −

OUT
OUT
SW
L
IN
VV
L
(1
)
f
I
V
(11)
Where
∆IL is the peak-to-peak inductor ripple
current.
Choose the inductor ripple current to be
approximately 30% of the maximum load current.
The maximum inductor peak current can be
calculated with Equation (12):
=
+
 −
OUT
OUT
LP
LOAD
SW
IN
VV
I
I
(1
)
2f
L
V
(12)
VIN UVLO Setting
The MPQ4436/4436A has an internal, fixed
under-voltage lockout (UVLO) threshold. The
rising threshold is 3V, while the falling threshold
is about 2.65V. For applications that need a
higher UVLO point, an external resistor divider
between VIN and EN can be used to achieve a
higher equivalent UVLO threshold (see Figure
10).
Figure 10: Adjustable UVLO Using EN Divider
The UVLO threshold can be calculated with
Equation (13) and Equation (14):
EN_RISING
DOWN
UP
RISING
V
R
R
(1
INUV
+
=
)
(13)
EN_FALLING
DOWN
UP
FALLING
V
R
R
(1
INUV
+
=
)
(14)
Where VEN_RISING is 1V, and VEN_FALLING is 0.85V.
VIN
EN
VIN
RUP
RDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com