Electronic Components Datasheet Search
  English  ▼

X  

MPQ4436 Datasheet(PDF) 34 Page - Monolithic Power Systems

Part # MPQ4436
Description  45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4436 Datasheet(HTML) 34 Page - Monolithic Power Systems

Back Button MPQ4436 Datasheet HTML 30Page - Monolithic Power Systems MPQ4436 Datasheet HTML 31Page - Monolithic Power Systems MPQ4436 Datasheet HTML 32Page - Monolithic Power Systems MPQ4436 Datasheet HTML 33Page - Monolithic Power Systems MPQ4436 Datasheet HTML 34Page - Monolithic Power Systems MPQ4436 Datasheet HTML 35Page - Monolithic Power Systems MPQ4436 Datasheet HTML 36Page - Monolithic Power Systems MPQ4436 Datasheet HTML 37Page - Monolithic Power Systems MPQ4436 Datasheet HTML 38Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
MPQ4436/4436A
– 45V, 6A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4436/4436A Rev. 1.2
MonolithicPower.com
34
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATION
3.3 to 45V
3.3V/6A
VIN
10µF
C1A
10µF
C1B
0.1µF
C1C
62k
Ω
R3
4.7µF
C6
100k
Ω
R7
10nF
C3
0.22µF
C4
4.7µH
L1
100k
Ω
R5
31.6k
Ω
R6
47µF
C2A
47µF
C2B
VOUT
GND
GND
0
Ω
R4
0.1µF
C1D
VIN
3, 12
FREQ
20
VCC
16
PG
14
EN
9
SS
19
FB
18
SW
7,8
SYNCIN
2
SYNCO
13
MODE
1
U1
MPQ4436/
4436A
47pF
C5
2
JP1
PG
SYNCIN
SYNCO
EN
SS
FCCM
AAM
51k
Ω
R2
R1
100k
Ω
ICS 15
Figure 12: Single-Phase, VOUT = 3.3V, fSW = 470kHz
3.3-45V
5V/6A
VIN
10uF
C1A
50V
1210
10uF
C1B
50V
0603
0.1uF
C1C
50V
75k
R3
4.7uF
C6
100k
R7
100k
R1
10nF
C3
50V
0.1uF
C4
4.7uH
L3
100k
R5
19.6k
R6
47uF
C2A
10V
1210
47uF
C2B
10V
1210
VOUT
GND
GND
0
R4
50V
1210
0.1uF
C1D
0603
VIN
3, 12
FREQ
20
VCC
16
PG
14
EN
9
SS
19
FB
18
SW
7,8
SYNCIN
2
SYNCO
13
MODE
1
U1
MPQ4436/
4436A
47pF
C5
2
JP1
PG
10
R8
SYNCIN
SYNCO
EN
VEMI
GND
BLM41PG600SN1L
L1
47uF
CIN9
4.7uH
L2
CIN11
1nF
CIN1
10nF
CIN2
1nF
CIN3
10nF
CIN4
VIN
1uF
CIN5
1uF
CIN6
10uF
CIN7
10uF
CIN8
0.1uF
CIN10
10
R11
10
R23
51k
R9
10
R12
10
R13
C8
C7
0.1uF
R19
10
R20
10
R24
C10
C9
COUT1
R21
R22
COUT2
COUT3
COUT4
0.1uF
10
0.1uF
10
0.1uF
10
10nF 1nF 10nF1nF
0.1uF
ICS
15
Figure 13: VOUT = 5V, fSW = 410kHz with EMI Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com