Electronic Components Datasheet Search
  English  ▼

X  

MPQ4436 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPQ4436
Description  45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4436 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPQ4436 Datasheet HTML 4Page - Monolithic Power Systems MPQ4436 Datasheet HTML 5Page - Monolithic Power Systems MPQ4436 Datasheet HTML 6Page - Monolithic Power Systems MPQ4436 Datasheet HTML 7Page - Monolithic Power Systems MPQ4436 Datasheet HTML 8Page - Monolithic Power Systems MPQ4436 Datasheet HTML 9Page - Monolithic Power Systems MPQ4436 Datasheet HTML 10Page - Monolithic Power Systems MPQ4436 Datasheet HTML 11Page - Monolithic Power Systems MPQ4436 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
MPQ4436/4436A
– 45V, 6A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4436/4436A Rev. 1.2
MonolithicPower.com
8
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C, unless otherwise noted.
IQ vs. Temperature
VFB vs. Temperature
ILIMIT vs. Temperature
Valley Current Limit vs. Temperature
Reverse Current Limit vs.
Temperature
VIN UVLO Threshold vs. Temperature
15
16
17
18
19
20
21
22
23
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
0.812
0.813
0.814
0.815
0.816
0.817
0.818
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
10.6
10.8
11.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
2.6
2.7
2.8
2.9
3.0
3.1
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN UVLO Rising
VIN UVLO Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com