Electronic Components Datasheet Search
  English  ▼

X  

MPQ4436 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MPQ4436
Description  45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4436 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MPQ4436 Datasheet HTML 24Page - Monolithic Power Systems MPQ4436 Datasheet HTML 25Page - Monolithic Power Systems MPQ4436 Datasheet HTML 26Page - Monolithic Power Systems MPQ4436 Datasheet HTML 27Page - Monolithic Power Systems MPQ4436 Datasheet HTML 28Page - Monolithic Power Systems MPQ4436 Datasheet HTML 29Page - Monolithic Power Systems MPQ4436 Datasheet HTML 30Page - Monolithic Power Systems MPQ4436 Datasheet HTML 31Page - Monolithic Power Systems MPQ4436 Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
MPQ4436/4436A
– 45V, 6A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4436/4436A Rev. 1.2
MonolithicPower.com
28
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
circuitry should provide enough voltage headroom
to facilitate the charging.
When the HS-FET is on, BST is above VCC, so
the bootstrap capacitor cannot be charged.
In higher duty cycle operation conditions, the time
period available to the bootstrap charging is less,
so the bootstrap capacitor may not be charged
sufficiently. If the external circuit has not had
sufficient voltage and time to charge the bootstrap
capacitor, extra external circuitry can be used to
ensure the bootstrap voltage is in the normal
operation range.
Low Dropout Operation and BST Refresh
To improve dropout, the MPQ4436/4436A is
designed to operate at close to 100% duty cycle
as long as the BST-to-SW voltage is greater than
2.5V. When the voltage from BST to SW drops
below 2.5V, the HS-FET turns off using a UVLO
circuit, which allows the LS-FET to conduct and
refresh the charge on the BST capacitor. In DCM
mode or PSM mode, the LS-FET is forced on to
refresh the BST voltage.
Since the supply current sourced from the BST
capacitor is low, the HS-FET remains on for more
switching cycles than are required to refresh the
capacitor. Therefore, the effective duty cycle of the
switching regulator is high.
The effective duty cycle during dropout of the
regulator is mainly influenced by the voltage drops
across the power MOSFET, inductor resistance,
the low-side diode, and PCB resistance.
Enable Control
EN is a digital control pin that turns the regulator
on and off (see Figure 4). It offers two main
features:
1) Enabled by external logic H/L signal
When EN is pulled below the falling voltage
threshold (0.85V), the chip is put into the lowest
shutdown current mode. Forcing this pin above
the EN rising threshold voltage (1V) turns on the
part.
2) Programmable VIN under-voltage lockout
(UVLO)
With high enough VIN, the chip can be enabled and
disabled by the EN pin. With the internal current
source, this circuit can generate a programmable
VIN UVLO and hysteresis.
EN
VIN
REN1
REN2
Figure 4: Enable Divider Circuit
Frequency Programmable and Foldback
The MPQ4436/4436A oscillating frequency is
programmed either by an external resistor (RFREQ)
from the FREQ pin to ground, or by a logic level
SYNC signal.
To get an expected switching frequency (fSW),
select the RFREQ value following the fSW vs. RFREQ
curve in the Typical Performance Characteristics
(TPC) section on page 14. Note that fSW will fold
back at high VIN when set at high values to avoid
triggering the minimum on time and the output
going out of regulation. The fSW vs. VIN curve in the
TPC section shows an example when RFREQ is
12k
Ω. The corresponding fSW is about 2.1MHz at
VIN = 12V, and decreases to be below 1.5MHz
when VIN is above 18V. Thus the switching
frequency drops into the AM band (<1.8MHz),
which
should
be
avoided
for
car
battery
applications considering EMI compliance. So the
recommended fSW of the MPQ4436/4436A for car
battery applications is 350kHz to 1000kHz. Higher
frequencies may still be supported for the
applications that do not have critical limits on the
switching frequency or have relatively low, stable
input voltages.
Frequency Spread Spectrum (MPQ4436A Only)
MPQ4436A uses a 12kHz modulation frequency
with at most a 128-step triangular profile to spread
the internal oscillator frequency over a 20% (±10%)
window. The steps are fixed and independent of
the setting oscillator frequency to optimize the
frequency spread spectrum (FSS) performance
(see Figure 5).
Steps varies with
OSC frequency and
128 steps at most
fMOD = 12k
fSPAN = 20% * fSW
Figure 5: Spread Spectrum Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com