Electronic Components Datasheet Search
  English  ▼

X  

MPQ4436 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ4436
Description  45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4436 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ4436 Datasheet HTML 1Page - Monolithic Power Systems MPQ4436 Datasheet HTML 2Page - Monolithic Power Systems MPQ4436 Datasheet HTML 3Page - Monolithic Power Systems MPQ4436 Datasheet HTML 4Page - Monolithic Power Systems MPQ4436 Datasheet HTML 5Page - Monolithic Power Systems MPQ4436 Datasheet HTML 6Page - Monolithic Power Systems MPQ4436 Datasheet HTML 7Page - Monolithic Power Systems MPQ4436 Datasheet HTML 8Page - Monolithic Power Systems MPQ4436 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
MPQ4436/4436A
– 45V, 6A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4436/4436A Rev. 1.2
MonolithicPower.com
3
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating**
MPQ4436GRE
QFN-20 (4mmx4mm)
See Below
1
MPQ4436GRE-AEC1
QFN-20 (4mmx4mm)
See Below
1
MPQ4436AGRE
QFN-20 (4mmx4mm)
See Below
1
MPQ4436AGRE-AEC1
QFN-20 (4mmx4mm)
See Below
1
* For Tape & Reel, add suffix -Z (e.g. MPQ4436GRE-AEC1-Z).
**Moisture Sensitivity Level Rating
TOP MARKING
MPS: MPS prefix
Y: Year code
WW: Week code
MP4436: Part number
LLLLLL: Lot number
E: Wettable flank
PACKAGE REFERENCE
TOP VIEW
2
VIN
SYNCIN
18
SS
19
FB
MODE
1
3
SW
SW
BST
8
7
PGND
4
SYNCO
AGND VCC
PG
20
ICS
FREQ
6
EN
13
17
16
14
12
11
15
9
5
VIN
PGND
PGND
10
PGND
QFN-20 (4mmx4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com