Electronic Components Datasheet Search
  English  ▼

X  

MPQ4436 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPQ4436
Description  45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4436 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPQ4436 Datasheet HTML 3Page - Monolithic Power Systems MPQ4436 Datasheet HTML 4Page - Monolithic Power Systems MPQ4436 Datasheet HTML 5Page - Monolithic Power Systems MPQ4436 Datasheet HTML 6Page - Monolithic Power Systems MPQ4436 Datasheet HTML 7Page - Monolithic Power Systems MPQ4436 Datasheet HTML 8Page - Monolithic Power Systems MPQ4436 Datasheet HTML 9Page - Monolithic Power Systems MPQ4436 Datasheet HTML 10Page - Monolithic Power Systems MPQ4436 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
MPQ4436/4436A
– 45V, 6A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4436/4436A Rev. 1.2
MonolithicPower.com
7
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VEN = 2V, TJ = -40°C to +125°C, typical values are at TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Switch leakage current
ISW_LKG
0.01
1
µA
HS switch on resistance
RON_HS
VBST - VSW = 5V
48
80
mΩ
LS switch on resistance
RON_LS
VCC = 5V
20
40
mΩ
Soft-start current
ISS
VSS = 0V
4
6
8
µA
EN rising threshold
VEN_RISING
0.8
1
1.2
V
EN falling threshold
VEN_FALLING
0.65
0.85
1.05
V
EN hysteresis voltage
VEN_HYS
180
mV
MODE rising threshold
VMODE_RISING
1.8
V
MODE falling threshold
VMODE_FALLING
0.4
V
PG rising threshold (VFB / VREF)
PGRISING
VFB rising
88.5%
93%
97.5%
VREF
VFB falling
101.5%
106%
110.5%
PG falling threshold (VFB / VREF)
PGFALLING
VFB falling
86.5%
91%
95.5%
VFB rising
103%
107.5%
112%
PG output voltage low
VPG_LOW
ISINK = 1mA
0.1
0.3
V
PG rising delay
tPG_R_DELAY
30
µs
PG falling delay
tPG_F_DELAY
30
µs
Thermal shutdown (5)
tSD
170
C
Thermal shutdown hysteresis (5)
tSD_HYS
20
°C
Note:
5) Derived from bench characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com