Electronic Components Datasheet Search
  English  ▼

X  

MPQ4436 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ4436
Description  45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4436 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ4436 Datasheet HTML 1Page - Monolithic Power Systems MPQ4436 Datasheet HTML 2Page - Monolithic Power Systems MPQ4436 Datasheet HTML 3Page - Monolithic Power Systems MPQ4436 Datasheet HTML 4Page - Monolithic Power Systems MPQ4436 Datasheet HTML 5Page - Monolithic Power Systems MPQ4436 Datasheet HTML 6Page - Monolithic Power Systems MPQ4436 Datasheet HTML 7Page - Monolithic Power Systems MPQ4436 Datasheet HTML 8Page - Monolithic Power Systems MPQ4436 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MPQ4436/4436A
– 45V, 6A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4436/4436A Rev. 1.2
MonolithicPower.com
4
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
MODE
AAM or FCCM select pin. Pull high to put the part in FCCM, and pull low for AAM at
light load. Do not leave it floating.
2
SYNCIN
SYNC input. Connect a 51k
Ω resistor between SYNCIN and GND. Apply a 350kHz to
1000kHz clock signal to this pin to synchronize the internal oscillator frequency to the
external clock. This pin is also used for multi-phase operation. Connect this pin to GND
if not used; do not float it.
3, 12
VIN
Input supply. VIN supplies power to all the internal control circuitry and the power
switch connected to SW. It is recommended to place a decoupling capacitor to ground
close to VIN to minimize switching spikes.
4, 5, 10, 11
PGND
Power ground.
6
BST
Bootstrap. BST is the positive power supply for the high-side MOSFET driver
connected to SW. Connect a bypass capacitor between BST and SW. Check the
application section to calculate the size of this capacitor.
7, 8
SW
Switch node. SW is the output of the internal power switch.
9
EN
Enable. Pull this pin below the specified threshold (0.85V) to shut down the chip. Pull
it up above the specified threshold (1V) to enable the chip.
13
SYNCO
SYNC output. Output a clock signal 180° out-of-phase with the internal oscillator signal
or opposite to the clock signal applied at SYNCIN pin. Leave floating if not used.
14
PG
Power good indicator. The output of PG is an open drain. A pull-up resistor to the
power source is needed if PG is used. It goes high if the output voltage is within 93%
to 106% of the nominal voltage; and goes low if the output voltage is above 107.5% or
below 91% of the nominal voltage.
15
ICS
Current sharing pin. In a multi-phase application, connect the ICS pin of the ICs in
parallel to improve the current sharing between different phases. Do not float this pin;
connect it to VCC pin or VOUT that is at least 3V in a single-phase application.
16
VCC
Bias supply. This supplies power to the internal control circuit and gate drivers. A
decoupling capacitor to ground is required close to this pin. Check the application
section to calculate the size of this capacitor.
17
AGND
Analog ground.
18
FB
Feedback input. Connect FB to the center point of the external resistor divider from
the output to AGND to set the output voltage. The feedback threshold voltage is 0.815V.
Place the resistor divider as close to FB as possible. Avoid placing vias on the FB
traces.
19
SS
Soft start input. Place a capacitor from SS to GND to set the soft-start period. The
MPQ4436/4436A sources 6µA from SS to the soft-start capacitor at start-up. As the SS
voltage rises, the feedback threshold voltage increases to limit inrush current during
start-up.
20
FREQ
Switching frequency program. Connect a resistor from this pin to ground to set the
switching frequency. Follow the fSW vs. RFREQ curve in the Typical Performance
Characteristics (TPC) section on page 14 to set the frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com