Electronic Components Datasheet Search
  English  ▼

X  

MPQ4436 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ4436
Description  45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4436 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ4436 Datasheet HTML 9Page - Monolithic Power Systems MPQ4436 Datasheet HTML 10Page - Monolithic Power Systems MPQ4436 Datasheet HTML 11Page - Monolithic Power Systems MPQ4436 Datasheet HTML 12Page - Monolithic Power Systems MPQ4436 Datasheet HTML 13Page - Monolithic Power Systems MPQ4436 Datasheet HTML 14Page - Monolithic Power Systems MPQ4436 Datasheet HTML 15Page - Monolithic Power Systems MPQ4436 Datasheet HTML 16Page - Monolithic Power Systems MPQ4436 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
MPQ4436/4436A
– 45V, 6A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4436/4436A Rev. 1.2
MonolithicPower.com
13
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 3.3V, L = 4.7μH, fSW = 470kHz, AAM, TA = 25°C, unless otherwise noted.
Line Regulation
AAM
Line Regulation
FCCM
Line Regulation
AAM, VOUT = 5V
Line Regulation
FCCM, VOUT = 5V
Case Thermal Rise
VOUT = 3.3V
Case Thermal Rise
VOUT = 5V
-0.04
-0.03
-0.02
-0.01
0.00
0.01
5
10
15
20
25
30
35
40
45
VIN (V)
IOUT=10mA
IOUT=3A
IOUT=6A
-0.04
-0.03
-0.02
-0.01
0.00
0.01
5
10
15
20
25
30
35
40
45
VIN (V)
IOUT=10mA
IOUT=3A
IOUT=6A
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
5
10
15
20
25
30
35
40
45
VIN (V)
IOUT=10mA
IOUT=3A
IOUT=6A
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
5
10
15
20
25
30
35
40
45
VIN (V)
IOUT=10mA
IOUT=3A
IOUT=6A
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
LOAD CURRENT (A)
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
LOAD CURRENT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com