Electronic Components Datasheet Search
  English  ▼

X  

MPQ4436 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MPQ4436
Description  45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4436 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MPQ4436 Datasheet HTML 20Page - Monolithic Power Systems MPQ4436 Datasheet HTML 21Page - Monolithic Power Systems MPQ4436 Datasheet HTML 22Page - Monolithic Power Systems MPQ4436 Datasheet HTML 23Page - Monolithic Power Systems MPQ4436 Datasheet HTML 24Page - Monolithic Power Systems MPQ4436 Datasheet HTML 25Page - Monolithic Power Systems MPQ4436 Datasheet HTML 26Page - Monolithic Power Systems MPQ4436 Datasheet HTML 27Page - Monolithic Power Systems MPQ4436 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
MPQ4436/4436A
– 45V, 6A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4436/4436A Rev. 1.2
MonolithicPower.com
24
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 3.3V, L = 4.7μH, fSW = 470kHz, AAM, TA = 25°C, unless otherwise noted.
Steady State
VIN = 12V, VOUT = 3.3V, IOUT = 20A, 4-phase
Steady State
VIN = 12V, VOUT = 3.3V, IOUT = 20A, 4-phase
CH1: VSW1
10V/div.
CH3: VSW3
10V/div.
CH2: VSW2
10V/div.
CH4: VSW4
10V/div.
CH1: IL1
2A/div.
CH3: IL3
2A/div.
CH2: IL2
2A/div.
CH4: IL4
2A/div.
1µs/div.
1µs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com