Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 117 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 113Page - Texas Instruments AM3359 Datasheet HTML 114Page - Texas Instruments AM3359 Datasheet HTML 115Page - Texas Instruments AM3359 Datasheet HTML 116Page - Texas Instruments AM3359 Datasheet HTML 117Page - Texas Instruments AM3359 Datasheet HTML 118Page - Texas Instruments AM3359 Datasheet HTML 119Page - Texas Instruments AM3359 Datasheet HTML 120Page - Texas Instruments AM3359 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 256 page
background image
TCLKIN
TIMER[x]
1
2
3
117
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2020, Texas Instruments Incorporated
7.5
DMTimer
7.5.1
DMTimer Electrical Data and Timing
Table 7-4. DMTimer Timing Conditions
(see Figure 7-1)
PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
10
ns
tF
Input signal fall time
10
ns
Output Conditions
CLOAD
Output load capacitance
10
pF
(1)
P = Period of PICLKOCP (interface clock).
Table 7-5. Timing Requirements for DMTimer [1-7]
(see Figure 7-2)
NO.
MIN
MAX
UNIT
1
tc(TCLKIN)
Cycle time, TCLKIN
4P + 1(1)
ns
(1)
P = Period of PICLKTIMER (functional clock).
Table 7-6. Switching Characteristics for DMTimer [4-7]
(see Figure 7-2)
NO.
PARAMETER
MIN
MAX
UNIT
2
tw(TIMERxH)
Pulse duration, high
4P – 3(1)
ns
3
tw(TIMERxL)
Pulse duration, low
4P – 3(1)
ns
Figure 7-2. Timer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com