Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 115 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 111Page - Texas Instruments AM3359 Datasheet HTML 112Page - Texas Instruments AM3359 Datasheet HTML 113Page - Texas Instruments AM3359 Datasheet HTML 114Page - Texas Instruments AM3359 Datasheet HTML 115Page - Texas Instruments AM3359 Datasheet HTML 116Page - Texas Instruments AM3359 Datasheet HTML 117Page - Texas Instruments AM3359 Datasheet HTML 118Page - Texas Instruments AM3359 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 256 page
background image
115
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2020, Texas Instruments Incorporated
7
Peripheral Information and Timings
The AM335x device contains many peripheral interfaces. In order to reduce package size and lower
overall system cost while maintaining maximum functionality, many of the AM335x terminals can multiplex
up to eight signal functions. Although there are many combinations of pin multiplexing that are possible,
only a certain number of sets, called I/O Sets, are valid due to timing limitations. These valid I/O Sets were
carefully chosen to provide many possible application scenarios for the user.
Texas Instruments has developed a Windows-based application called Pin Mux Utility that helps a system
designer select the appropriate pin-multiplexing configuration for their AM335x-based product design. The
Pin Mux Utility provides a way to select valid I/O Sets of specific peripheral interfaces to ensure the pin-
multiplexing configuration selected for a design only uses valid I/O Sets supported by the AM335x device.
7.1
Parameter Information
The data provided in the following Timing Requirements and Switching Characteristics tables assumes the
device is operating within the Recommended Operating Conditions defined in Section 5, unless otherwise
noted.
7.1.1
Timing Parameters and Board Routing Analysis
The timing parameter values specified in this data manual do not include delays by board routings. As a
good board design practice, such delays must always be taken into account. Timing values may be
adjusted by increasing or decreasing such delays. TI recommends using the available I/O buffer
information specification (IBIS) models to analyze the timing characteristics correctly. If needed, external
logic hardware such as buffers may be used to compensate any timing differences.
The timing parameter values specified in this data manual assume the SLEWCTRL bit in each pad control
register is configured for fast mode (0b).
For the mDDR(LPDDR), DDR2, DDR3, DDR3L memory interface, it is not necessary to use the IBIS
models to analyze timing characteristics. TI provides a PCB routing rules solution that describes the
routing rules to ensure the mDDR(LPDDR), DDR2, DDR3, DDR3L memory interface timings are met.
7.2
Recommended Clock and Control Signal Transition Behavior
All clocks and control signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner.
7.3
OPP50 Support
Some peripherals and features have limited support when the device is operating in OPP50. A complete
list of these limitations follows.
Not supported when operating in OPP50:
Reduced performance when operating in
OPP50:
•
CPSW
•
DDR3
•
DEBUGSS-Trace
•
GPMC Asynchronous Mode
•
LCDC LIDD Mode
•
MDIO
•
PRU-ICSS MII
•
DDR2
•
DEBUGSS-JTAG
•
GPMC Synchronous Mode
•
LCDC Raster Mode
•
LPDDR
•
McASP
•
McSPI
•
MMCSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com