Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 116 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 112Page - Texas Instruments AM3359 Datasheet HTML 113Page - Texas Instruments AM3359 Datasheet HTML 114Page - Texas Instruments AM3359 Datasheet HTML 115Page - Texas Instruments AM3359 Datasheet HTML 116Page - Texas Instruments AM3359 Datasheet HTML 117Page - Texas Instruments AM3359 Datasheet HTML 118Page - Texas Instruments AM3359 Datasheet HTML 119Page - Texas Instruments AM3359 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 256 page
background image
1
DCANx_RX
2
DCANx_TX
116
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2020, Texas Instruments Incorporated
7.4
Controller Area Network (CAN)
For more information, see the Controller Area Network (CAN) section of the AM335x and AMIC110 Sitara
Processors Technical Reference Manual.
7.4.1
DCAN Electrical Data and Timing
Table 7-1. DCAN Timing Conditions
(see Figure 7-1)
PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
10
ns
tF
Input signal fall time
10
ns
Output Conditions
CLOAD
Output load capacitance
10
pF
Table 7-2. Timing Requirements for DCANx Receive
(see Figure 7-1)
NO.
MIN
MAX
UNIT
ƒbaud(baud)
Maximum programmable baud rate
1
Mbps
1
tw(RX)
Pulse duration, receive data bit
H – 2(1)
H + 2(1)
ns
(1) H = Period of baud rate, 1 / programmed baud rate
Table 7-3. Switching Characteristics for DCANx Transmit
(see Figure 7-1)
NO.
PARAMETER
MIN
MAX
UNIT
ƒbaud(baud)
Maximum programmable baud rate
1
Mbps
2
tw(TX)
Pulse duration, transmit data bit
H – 2(1)
H + 2(1)
ns
(1) H = Period of baud rate, 1 / programmed baud rate
Figure 7-1. DCANx Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com