Electronic Components Datasheet Search
  English  ▼

X  

4571 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 113Page - Renesas Technology Corp 4571 Datasheet HTML 114Page - Renesas Technology Corp 4571 Datasheet HTML 115Page - Renesas Technology Corp 4571 Datasheet HTML 116Page - Renesas Technology Corp 4571 Datasheet HTML 117Page - Renesas Technology Corp 4571 Datasheet HTML 118Page - Renesas Technology Corp 4571 Datasheet HTML 119Page - Renesas Technology Corp 4571 Datasheet HTML 120Page - Renesas Technology Corp 4571 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 126 page
background image
Rev.1.02
May 25, 2007
Page 117 of 124
REJ03B0179-0102
4571 Group
The above table shows the relationship between machine language codes and machine language instructions. D3–D0 show the low-order
4 bits of the machine language code, and D9–D4 show the high-order 6 bits of the machine language code. The hexadecimal
representation of the code is also provided. There are one-word instructions and two-word instructions, but only the first word of each
instruction is shown. Do not use code marked “–.”
The codes for the second word of a two-word instruction are
described below.
• *, **, and *** cannot be used in the M34571G4.
• ** and *** cannot be used in the M34571G6.
• A page referred by the TABP instruction can be switched by
the SBK and RBK instructions in the M34571GD.
The pages which can be referred by the TABP instruction after
the RBK instruction is executed are 0 to 63.
The pages which can be referred by the TABP instruction after
the SBK instruction is executed are 64 to 127 (Ex. TABP 0
TABP 64).
When the SBK instruction is not used, the pages which can be
referred by the TABP instruction are 0 to 63.
INSTRUCTION CODE TABLE
D9
−
D4
000000 000001 000010 000011 000100 000101 000110 000111 001000 001001 001010 001011 001100 001101 001110 001111
010000
to
010111
011000
to
011111
D3
−
D0
Hex,
notation
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
10
−17 18−F
0000
0
NOP
BLA
SZB
0
BMLA
RBK
***
TASP
A
0
LA
0
TABP
0
TABP
16
TABP
32*
TABP
48**
BML
BML
BL
BL
BM
B
0001
1
SRST CLD
SZB
1
−
SBK
***
TAD
A
1
LA
1
TABP
1
TABP
17
TABP
33*
TABP
49**
BML
BML
BL
BL
BM
B
0010
2
POF
−
SZB
2
−−
TAX
A
2
LA
2
TABP
2
TABP
18
TABP
34*
TABP
50**
BML
BML
BL
BL
BM
B
0011
3
SNZP INY
SZB
3
−−
TAZ
A
3
LA
3
TABP
3
TABP
19
TABP
35*
TABP
51**
BML
BML
BL
BL
BM
B
0100
4
DI
RD
SZD
−
RT
TAV1
A
4
LA
4
TABP
4
TABP
20
TABP
36*
TABP
52**
BML
BML
BL
BL
BM
B
0101
5
EI
SD
SEAn
−
RTS TAV2
A
5
LA
5
TABP
5
TABP
21
TABP
37*
TABP
53**
BML
BML
BL
BL
BM
B
0110
6
RC
−
SEAM
−
RTI
−
A
6
LA
6
TABP
6
TABP
22
TABP
38*
TABP
54**
BML
BML
BL
BL
BM
B
0111
7
SC
DEY
−
−−−
A
7
LA
7
TABP
7
TABP
23
TABP
39*
TABP
55**
BML
BML
BL
BL
BM
B
1000
8
−
AND
−
SNZ0
LZ
0
RUPT
A
8
LA
8
TABP
8
TABP
24
TABP
40*
TABP
56**
BML
BML
BL
BL
BM
B
1001
9
−
OR
TDA SNZ1
LZ
1
SUPT
A
9
LA
9
TABP
9
TABP
25
TABP
41*
TABP
57**
BML
BML
BL
BL
BM
B
1010
A
AM
TEAB TABE
SNZI
0
LZ
2
−
A
10
LA
10
TABP
10
TABP
26
TABP
42*
TABP
58**
BML
BML
BL
BL
BM
B
1011
B
AMC
−−
SNZI
1
LZ
3
EPOF
A
11
LA
11
TABP
11
TABP
27
TABP
43*
TABP
59**
BML
BML
BL
BL
BM
B
1100
C
TYA
CMA
−−
RB
0
SB
0
A
12
LA
12
TABP
12
TABP
28
TABP
44*
TABP
60**
BML
BML
BL
BL
BM
B
1101
D
−
RAR
−−
RB
1
SB
1
A
13
LA
13
TABP
13
TABP
29
TABP
45*
TABP
61**
BML
BML
BL
BL
BM
B
1110
E
TBA
TAB
−
TV2A
RB
2
SB
2
A
14
LA
14
TABP
14
TABP
30
TABP
46*
TABP
62**
BML
BML
BL
BL
BM
B
1111
F
−
TAY
SZC TV1A
RB
3
SB
3
A
15
LA
15
TABP
15
TABP
31
TABP
47*
TABP
63**
BML
BML
BL
BL
BM
B
The second word
BL
10 0aaa aaaa
BML
10 0aaa aaaa
BLA
10 0p00 pppp
BMLA
10 0p00 pppp
SEA
00 0111 nnnn
SZD
00 0010 1011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com