Electronic Components Datasheet Search
  English  ▼

X  

4571 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 116Page - Renesas Technology Corp 4571 Datasheet HTML 117Page - Renesas Technology Corp 4571 Datasheet HTML 118Page - Renesas Technology Corp 4571 Datasheet HTML 119Page - Renesas Technology Corp 4571 Datasheet HTML 120Page - Renesas Technology Corp 4571 Datasheet HTML 121Page - Renesas Technology Corp 4571 Datasheet HTML 122Page - Renesas Technology Corp 4571 Datasheet HTML 123Page - Renesas Technology Corp 4571 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 126 page
background image
Rev.1.02
May 25, 2007
Page 120 of 124
REJ03B0179-0102
4571 Group
Recommended operating conditions
Note 1.The average output current is the average value during 100ms.
Table 26 Recommended operating conditions 1 (Ta = –20
°C to 85 °C, VDD = 1.8 to 5.5 V, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Unit
Min.
Typ.
Max.
VDD
Supply voltage
(with a ceramic resonator)
f(STCK)
≤ 6MHz
4
5.5
V
f(STCK)
≤ 4.4MHz
2.7
5.5
f(STCK)
≤ 2.2MHz
2
5.5
f(STCK)
≤ 1.1MHz
1.8
5.5
VDD
Supply voltage
(when an external clock is
used)
f(STCK)
≤ 4.8MHz
4
5.5
V
f(STCK)
≤ 3.2MHz
2.7
5.5
f(STCK)
≤ 1.6MHz
2
5.5
f(STCK)
≤ 0.8MHz
1.8
5.5
VRAM
RAM back-up voltage
(at RAM back-up)
1.6
5.5
V
VSS
Supply voltage
0V
VIH
“H” level input voltage
P0, P1, P2, P3, D0–D4, K
0.8VDD
VDD
V
XIN
0.7VDD
VDD
RESET, INT0, INT1
0.85VDD
VDD
CNTR0
0.85VDD
VDD
VIL
“L” level input voltage
P0, P1, P2, P3, D0–D4, K
0
0.3VDD
mA
XIN
00.3VDD
RESET, INT0, INT1
00.3VDD
CNTR0
0
0.15VDD
IOH(peak)
“H” level peak output current
P3, D0–D3
VDD = 5V
−20
mA
VDD = 3V
−10
C, CNTR1
VDD = 5V
−30
VDD = 3V
−15
IOH(avg)
“H” level average output current
(Note 1)
P3, D0–D3
VDD = 5V
−10
mA
VDD = 3V
−5
C, CNTR1
VDD = 5V
−15
VDD = 3V
−7
IOL(peak)
“L” level peak output current
P0, P1, P2, P3, D0–D4, C,
RESET, CNTR0, CNTR1,
VDD = 5V
24
mA
VDD = 3V
12
IOL(avg)
“L” level average output current
(Note 1)
P0, P1, P2, P3, D0–D4, C,
RESET, CNTR0, CNTR1,
VDD = 5V
12
mA
VDD = 3V
6
ΣIOH(avg)
“H” level total average current
P3, D0–D3, C, CNTR1
−30
mA
ΣIOL(avg)
“L” level total average current
P0, P10, P11, RESET
30
mA
P10, P11, P2, P3, D0–D4, C, CNTR0, CNTR1
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com