Electronic Components Datasheet Search
  English  ▼

X  

PM4328 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM4328
Description  HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4328 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM4328 Datasheet HTML 36Page - PMC-Sierra, Inc PM4328 Datasheet HTML 37Page - PMC-Sierra, Inc PM4328 Datasheet HTML 38Page - PMC-Sierra, Inc PM4328 Datasheet HTML 39Page - PMC-Sierra, Inc PM4328 Datasheet HTML 40Page - PMC-Sierra, Inc PM4328 Datasheet HTML 41Page - PMC-Sierra, Inc PM4328 Datasheet HTML 42Page - PMC-Sierra, Inc PM4328 Datasheet HTML 43Page - PMC-Sierra, Inc PM4328 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 250 page
background image
STANDARD PRODUCT
PM4328 TECT3
DATASHEET
PMC-2011596
ISSUE 1
HIGH DENSITY T1/E1 FRAMER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
27
Pin Name
Type
Pin
No.
Function
TPOS/TDAT
Output AB7 Transmit Positive Pulse (TPOS). TPOS represents
the positive pulses transmitted on the B3ZS-encoded
DS3 line when dual-rail output format is selected.
Transmit Data Output (TDAT). TDAT represents the
NRZ (unipolar) DS3 output data stream when single
rail output format is selected.
TPOS and TDAT are updated on the falling edge of
TCLK by default but may be enabled to be updated on
the rising edge of TCLK by setting the TRISE bit in the
DS3 Master Transmit Line Options register. TPOS and
TDAT are updated on TICLK rather than TCLK when
the TICLK bit in the DS3 Master Transmit Line Options
register is set.
TNEG/TMFP
Output W6 Transmit Negative Pulse (TNEG). TNEG represents
the negative pulses transmitted on the B3ZS-encoded
DS3 line when dual-rail output format is selected.
Transmit Multiframe Pulse (TMFP). This signal
marks the transmit M-frame alignment when
configured for single rail operation. TMFP indicates
the position of overhead bits in the transmit
transmission system stream, TDAT. TMFP is high
during the first bit (X1) of the multiframe.
TNEG and TMFP are updated on the falling edge of
TCLK by default but may be enabled to be updated on
the rising edge of TCLK by setting the TRISE bit in the
DS3 Master Transmit Line Options register. TNEG and
TMFP are updated on TICLK rather than TCLK when
the TICLK bit in the DS3 Master Transmit Line Options
register is set.
TICLK
Input
AA6 Transmit input clock (TICLK). TICLK provides the
transmit direction timing. TICLK is nominally a 44.736
MHz, 50% duty cycle clock.
This clock is only required when using the DS3
transmitter with the DS3 line side interface. When not
used this clock input should be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com