Electronic Components Datasheet Search
  English  ▼

X  

PM4328 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM4328
Description  HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4328 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM4328 Datasheet HTML 1Page - PMC-Sierra, Inc PM4328 Datasheet HTML 2Page - PMC-Sierra, Inc PM4328 Datasheet HTML 3Page - PMC-Sierra, Inc PM4328 Datasheet HTML 4Page - PMC-Sierra, Inc PM4328 Datasheet HTML 5Page - PMC-Sierra, Inc PM4328 Datasheet HTML 6Page - PMC-Sierra, Inc PM4328 Datasheet HTML 7Page - PMC-Sierra, Inc PM4328 Datasheet HTML 8Page - PMC-Sierra, Inc PM4328 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 250 page
background image
STANDARD PRODUCT
PM4328 TECT3
DATASHEET
PMC-2011596
ISSUE 1
HIGH DENSITY T1/E1 FRAMER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
i
CONTENTS
1
FEATURES...............................................................................................1
2
APPLICATIONS...................................................................................... 11
3
REFERENCES .......................................................................................12
4
APPLICATION EXAMPLES ....................................................................15
5
BLOCK DIAGRAM..................................................................................16
5.1
TOP LEVEL BLOCK DIAGRAM...................................................16
5.2
M13 MULTIPLEXER MODE BLOCK DIAGRAM..........................18
5.3
DS3 FRAMER ONLY BLOCK DIAGRAM.....................................18
6
DESCRIPTION .......................................................................................20
7
PIN DIAGRAM ........................................................................................25
8
PIN DESCRIPTION ................................................................................26
9
FUNCTIONAL DESCRIPTION ...............................................................55
9.1
T1 FRAMER (T1-FRMR)..............................................................55
9.2
E1 FRAMER (E1-FRMR) .............................................................55
9.3
PERFORMANCE MONITOR COUNTERS (T1/E1-PMON) .........62
9.4
BIT ORIENTED CODE DETECTOR (RBOC) ..............................63
9.5
HDLC RECEIVER (RDLC)...........................................................63
9.6
T1 ALARM INTEGRATOR (ALMI)................................................64
9.7
ELASTIC STORE (ELST) ............................................................65
9.8
SIGNALING ELASTIC STORES (RX-SIG-ELST AND TX_SIG-
ELST)...........................................................................................65
9.9
SIGNALING EXTRACTOR (SIGX)...............................................66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com