Electronic Components Datasheet Search
  English  ▼

X  

PM4328 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM4328
Description  HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4328 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM4328 Datasheet HTML 56Page - PMC-Sierra, Inc PM4328 Datasheet HTML 57Page - PMC-Sierra, Inc PM4328 Datasheet HTML 58Page - PMC-Sierra, Inc PM4328 Datasheet HTML 59Page - PMC-Sierra, Inc PM4328 Datasheet HTML 60Page - PMC-Sierra, Inc PM4328 Datasheet HTML 61Page - PMC-Sierra, Inc PM4328 Datasheet HTML 62Page - PMC-Sierra, Inc PM4328 Datasheet HTML 63Page - PMC-Sierra, Inc PM4328 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 250 page
background image
STANDARD PRODUCT
PM4328 TECT3
DATASHEET
PMC-2011596
ISSUE 1
HIGH DENSITY T1/E1 FRAMER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
47
Pin Name
Type
Pin
No.
Function
A collision is detected when either of SBIDET[1:0]
signals are active concurrently with this device driving
SBIACT. When collisions occur the SBI drivers are
disabled and an interrupt is generated to signal the
collision.
These signals are sampled on the rising edge of
SREFCLK.
SBIDET[1] is shared with serial interface signal ED[7].
Microprocessor Interface
INTB
Output
OD
A16 Active low Open-Drain Interrupt (INTB). This signal
goes low when an unmasked interrupt event is
detected on any of the internal interrupt sources. Note
that INTB will remain low until all active, unmasked
interrupt sources are acknowledged at their source.
CSB
Input
D16 Active Low Chip Select (CSB). This signal is low
during TECT3 register accesses. CSB has an integral
pull up resistor.
RDB
Input
B16 Active Low Read Enable (RDB). This signal is low
during TECT3 register read accesses. The TECT3
drives the D[7:0] bus with the contents of the
addressed register while RDB and CSB are low.
WRB
Input
C15 Active Low Write Strobe (WRB). This signal is low
during a TECT3 register write access. The D[7:0] bus
contents are clocked into the addressed register on the
rising WRB edge while CSB is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com