Electronic Components Datasheet Search
  English  ▼

X  

PM4328 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM4328
Description  HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4328 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM4328 Datasheet HTML 45Page - PMC-Sierra, Inc PM4328 Datasheet HTML 46Page - PMC-Sierra, Inc PM4328 Datasheet HTML 47Page - PMC-Sierra, Inc PM4328 Datasheet HTML 48Page - PMC-Sierra, Inc PM4328 Datasheet HTML 49Page - PMC-Sierra, Inc PM4328 Datasheet HTML 50Page - PMC-Sierra, Inc PM4328 Datasheet HTML 51Page - PMC-Sierra, Inc PM4328 Datasheet HTML 52Page - PMC-Sierra, Inc PM4328 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 250 page
background image
STANDARD PRODUCT
PM4328 TECT3
DATASHEET
PMC-2011596
ISSUE 1
HIGH DENSITY T1/E1 FRAMER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
36
Pin Name
Type
Pin
No.
Function
This signal shares a pin with the H-MVIP signal
CMVFPB. By default this input is CEFP.
ED[1]
ED[2]
ED[3]
ED[4]
ED[5]
ED[6]
ED[7]
ED[8]
ED[9]
ED[10]
ED[11]
ED[12]
ED[13]
ED[14]
ED[15]
ED[16]
ED[17]
ED[18]
ED[19]
ED[20]
ED[21]
ED[22]
ED[23]
ED[24]
ED[25]
ED[26]
ED[27]
ED[28]
Input
AB4
AA3
P19
N20
N21
N22
A7
A2
T2
R4
A3
B4
N19
M22
D6
C7
P2
M1
D4
B6
C20
E22
A5
B5
L1
L2
A4
C5
Egress Data (ED[1:28]). The egress data streams to
be transmitted are input on these pins. When the
Clock Master modes are active, ED[x] is sampled on
the active edge of ECLK[x], except for Clock Master:
Serial Data and H-MVIP CCS, when ED[x] is sampled
on the active edge of ICLK[x]. When the Clock Slave
egress modes are active, ED[x] is sampled on the
active edge of CECLK, except for Clock Slave: Clear
channel mode when ED[x] is sampled on the active
edge of ECLK[x].
In E1 mode only ED[1:21] are used.
ED[1,5,9,13,17,21,25] share pins with the H-MVIP data
signals MVED[1:7]. ED[2,6,10,14,18,22,26] share pins
with the H-MVIP CAS signals CASED[1:7]. ED[1]
shares a pin with the DS3 system interface signal
TDATI. ED[2] shares a pin with the DS3 system
interface signal TFPI/TMFPI.
ED[7,8,11,12,15,16,19,20,23,24,27,28] shares pins
with the SBI interface add bus signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com