Electronic Components Datasheet Search
  English  ▼

X  

PM4328 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM4328
Description  HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4328 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM4328 Datasheet HTML 41Page - PMC-Sierra, Inc PM4328 Datasheet HTML 42Page - PMC-Sierra, Inc PM4328 Datasheet HTML 43Page - PMC-Sierra, Inc PM4328 Datasheet HTML 44Page - PMC-Sierra, Inc PM4328 Datasheet HTML 45Page - PMC-Sierra, Inc PM4328 Datasheet HTML 46Page - PMC-Sierra, Inc PM4328 Datasheet HTML 47Page - PMC-Sierra, Inc PM4328 Datasheet HTML 48Page - PMC-Sierra, Inc PM4328 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 250 page
background image
STANDARD PRODUCT
PM4328 TECT3
DATASHEET
PMC-2011596
ISSUE 1
HIGH DENSITY T1/E1 FRAMER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
32
Pin Name
Type
Pin
No.
Function
T1 and E1 System Side Serial Clock and Data Interface
ICLK[1]/ISIG[1]
ICLK[2]/ISIG[2]
ICLK[3]/ISIG[3]
ICLK[4]/ISIG[4]
ICLK[5]/ISIG[5]
ICLK[6]/ISIG[6]
ICLK[7]/ISIG[7]
ICLK[8]/ISIG[8]
ICLK[9]/ISIG[9]
ICLK[10]/ISIG[10]
ICLK[11]/ISIG[11]
ICLK[12]/ISIG[12]
ICLK[13]/ISIG[13]
ICLK[14]/ISIG[14]
ICLK[15]/ISIG[15]
ICLK[16]/ISIG[16]
ICLK[17]/ISIG[17]
ICLK[18]/ISIG[18]
ICLK[19]/ISIG[19]
ICLK[20]/ISIG[20]
ICLK[21]/ISIG[21]
ICLK[22]/ISIG[22]
ICLK[23]/ISIG[23]
ICLK[24]/ISIG[24]
ICLK[25]/ISIG[25]
ICLK[26]/ISIG[26]
ICLK[27]/ISIG[27]
ICLK[28]/ISIG[28]
Output Y3
AB2
AB20
AB21
W22
Y20
H22
F19
W3
AA1
H3
H1
L22
K19
F22
G20
T3
U1
D1
C1
H19
G19
E19
F21
K3
J4
E3
D2
Ingress Clocks (ICLK[1:28]). The Ingress Clocks are
active when the external signaling interface is disabled.
Each ingress clock is optionally a smoothed (jitter
attenuated) version of the associated receive clock
from the DS3 multiplexer. When the Clock Master:
NxChannel mode is active, ICLK[x] is a gapped version
of the smoothed receive clock. When Clock Master:
Full T1/E1 mode is active, IFP[x] and ID[x] are updated
on the active edge of ICLK[x]. When the Clock Master:
NxDS0 mode is active, ID[x] is updated on the active
edge of ICLK[x].
Ingress Signaling (ISIG[1:28]). When the Clock
Slave: External Signaling mode is enabled, each
ISIG[x] contains the extracted signaling bits for each
channel in the frame, repeated for the entire
superframe. Each channel’s signaling bits are valid in
bit locations 5,6,7,8 of the channel and are channel-
aligned with the ID[x] data stream. ISIG[x] is updated
on the active edge of the common ingress clock,
CICLK.
In E1 mode only ICLK[1:21] and ISIG[1:21] are used.
ICLK[1]/ISIG[1] shares a pin with the DS3 system
interface signal RGAPCLK/RSCLK.
IFP[1]
IFP[2]
IFP[3]
IFP[4]
IFP[5]
IFP[6]
IFP[7]
IFP[8]
IFP[9]
IFP[10]
IFP[11]
Output AB5
V3
W20
AA22
Y21
W21
K22
K21
Y1
W1
F4
Ingress Frame Pulse (IFP[1:28]). The IFP[x] outputs
are intended as timing references.
IFP[x] indicates the frame alignment or the superframe
alignment of the ingress stream, ID[x].
When Clock Master: Full T1/E1 mode is active, IFP[x]
is updated on the active edge of the associated
ICLK[x]. When Clock Master: NxDS0 mode is active,
ICLK[x] is gapped during the pulse on IFP[x]. When
the Clock Slave ingress modes are active, IFP[x] is
updated on the active edge of CICLK. I the Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com