Electronic Components Datasheet Search
  English  ▼

X  

PM4328 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM4328
Description  HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4328 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM4328 Datasheet HTML 85Page - PMC-Sierra, Inc PM4328 Datasheet HTML 86Page - PMC-Sierra, Inc PM4328 Datasheet HTML 87Page - PMC-Sierra, Inc PM4328 Datasheet HTML 88Page - PMC-Sierra, Inc PM4328 Datasheet HTML 89Page - PMC-Sierra, Inc PM4328 Datasheet HTML 90Page - PMC-Sierra, Inc PM4328 Datasheet HTML 91Page - PMC-Sierra, Inc PM4328 Datasheet HTML 92Page - PMC-Sierra, Inc PM4328 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 250 page
background image
STANDARD PRODUCT
PM4328 TECT3
DATASHEET
PMC-2011596
ISSUE 1
HIGH DENSITY T1/E1 FRAMER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
76
Figure 12: DJAT Jitter Transfer T1 Modes
0
-10
-20
-30
-40
-50
1
10
100
1k
10k
Jitter Frequency, Hz
Jitter Gain
(dB)
6.6
62411
max
62411
min
DJAT
response
43802
max
The output jitter in E1 mode for jitter frequencies from 0 to 8.8 Hz is no more
than 0.1 dB greater than the input jitter, excluding the residual jitter. Jitter
frequencies above 8.8 Hz are attenuated at a level of 6 dB per octave, as shown
in Figure 13.
Figure 13: DJAT Jitter Transfer E1 Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com