Electronic Components Datasheet Search
  English  ▼

X  

TPS3423 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS3423
Description  TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3423 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3423 Datasheet HTML 1Page - Texas Instruments TPS3423 Datasheet HTML 2Page - Texas Instruments TPS3423 Datasheet HTML 3Page - Texas Instruments TPS3423 Datasheet HTML 4Page - Texas Instruments TPS3423 Datasheet HTML 5Page - Texas Instruments TPS3423 Datasheet HTML 6Page - Texas Instruments TPS3423 Datasheet HTML 7Page - Texas Instruments TPS3423 Datasheet HTML 8Page - Texas Instruments TPS3423 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS3424 X X X X X X X XXX X
Short press
dura on
A: 50 ms
B: 100 msec
C: 200 msec
D: 500 msec
E: 800 msec
F: 1 sec
G: 1.6 sec
H: 2 sec
I: 4 sec
J: 5 sec
K: 6 sec
L: 8 sec
M: 10 sec
N: 12 sec
O: 13 sec
1: SPT Cap
DL – Open Drain ac ve low RESET
DH – Open Drain ac ve high RESET
PL – Push-pull ac ve low RESET
PH – Push-pull ac ve high RESET
AH – Ac ve high push-bu on input
AL – Ac ve low push-bu on input
Package
DRL
Tape/Reel
R: Reel
SINT – Interrupt dura on at short press
LINT – Interrupt dura on at short press
SP – Short press
LP – Long press
RESET pulse Latching op on , RESET pulse width
1: Latched , NA
A: Non-latched (SP: No Reset, LP: RESET at INT), 50 ms
B: Non-latched (SP: RESET post INT, LP: RESET at INT), 50 ms
C: Non-latched (SP: No Reset, LP: RESET at INT) , 100 ms
D: Non-latched (SP: RESET at INT, LP: RESET post INT), 100 ms
E: Non-latched (SP: RESET post INT, LP: RESET at INT), 100 ms
F: Non-latched (SP: No Reset, LP: RESET at INT) , 500 ms
G: Non-latched (SP: No Reset, LP: RESET at INT) , 1 sec
H: Non-latched (SP: No Reset, LP: RESET at INT) , 2 sec
I: Non-latched (SP: No Reset, LP: RESET at INT) , 5 sec
INT dura on
A: SINT = 2 msec, LINT = SINT
8
B: SINT = 50 msec, LINT = SINT
1
C: SINT = 50 msec, LINT = SINT
2
D: SINT = 50 msec, LINT = SINT
4
E: SINT = 100 msec, LINT = SINT
2
F: SINT = 100 msec, LINT = SINT
4
G: SINT = 200 msec, LINT = SINT
2
H: SINT = 200 msec, LINT = SINT
4
I: SINT = 500 msec, LINT = SINT
2
Kill Dura on
1: 50 msec
2: 200 msec
3: 500 msec
4: 1 sec
Long press
dura on
A: 1 sec
B: 1.6 sec
C: 2 sec
D: 4 sec
E: 5 sec
F: 6 sec
G: 7 sec
H: 8 sec
I: 10 sec
J: 12 sec
K: 14 sec
L: 16 sec
M:20 sec
N: 25 sec
O: 30 sec
1: LPT Cap
SPT Cap – Short press dura on is
programmed by load capacitor on
SPT , leave the SPT pin oa ng for
xed short press dura on
LPT Cap – Long press dura on is
programmed by load capacitor on
LPT , leave LPT pin oa ng for long
press
OPN with long press dura on
shorter than short press is not
supported
RESET Topology, PB Topology
A: PH, AL
B: PL, AL
C: DL, AL
D: DH, AL
E: PH, AH
F: PL, AH
G: DL, AH
H: DH, AH
No of Pins
A: 8 Pins
B: 6 pins
Figure 4-3. Single Push-Button Nomenclature
TPS3423/4 belongs to family of devices offering different feature sets as highlighted in Device Information.
Device Information
PART NUMBER
NO. OF PUSH-BUTTONS
PUSH-BUTTON TIMING
OPTION
KILL FEATURE
TPS3423
2
Fixed
No
TPS3424
1
Fixed , programmable with
external capacitor
Yes
TPS3423, TPS3424
SNVSCN9 – SEPTEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS3423 TPS3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com