Electronic Components Datasheet Search
  English  ▼

X  

TPS3423 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS3423
Description  TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3423 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS3423 Datasheet HTML 13Page - Texas Instruments TPS3423 Datasheet HTML 14Page - Texas Instruments TPS3423 Datasheet HTML 15Page - Texas Instruments TPS3423 Datasheet HTML 16Page - Texas Instruments TPS3423 Datasheet HTML 17Page - Texas Instruments TPS3423 Datasheet HTML 18Page - Texas Instruments TPS3423 Datasheet HTML 19Page - Texas Instruments TPS3423 Datasheet HTML 20Page - Texas Instruments TPS3423 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
Push-button controllers play an important role in any human-machine interface (HMI) design. They decode user
inputs from single or multiple button presses, control system power or reset, and perform other essential user
interface functions. TPS3423 and TPS3424 devices are designed to extend the shelf life of battery powered
applications.
8.2 Typical Applications
8.2.1 Power Button Control with TPS3424
TPS3424 is designed for power button applications which need to put the system in deep sleep mode with very
small standby power. TPS3424 controls enable for load switch or DC-DC converter in latched mode of RST pin.
An application diagram is shown in Figure 8-1.
VDD
PB
Kill
INT
SPT
RST
LPT
GND
GND
0
3V
TPS3424
ON
VIN
MCU
Push-bu on
VOUT
GND
TPS22991
Figure 8-1. TPS3424 Application Diagram
8.2.1.1 Design Requirements
Table 8-1 lists the design requirements for Figure 8-1.
Table 8-1. Design Requirements and Results
DESIGN REQUIREMENTS
DESIGN RESULT
Single input
PB
TON = 100ms
tSP= 100ms
TOFF = 1sec
tSP= 1sec
Supply = 3V
VDD = 3V
MCU IO pin current rating < 500uA
INT & KILL pull up = 10kΩ
8.2.1.2 Detailed Design Procedure
Short press on the PB pin triggers the RESET, which enables the load switch TPS22991 and INT signal notifies
to MCU. Load switch TPS22991 can be disabled either by a long press on the PB pin as shown Figure 8-2 or
through KILL pin as shown in Figure 8-3 and Figure 8-4.
www.ti.com
TPS3423, TPS3424
SNVSCN9 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS3423 TPS3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com