Electronic Components Datasheet Search
  English  ▼

X  

TPS3423 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS3423
Description  TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3423 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS3423 Datasheet HTML 9Page - Texas Instruments TPS3423 Datasheet HTML 10Page - Texas Instruments TPS3423 Datasheet HTML 11Page - Texas Instruments TPS3423 Datasheet HTML 12Page - Texas Instruments TPS3423 Datasheet HTML 13Page - Texas Instruments TPS3423 Datasheet HTML 14Page - Texas Instruments TPS3423 Datasheet HTML 15Page - Texas Instruments TPS3423 Datasheet HTML 16Page - Texas Instruments TPS3423 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
7 Detailed Description
7.1 Overview
The TPS3423 & TPS3424 are nano power push-button family which offer wide range of timing option for input
(PB, KILL) and output (RESET, INT) pins. This device family is available in two different pinout with 8 and
6 pin DRL package and various output and input configuration as per Device Comparison to support various
applications.
7.2 Functional Block Diagrams
Push-button Timer
Logic 1
RESET/INT
Logic 1
Oscillator
VDD
GND
RESET1/
RESET1
INT1*
PB1
RESET/INT
Logic 2
Push-button Timer
Logic 2
PB2
RESET2/
RESET2
INT2*
VDD
VDD
1000 k
1000 k
* Available only in 8 pin DRL (SOT5X3) package
Figure 7-1. TPS3423 Block Diagram
Capacitance
Detection
Push-button Timer
Logic
RESET/INT
Logic
Oscillator
VDD
SPT*
LPT*
KILL
GND
RESET/
RESET
INT
PB
1000 k
VDD
* Available only in 8 pin DRL (SOT5X3) package
Figure 7-2. TPS3424 Block Diagram
www.ti.com
TPS3423, TPS3424
SNVSCN9 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS3423 TPS3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com